データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD14060 データシート(PDF) 6 Page - Analog Devices

部品番号 AD14060
部品情報  DSP Multiprocessor Family
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD14060 データシート(HTML) 6 Page - Analog Devices

Back Button AD14060_15 Datasheet HTML 2Page - Analog Devices AD14060_15 Datasheet HTML 3Page - Analog Devices AD14060_15 Datasheet HTML 4Page - Analog Devices AD14060_15 Datasheet HTML 5Page - Analog Devices AD14060_15 Datasheet HTML 6Page - Analog Devices AD14060_15 Datasheet HTML 7Page - Analog Devices AD14060_15 Datasheet HTML 8Page - Analog Devices AD14060_15 Datasheet HTML 9Page - Analog Devices AD14060_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
AD14060/AD14060L
Rev. B | Page 6 of 48
Table 4. Reset
5 V
3.3 V
Parameter
Min
Max
Min
Max
Unit
Reset
Timing Requirements:
tWRST
RESET Pulse Width Low1
4 tCK
4 tCK
ns
tSRST
RESET Setup before CLKIN High2
14 + DT/2
tCK
14 + DT/2
tCK
ns
1 Applies after the power-up sequence is complete. At power-up, the processor’s internal phase-locked loop requires no more than 2000 CLKIN cycles while RESET is
low, assuming stable VDD and CLKIN (not including start-up time of the external clock oscillator).
2 Only required if multiple ADSP-2106xs must come out of reset synchronous to CLKIN with program counters (PC) equal (that is, for a SIMD system). Not required for
multiple ADSP-2106xs communicating over the shared bus (through the external port), because the bus arbitration logic automatically synchronizes itself after reset.
CLKIN
RESET
tWRST
tSRST
Figure 3. Reset
Table 5. Interrupts
5 V
3.3 V
Parameter
Min
Max
Min
Max
Unit
Interrupts
Timing Requirements:
tSIR
IRQ2-0 Setup before CLKIN High1
18 + 3 DT/4
18 + 3 DT/4
ns
tHIR
IRQ2-0 Hold before CLKIN High1
11.5 + 3 DT/4
11.5 + 3 DT/4
ns
tIPW
IRQ2-0 Pulse Width2
2 + tCK
2 + tCK
ns
1 Only required for IRQx recognition in the following cycle.
2 Applies only if tSIR and tHIR requirements are not met.
CLKIN
IRQ2–0
tIPW
tHIR
tSIR
Figure 4. Interrupts


同様の部品番号 - AD14060_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD14060BF-4 AD-AD14060BF-4 Datasheet
744Kb / 44P
   Quad-SHARC DSP Multiprocessor Family
REV. A
AD14060L AD-AD14060L Datasheet
744Kb / 44P
   Quad-SHARC DSP Multiprocessor Family
REV. A
AD14060L AD-AD14060L Datasheet
1Mb / 48P
   DSP Multiprocessor Family
REV. B
AD14060LBF-4 AD-AD14060LBF-4 Datasheet
744Kb / 44P
   Quad-SHARC DSP Multiprocessor Family
REV. A
AD14060L AD-AD14060L_15 Datasheet
1Mb / 48P
   DSP Multiprocessor Family
REV. B
More results

同様の説明 - AD14060_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD14060L AD-AD14060L_15 Datasheet
1Mb / 48P
   DSP Multiprocessor Family
REV. B
AD14160 AD-AD14160 Datasheet
1Mb / 52P
   Quad-SHARC DSP Multiprocessor Family
REV. A
AD14060 AD-AD14060 Datasheet
744Kb / 44P
   Quad-SHARC DSP Multiprocessor Family
REV. A
ADSP21062 AD-ADSP21062 Datasheet
338Kb / 48P
   DSP Microcomputer Family
REV. B
ADSP-2106X AD-ADSP-2106X Datasheet
366Kb / 47P
   DSP Microcomputer Family
REV. B
ADSP-2105KP-40 AD-ADSP-2105KP-40 Datasheet
389Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2101 AD-ADSP-2101_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX AD-ADSP-21XX Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
logo
Cirrus Logic
CS49DV8C CIRRUS-CS49DV8C Datasheet
560Kb / 30P
   32-bit Audio DSP Family
logo
Analog Devices
ADSP-2115KP-80 AD-ADSP-2115KP-80 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com