データシートサーチシステム |
|
AD53032 データシート(PDF) 4 Page - Analog Devices |
|
AD53032 データシート(HTML) 4 Page - Analog Devices |
4 / 8 page –4– REV. 0 AD53032–SPECIFICATIONS ACTIVE LOAD SPECIFICATIONS (All specifications are at TJ = +85 C 5 C, +VS = +12 V 3%, –VS = –7 V = 3% unless otherwise noted. All temperature coefficients are measured at TJ = +75 C to +95 C). Parameter Min Typ Max Units Test Conditions INPUT CHARACTERISTICS INH, INHL Input Voltage –2 0 V IOHC = +1 V, IOLC = +1 V, VCOM = +2 V, VDUT = 0 V Bias Current –250 250 µA INHL, INHL = –2 V, 0 V IOHC Current Program Range IOH = 0 mA to –35 mA 0 3.5 V VDUT = –1.7 V, +8 V IOLC Current Program Range IOL = 0 mA to +35 mA 0 3.5 V VDUT = –3 V, +6.7 V IOHC, IOLC Input Bias Current –300 300 µA IOLC = 0 V, +3.5 V and IOHC = 0 V, +3.5 V IOLRTN, IOHRTN Range –3 8 V IOL = +35 mA, IOH = –35 mA, VDUT = –3 V, +8 V VDUT Range –3 8 V IOL = +35 mA, IOH = –35 mA, IVDUT–VCOMI >1.3 V VDUT Range, IOH = 0 mA to –35 mA –1.7 8 V VDUT –VCOM > 1.3 V VDUT Range, IOL = 0 mA to +35 mA –3 8 V VCOM–VDUT > 1.3 V VCOMI Input Range –3 8 V IOL = +35 mA, IOH = –35 mA OUTPUT CHARACTERISTICS Accuracy Absolute Accuracy Error, Load Current –0.4 – 200 +0.4 + 200 % ISET + µA IOL, IOH = 25 µA–35 mA, VCOM = 0 V, VDUT = ±2 V and IOL = 25 µA–35 mA, VCOM = +8 V, VDUT = +6.7 V and IOH = 25 µA–35 mA, VCOM = –3 V, VDUT = –1.7 V VCOM Buffer Offset Error –50 50 mV IOL, IOH = 35 mA, VCOMI = 0 V Bias Current –10 1 10 µA VCOMI = 0 V Gain Error –0.2 0.2 % IOL, IOH = 35 mA, VCOMI = –2 V to +7 V Linearity Error –10 10 mV IOL, IOH = 35 mA, VCOMI = –2 V to +7 V Output Current TC < ±2 µA/°C Measured at IOH, IOL = 200 µA DYNAMIC PERFORMANCE Propagation Delay ±IMAX to Inhibit 0.8 1.5 2.5 ns VCOM = ±3 V, IOL = +20 mA, IOH = –20 mA Inhibit to ±IMAX 1.5 2.4 4.0 ns VCOM = ±3 V, IOL = +20 mA, IOH = 20 mA Propagation Delay Matching –1.8 1.8 ns I/O Spike <250 mV VCOM = 0 V, IOL = +20 mA, IOH = –20 mA Settling Time to 15 mV <50 ns IOL = +20 mA, IOH = –20 mA, 50 Ω Load, to 15 mV Settling Time to 4 mV <10 µs IOL = +20 mA, IOH = –20 mA, 50 Ω Load, to 4 mV Specifications subject to change without notice. TOTAL FUNCTION SPECIFICATIONS (All specifications are at TJ = +85 C 5 C, +VS = +12 V 3%, –VS = –7 V = 3% unless otherwise noted. All temperature coefficients are measured at TJ = +75 C to +95 C). Parameter Min Typ Max Units Test Conditions OUTPUT CHARACTERISTICS Output Leakage Current, VOUT = –2 V to +7 V –500 +500 nA Output Leakage Current, VOUT = –3 V to +8 V –2 +2 µA Output Capacitance 8 pF Driver and Load INHIBITED POWER SUPPLIES Total Supply Range 19 V Positive Supply 12 V Negative Supply –7 V Positive Supply Current 260 mA Driver = INH, ILOAD Program = 35 mA, Load = Active Negative Supply Current 270 mA Driver = INH, ILOAD Program = 35 mA, Load = Active Total Power Dissipation 5.0 W Driver = INH, ILOAD Program = 35 mA, Load = Active Temperature Sensor Gain Factor 1 µA/K RLOAD = 10 kΩ, VSOURCE = +10 V NOTES Connecting or shorting the decoupling pins to ground will result in the destruction of the device. Specifications subject to change without notice. |
同様の部品番号 - AD53032_15 |
|
同様の説明 - AD53032_15 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |