データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

AD53033 データシート(PDF) 4 Page - Analog Devices

部品番号. AD53033
部品情報  High Performance Driver/Comparator on a Single Chip
ダウンロード  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo 

AD53033 Datasheet(HTML) 4 Page - Analog Devices

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
–4–
REV. 0
AD53033–SPECIFICATIONS
TOTAL FUNCTION SPECIFICATIONS
(All specifications are at TJ = +85 C
5 C, +VS = +12 V
3%, –VS = –7 V =
3% unless otherwise noted. All temperature coefficients are
measured at TJ = +75 C to +95 C).
Parameter
Min
Typ
Max
Units
Test Conditions
OUTPUT CHARACTERISTICS
Output Leakage Current, VOUT = –2 V to +7 V
–500
+500
nA
Output Leakage Current, VOUT = –3 V to +8 V
–2
+2
µA
Output Capacitance
6
pF
Driver INHIBITED
POWER SUPPLIES
Total Supply Range
19
V
Positive Supply
12
V
Negative Supply
–7
V
Positive Supply Current
178
mA
Driver = Active
Negative Supply Current
195
mA
Driver = Active
Total Power Dissipation
3.5
W
Driver = Active
Temperature Sensor Gain Factor
0.7
1
1.4
µA/K
RLOAD = 10 kΩ, VSOURCE = +10 V
NOTES
Connecting or shorting the decoupling pins to ground will result in the destruction of the device.
Specifications subject to change without notice.
Table I. Driver Truth Table
DATA
DATA
IOD
IOD
RLD
RLD
OUTPUT STATE
0
110X
X
VL
1
010X
X
VH
X
X
0101INH
X
X
0110
VTERM
Table II. Comparator Truth Table
OUTPUT STATES
VOUT
LEH
LEH
LEL
LEL
QH
QH
QL
QL
>HCOMP
>LCOMP
1
0
1
01010
>HCOMP
<LCOMP
1
0
1
01001
<HCOMP
>LCOMP
1
0
1
00110
<HCOMP
<LCOMP
1
0
1
00101
X
X
0
1
0
1
QH (t-1)
QH (t-1) QL (t-1)
QL (t-1)


Html ページ

1  2  3  4  5  6 


Datasheet Download




リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn