データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD73460 データシート(PDF) 6 Page - Analog Devices

部品番号 AD73460
部品情報  Six-Input Channel Analog Front End
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD73460 データシート(HTML) 6 Page - Analog Devices

Back Button AD73460_15 Datasheet HTML 2Page - Analog Devices AD73460_15 Datasheet HTML 3Page - Analog Devices AD73460_15 Datasheet HTML 4Page - Analog Devices AD73460_15 Datasheet HTML 5Page - Analog Devices AD73460_15 Datasheet HTML 6Page - Analog Devices AD73460_15 Datasheet HTML 7Page - Analog Devices AD73460_15 Datasheet HTML 8Page - Analog Devices AD73460_15 Datasheet HTML 9Page - Analog Devices AD73460_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
REV. A
AD73460
–6–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD73460 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25
°C, unless otherwise noted.)
AVDD, DVDD to GND . . . . . . . . . . . . . . . –0.3 V to +4.6 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
Digital I/O Voltage to DGND . . . . . –0.3 V to DVDD + 0.3 V
Analog I/O Voltage to AGND . . . . . –0.3 V to AVDD + 0.3 V
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . .
–40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –20
°C to +125°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . 150
°C
PBGA,
θJA Thermal Impedance . . . . . . . . . . . . . . . . . 25°C/W
Reflow Soldering
Maximum Temperature . . . . . . . . . . . . . . . . . . . . . . 225
°C
Time at Maximum Temperature . . . . . . . . . . . . . . . 15 sec
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Options
AD73460BB-80
–40
°C to +85°C
119-Ball Plastic Grid Array
B-119
AD73460BB-40
–40
°C to +85°C
119-Ball Plastic Grid Array
B-119
TIMING CHARACTERISTICS–AFE SECTION*
Limit at
Parameter
TA = –40 C to +85 C
Unit
Description
Clock Signals
See Figure 1
t1
61
ns min
AMCLK Period
t2
24.4
ns min
AMCLK Width High
t3
24.4
ns min
AMCLK Width Low
Serial Port
See Figures 3 and 4
t4
t1
ns min
SCLK Period (SCLK = AMCLK)
t5
0.4
× t1
ns min
SCLK Width High
t6
0.4
× t
1
ns min
SCLK Width Low
t7
20
ns min
SDI/SDIFS Setup Before SCLK Low
t8
0
ns min
SDI/SDIFS Hold After SCLK Low
t9
10
ns max
SDOFS Delay from SCLK High
t10
10
ns max
SDOFS Hold After SCLK High
t11
10
ns max
SDO Hold After SCLK High
t12
10
ns max
SDO Delay from SCLK High
t13
30
ns max
SCLK Delay from AMCLK
*For details of the DSP section timing, please refer to the ADSP-2185L data sheet and the ADSP-2100 Family User’s Manual, Third Edition.
Specifications subject to change without notice.
(AVDD = 3 V to 3.6 V; DVDD = 3 V to 3.6 V; AGND = DGND = 0 V;
TA = TMlN to TMAX, unless otherwise noted.)


同様の部品番号 - AD73460_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD73460BB-40 AD-AD73460BB-40 Datasheet
290Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73460BB-80 AD-AD73460BB-80 Datasheet
290Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
More results

同様の説明 - AD73460_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD73360ARZ AD-AD73360ARZ Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360 AD-AD73360 Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360L AD-AD73360L_15 Datasheet
271Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73360L AD-AD73360L Datasheet
287Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73360L AD-AD73360L_17 Datasheet
302Kb / 33P
   Six-Input Channel Analog Front End
AD73360LARZ AD-AD73360LARZ Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360 AD-AD73360_17 Datasheet
377Kb / 36P
   Six-input Channel Analog Front End
AD73460 AD-AD73460 Datasheet
290Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73360 AD-AD73360_15 Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
logo
Microchip Technology
MCP3913 MICROCHIP-MCP3913 Datasheet
2Mb / 82P
   3V Six-Channel Analog Front End
08/20/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com