データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CB2012T220MV データシート(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

部品番号 CB2012T220MV
部品情報  Wire-wound Chip Inductors for Automotive
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
ホームページ  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

CB2012T220MV データシート(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  CB2012T220MV Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
INDUCTORS (High Reliability Application)
Wire-wound Chip Inductors for Automotive / Industrial Applications (CB series)
CB2012T220MV
Features
Item Summary
22μH(±20%), 135mA, 220mA, 0805
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping 3000pcs
Products characteristics table
CaseSize (EIA/JIS)
0805/2012
Inductance
22μH(±20%)
Inductance Measuring Frequency
2.52MHz
Rated Current -Saturation Current
135mA
Rated Current -Temperature Rise Current
220mA
DC Resistance (max)
2.21Ω
Avg. of DC.Resistance
1.7Ω
Self-resonant Frequency (min)
16MHz
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
2mm ±0.2
W
1.25mm ±0.2
H
1.25mm ±0.2
2015.03.18
1 / 1


同様の部品番号 - CB2012T220MV

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CB2012T220M ETC1-CB2012T220M Datasheet
781Kb / 16P
   WOUND CHIP INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
CB2012T220M TAIYO-YUDEN-CB2012T220M Datasheet
137Kb / 1P
   Wire-wound Chip Power Inductors
CB2012T220M TAIYO-YUDEN-CB2012T220M Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2012T220M TAIYO-YUDEN-CB2012T220M Datasheet
361Kb / 3P
   Wire-wound Ferrite Power Inductors LSQN/LSQPA series for General Electronic Equipment
2021/8/3
CB2012T220M8 TAIYO-YUDEN-CB2012T220M8 Datasheet
295Kb / 3P
   Wire-wound Chip Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (CB series)[CB]
More results

同様の説明 - CB2012T220MV

メーカー部品番号データシート部品情報
logo
Taiyo Yuden (U.S.A.), I...
LB2016T150KV TAIYO-YUDEN-LB2016T150KV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2016T330KV TAIYO-YUDEN-LB2016T330KV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2016T330MV TAIYO-YUDEN-LB2016T330MV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2518T2R2MV TAIYO-YUDEN-LB2518T2R2MV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2518T4R7MV TAIYO-YUDEN-LB2518T4R7MV Datasheet
137Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2518T6R8MV TAIYO-YUDEN-LB2518T6R8MV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2518T100MV TAIYO-YUDEN-LB2518T100MV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2518T151MV TAIYO-YUDEN-LB2518T151MV Datasheet
137Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2518T220KV TAIYO-YUDEN-LB2518T220KV Datasheet
137Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2518T331MV TAIYO-YUDEN-LB2518T331MV Datasheet
137Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2518T470KV TAIYO-YUDEN-LB2518T470KV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com