データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADDAC80Z-CBI-I2 データシート(PDF) 7 Page - Analog Devices

部品番号 ADDAC80Z-CBI-I2
部品情報  Complete Low Cost 12-Bit D/A Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADDAC80Z-CBI-I2 データシート(HTML) 7 Page - Analog Devices

Back Button ADDAC80Z-CBI-I2 Datasheet HTML 3Page - Analog Devices ADDAC80Z-CBI-I2 Datasheet HTML 4Page - Analog Devices ADDAC80Z-CBI-I2 Datasheet HTML 5Page - Analog Devices ADDAC80Z-CBI-I2 Datasheet HTML 6Page - Analog Devices ADDAC80Z-CBI-I2 Datasheet HTML 7Page - Analog Devices ADDAC80Z-CBI-I2 Datasheet HTML 8Page - Analog Devices ADDAC80Z-CBI-I2 Datasheet HTML 9Page - Analog Devices ADDAC80Z-CBI-I2 Datasheet HTML 10Page - Analog Devices ADDAC80Z-CBI-I2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. B
ADDAC80/ADDAC85/ADDAC87
–7–
ORDERING GUIDE
Input
Output
Temperature
Linearity
Package
Model
Code
Mode
Technology
Range
Error
Option1
ADDAC80N-CBI-V
Binary
Voltage
Monolithic
0
°C to 70°C
±1/2 LSB
N-24A
ADDAC80D-CBI-V
Binary
Voltage
Monolithic
0
°C to 70°C
±1/2 LSB
D-24
ADDAC85D-CBI-V
Binary
Voltage
Monolithic
–25
°C to +85°C
±1/2 LSB
D-24
ADDAC87D-CBI-V
Binary
Voltage
Monolithic
–55
°Cto +125°C
±1/2 LSB
D-24
ADDAC80-CBI-V
Binary
Voltage
Hybrid
0
°C to 70°C
±1/2 LSB
DH-24A
ADDAC80-CBI-I
Binary
Current
Hybrid
0
°C to 70°C
±1/2 LSB
DH-24A
ADDAC80-CCD-V
Binary Coded Decimal
Voltage
Hybrid
0
°C to 70°C
±1/4 LSB
DH-24A
ADDAC80-CCD-I
Binary Coded Decimal
Current
Hybrid
0
°C to 70°C
±1/4 LSB
DH-24A
ADDAC80Z-CBI-V2
Binary
Voltage
Hybrid
0
°C to 70°C
±1/2 LSB
DH-24A
ADDAC80Z-CBI-I
2
Binary
Current
Hybrid
0
°C to 70°C
±1/2 LSB
DH-24A
ADDAC80Z-CCD-V
2
Binary Coded Decimal
Voltage
Hybrid
0
°C to 70°C
±1/4 LSB
DH-24A
ADDAC80Z-CCD-I
2
Binary Coded Decimal
Current
Hybrid
0
°C to 70°C
±1/4 LSB
DH-24A
ADDAC85C-CBI-V
3
Binary
Voltage
Hybrid
0
°C to 70°C
±1/2 LSB
DH-24A
ADDAC85C-CBI-I
Binary
Current
Hybrid
0
°C to 70°C
±1/2 LSB
DH-24A
ADDAC85-CBI-V3
Binary
Voltage
Hybrid
–25
°C to +85°C
±1/2 LSB
DH-24A
ADDAC85-CBI-I
3
Binary
Current
Hybrid
–25
°C to +85°C
±1/2 LSB
DH-24A
ADDAC85LD-CBI-V
3
Binary
Voltage
Hybrid
–25
°C to +85°C
±1/2 LSB
DH-24A
ADDAC85LD-CBI-I
3
Binary
Current
Hybrid
–25
°C to +85°C
±1/2 LSB
DH-24A
ADDAC85MIL-CBI-V
3
Binary
Voltage
Hybrid
–55
°C to +125°C
±1/2 LSB
DH-24A
ADDAC85MIL-CBI-I
3
Binary
Current
Hybrid
–55
°C to +125°C
±1/2 LSB
DH-24A
ADDAC85C-CCD-V3
Binary Coded Decimal
Voltage
Hybrid
0
°C to 70°C
±1/4 LSB
DH-24A
ADDAC85C-CCD-I
3
Binary Coded Decimal
Current
Hybrid
0
°C to 70°C
±1/4 LSB
DH-24A
ADDAC85-CCD-V
3
Binary Coded Decimal
Voltage
Hybrid
–25
°C to +85°C
±1/4 LSB
DH-24A
ADDAC85-CCD-I
3
Binary Coded Decimal
Current
Hybrid
–25
°C to +85°C
±1/4 LSB
DH-24A
ADDAC85MILCBII8
Binary
Current
Hybrid
–55
°C to +125°C
±1/2 LSB
DH-24A
ADDAC85MILCBIV8
Binary
Voltage
Hybrid
–55
°C to +125°C
±1/2 LSB
DH-24A
ADDAC87-CBI-V3
Binary
Voltage
Hybrid
–55
°C to +125°C
±1/2 LSB
DH-24A
ADDAC87-CBI-I
3
Binary
Current
Hybrid
–55
°C to +125°C
±1/2 LSB
DH-24A
ADDAC87-CBII883
Binary
Current
Hybrid
–55
°C to +125°C
±1/2 LSB
DH-24A
ADDAC87-CBIV883
Binary
Voltage
Hybrid
–55
°C to +125°C
±1/2 LSB
DH-24A
NOTES
1For outline information see Package Information section.
2Z-Suffix devices guarantee performance of 0 V to +5 V and
±5 V spans with minimum supply voltages of ± 11.4 V.
3These models have been discontinued. This is for historical information only.
PRODUCT OFFERING
Analog Devices has developed a number of technologies to
support products within the data acquisition market. In serving
the market new products are implemented with the technology
best suited to the application. The DAC80 series of products was
first implemented in hybrid form and now it is available in a single
monolithic chip. We will provide both the hybrid and mono-
lithic versions of the family so that in existing designs changes to
documentation or product qualification will not have to be done.
Specifications and ordering information for both versions are
delineated in this data sheet.
DIGITAL INPUT CODES
The ADDAC80 Series accepts complementary digital input
code in binary (CBI) format. The CBI model may be connected
by the user for anyone of three complementary codes: CSB,
COB or CTC.
Table I. Digital Input Codes
Digital Input
Analog Input
CSB
COB
CTC*
Compl.
Compl.
Compl.
Straight
Offset
Two’s
MSB
LSB
Binary
Binary
Compl.
000000000000
+Full-Scale
+Full-Scale
–1 LSB
011111111111
+1/2 Full-Scale
Zero
–Full-Scale
100000000000
Midscale
–1 LSB
+Full-Scale
111111111111
Zero
–Full-Scale
Zero
*Invert the MSB of the COB code with an external inverter to obtain CTC code.


同様の部品番号 - ADDAC80Z-CBI-I2

メーカー部品番号データシート部品情報
logo
Analog Devices
ADDAC80Z-CBI-I AD-ADDAC80Z-CBI-I Datasheet
774Kb / 12P
   COMPLETE LOW COST 12-BIT D/A CONVERTERS
REV. A
More results

同様の説明 - ADDAC80Z-CBI-I2

メーカー部品番号データシート部品情報
logo
Analog Devices
ADDAC80 AD-ADDAC80 Datasheet
774Kb / 12P
   COMPLETE LOW COST 12-BIT D/A CONVERTERS
REV. A
ADDAC80NZ-CBI-V AD-ADDAC80NZ-CBI-V Datasheet
212Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
ADDAC87D-CBI-V883 AD-ADDAC87D-CBI-V883 Datasheet
284Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
ADDAC87 AD-ADDAC87_15 Datasheet
232Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
ADDAC85 AD-ADDAC85_15 Datasheet
232Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B Datasheet
247Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774BJNZ AD-AD774BJNZ Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674BTE AD-AD674BTE Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com