データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADF4001BRU-REEL データシート(PDF) 1 Page - Analog Devices

部品番号 ADF4001BRU-REEL
部品情報  200 MHz Clock Generator PLL
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADF4001BRU-REEL データシート(HTML) 1 Page - Analog Devices

  ADF4001BRU-REEL Datasheet HTML 1Page - Analog Devices ADF4001BRU-REEL Datasheet HTML 2Page - Analog Devices ADF4001BRU-REEL Datasheet HTML 3Page - Analog Devices ADF4001BRU-REEL Datasheet HTML 4Page - Analog Devices ADF4001BRU-REEL Datasheet HTML 5Page - Analog Devices ADF4001BRU-REEL Datasheet HTML 6Page - Analog Devices ADF4001BRU-REEL Datasheet HTML 7Page - Analog Devices ADF4001BRU-REEL Datasheet HTML 8Page - Analog Devices ADF4001BRU-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
a
ADF4001
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax:
©
Analog Devices, Inc. All rights reserved.
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
REV.
200 MHz Clock Generator PLL
FUNCTIONAL BLOCK DIAGRAM
RFINA
RFINB
13-BIT
N COUNTER
LOCK DETECT
CURRENT
SETTING 1
CPI3
CPI2
CPI1 CPI6 CPI5
CPI4
M1
M3
M2
SDOUT
AVDD
REFIN
CLK
DATA
LE
AVDD
DVDD
VP
CPGND
RSET
14-BIT
R COUNTER
R COUNTER
LATCH
FUNCTION
LATCH
24-BIT
INPUT REGISTER
N COUNTER
LATCH
SDOUT
22
14
ADF4001
MUXOUT
MUX
HIGH Z
CURRENT
SETTING 2
CHARGE
PUMP
CP
CE
AGND
DGND
PHASE
FREQUENCY
DETECTOR
REFERENCE
13
FEATURES
200 MHz Bandwidth
2.7 V to 5.5 V Power Supply
Separate Charge Pump Supply (VP) Allows Extended
Tuning Voltage in 5 V Systems
Programmable Charge Pump Currents
3-Wire Serial Interface
Hardware and Software Power-Down Mode
Analog and Digital Lock Detect
Hardware Compatible to the ADF4110/ADF4111/
ADF4112/ADF4113
Typical Operating Current 4.5 mA
Ultralow Phase Noise
16-Lead TSSOP
20-Lead LFCSP
APPLICATIONS
Clock Generation
Low Frequency PLLs
Low Jitter Clock Source
Clock Smoothing
Frequency Translation
SONET, ATM, ADM, DSLAM, SDM
GENERAL DESCRIPTION
The ADF4001 clock generator can be used to implement clock
sources for PLLs that require very low noise, stable reference
signals. It consists of a low noise digital PFD (phase frequency
detector), a precision charge pump, a programmable reference
divider, and a programmable 13-bit N counter. In addition, the
14-bit reference counter (R counter) allows selectable REFIN
frequencies at the PFD input. A complete PLL (phase-locked
loop) can be implemented if the synthesizer is used with an exter-
nal loop filter and VCO (voltage controlled oscillator) or
VCXO (voltage controlled crystal oscillator). The N minimum
value of 1 allows flexibility in clock generation.
2013
781/461-3113
B


同様の部品番号 - ADF4001BRU-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
ADF4001BRU-REEL AD-ADF4001BRU-REEL Datasheet
860Kb / 17P
   200 MHz Clock Generator PLL
REV. B
ADF4001BRU-REEL7 AD-ADF4001BRU-REEL7 Datasheet
860Kb / 17P
   200 MHz Clock Generator PLL
REV. B
More results

同様の説明 - ADF4001BRU-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
ADF4001 AD-ADF4001_03 Datasheet
860Kb / 17P
   200 MHz Clock Generator PLL
REV. B
ADF4001 AD-ADF4001 Datasheet
190Kb / 16P
   200 MHz Clock Generator PLL
REV. 0
logo
Integrated Device Techn...
ICS514 IDT-ICS514 Datasheet
192Kb / 7P
   PLL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS514 ICST-ICS514 Datasheet
42Kb / 4P
   LOCO??PLL Clock Generator
logo
Cypress Semiconductor
CY26114 CYPRESS-CY26114 Datasheet
50Kb / 5P
   One-PLL Clock Generator
logo
Renesas Technology Corp
RD151TS502US RENESAS-RD151TS502US Datasheet
101Kb / 7P
   PLL clock generator series
logo
Motorola, Inc
MPC9100 MOTOROLA-MPC9100 Datasheet
111Kb / 8P
   DUAL PLL CLOCK GENERATOR
logo
Renesas Technology Corp
RD151TS501US RENESAS-RD151TS501US_15 Datasheet
121Kb / 9P
   PLL clock generator series
RD151TS501US RENESAS-RD151TS501US Datasheet
101Kb / 7P
   PLL clock generator series
logo
Integrated Circuit Syst...
ICS513 ICST-ICS513 Datasheet
61Kb / 4P
   LOCO??PLL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com