データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADF4157 データシート(PDF) 3 Page - Analog Devices

部品番号 ADF4157
部品情報  High Resolution 6 GHz Fractional-N Frequency Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADF4157 データシート(HTML) 3 Page - Analog Devices

  ADF4157_15 Datasheet HTML 1Page - Analog Devices ADF4157_15 Datasheet HTML 2Page - Analog Devices ADF4157_15 Datasheet HTML 3Page - Analog Devices ADF4157_15 Datasheet HTML 4Page - Analog Devices ADF4157_15 Datasheet HTML 5Page - Analog Devices ADF4157_15 Datasheet HTML 6Page - Analog Devices ADF4157_15 Datasheet HTML 7Page - Analog Devices ADF4157_15 Datasheet HTML 8Page - Analog Devices ADF4157_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADF4157
Rev. D | Page 3 of 24
SPECIFICATIONS
AVDD = DVDD = 2.7 V to 3.3 V; VP = AVDD to 5.5 V; AGND = DGND = 0 V; TA = TMIN to TMAX, unless otherwise noted;
dBm referred to 50 Ω.
Table 1.
Parameter
B Version1
Unit
Test Conditions/Comments
RF CHARACTERISTICS (3 V)
RF Input Frequency (RFIN)
0.5/6.0
GHz min/max
−10 dBm/0 dBm min/max; for lower frequencies, ensure slew rate
(SR) > 400 V/µs
REFERENCE CHARACTERISTICS
REFIN Input Frequency
10/300
MHz min/max
For fREFIN < 10 MHz, ensure slew rate > 50 V/µs
REFIN Input Sensitivity
0.4/AVDD
V p-p min/max
For 10 MHz < fREFIN < 250 MHz, biased at AVDD/22
0.7/AVDD
V p-p min/max
For 250 MHz < fREFIN < 300 MHz, biased at AVDD/22
REFIN Input Capacitance
10
pF max
REFIN Input Current
±100
µA max
PHASE DETECTOR
Phase Detector Frequency3
32
MHz max
CHARGE PUMP
ICP Sink/Source
Programmable
High Value
5
mA typ
With RSET = 5.1 kΩ
Low Value
312.5
µA typ
Absolute Accuracy
2.5
% typ
With RSET = 5.1 kΩ
RSET Range
2.7/10
kΩ min/max
ICP Three-State Leakage Current
1
nA typ
Sink and source current
Matching
2
% typ
0.5 V < VCP < VP – 0.5
ICP vs. VCP
2
% typ
0.5 V < VCP < VP – 0.5
ICP vs. Temperature
2
% typ
VCP = VP/2
LOGIC INPUTS
VINH, Input High Voltage
1.4
V min
VINL, Input Low Voltage
0.6
V max
IINH/IINL, Input Current
±1
µA max
CIN, Input Capacitance
10
pF max
LOGIC OUTPUTS
VOH, Output High Voltage
1.4
V min
Open-drain 1 kΩ pull-up to 1.8 V
VOH, Output High Voltage
VDD – 0.4
V min
CMOS output chosen
VOL, Output Low Voltage
0.4
V max
IOL = 500 µA
POWER SUPPLIES
AVDD
2.7/3.3
V min/max
DVDD
AVDD
VP
AVDD/5.5
V min/V max
IDD
29
mA max
23 mA typical
Low Power Sleep Mode
10
µA typ
NOISE CHARACTERISTICS
Normalized Phase Noise Floor
(
PN
SYNTH)
4
−211
dBc/Hz typ
PLL loop B/W = 500 kHz;
measured at 100 kHz
Normalized 1/f Noise (PN1_f)5
−110
dBc/Hz typ
10 kHz offset; normalized to 1 GHz
Phase Noise Floor6
−137
dBc/Hz typ
@ 10 MHz PFD frequency
−133
dBc/Hz typ
@ 25 MHz PFD frequency
Phase Noise Performance7
@ VCO output
5800 MHz Output8
−87
dBc/Hz typ
@ 2 kHz offset, 25 MHz PFD frequency
1 Operating temperature of B version is −40°C to +85°C.
2 AC-coupling ensures AV
DD/2 bias.
3 Guaranteed by design. Sample tested to ensure compliance.
4 The synthesizer phase noise floor is estimated by measuring the in-band phase noise at the output of the VCO and subtracting 20 log(N) (where N is the N divider
value) and 10 log(FPFD). PNSYNTH = PNTOT − 10 log(FPFD) − 20 log(N).
5 The PLL phase noise is composed of 1/f (flicker) noise plus the normalized PLL noise floor. The formula for calculating the 1/f noise contribution at an RF frequency, F
RF,
and at a frequency offset f is given by PN = PN1_f + 10 log(10 kHz/f) + 20 log(FRF/1 GHz). Both the normalized phase noise floor and flicker noise are modeled in ADIsimPLL.
6 The synthesizer phase noise floor is estimated by measuring the in-band phase noise at the output of the VCO and subtracting 20logN (where N is the N divider value).
7 The phase noise is measured with the EV-ADF4157SD1Z and the Agilent E5052A phase noise system.
8 f
REFIN = 100 MHz; fPFD = 25 MHz; offset frequency = 2 kHz; RFOUT = 5800.25 MHz; N = 232; loop bandwidth = 20 kHz.


同様の部品番号 - ADF4157_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADF4157BCPZ-RL1 AD-ADF4157BCPZ-RL1 Datasheet
399Kb / 20P
   High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4157BCPZ-RL71 AD-ADF4157BCPZ-RL71 Datasheet
399Kb / 20P
   High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4157BCPZ1 AD-ADF4157BCPZ1 Datasheet
399Kb / 20P
   High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4157BRUZ-RL1 AD-ADF4157BRUZ-RL1 Datasheet
399Kb / 20P
   High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4157BRUZ-RL71 AD-ADF4157BRUZ-RL71 Datasheet
399Kb / 20P
   High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. 0
More results

同様の説明 - ADF4157_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADF4157 AD-ADF4157 Datasheet
399Kb / 20P
   High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4156 AD-ADF4156 Datasheet
421Kb / 24P
   6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
   6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
logo
Cirrus Logic
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
   Fractional-N Frequency Synthesizer
CS2200-CP CIRRUS-CS2200-CP_09 Datasheet
218Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_15 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com