データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM1316 データシート(PDF) 3 Page - KODENSHI_AUK CORP.

部品番号 SM1316
部品情報  CHip LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KODENSHI [KODENSHI_AUK CORP.]
ホームページ  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SM1316 データシート(HTML) 3 Page - KODENSHI_AUK CORP.

  SM1316 Datasheet HTML 1Page - KODENSHI_AUK CORP. SM1316 Datasheet HTML 2Page - KODENSHI_AUK CORP. SM1316 Datasheet HTML 3Page - KODENSHI_AUK CORP. SM1316 Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AUK CORP.
SM1316
The contents of this data sheet are subject to change without advance notice for the purpose of improvement.
When using this product, would you please refer to the latest specifications.
Rev.Odate:08-AUG-11
AUK-LDM-001(A)
5. Electrical / Optical Characteristics
(Ta=25
oC)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF= 20mA
2.0
-
2.4
V
*3 Luminous intensity
IV
IF= 20mA
4
-
17
mcd
Peak wavelength
λP
IF= 20mA
562
568
574
nm
Spectrum bandwidth
λ
IF= 20mA
-
30
-
nm
Reverse current
IR
VR=4V
-
-
10
uA
*4 Half angle
θ/2
X
IF= 20mA
-
±
65
-
deg
Y
-
±
70
-
*3.The test result of IF=20mA is only for reference
*4.θ/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity
◆ VF / IV / λP Grade Classification (Ta=25℃)
Test Condition @ IF=20mA
Forward Voltage [V]
Luminous Intensity [mcd]
Peak Wavelength [nm]
1 : 2.0~2.2
E : 4~6
a : 562~568
F : 6~10
2 : 2.2~2.4
b : 568~574
G : 10~17
(Each VF, IV, λP range did not consider a margin. Please refer to ±0.1V of VF range,
±18% of IV range, ±1nm of λP range as a permitted limit and do not use to combine
grade classification. It must be used separately grade classification)
* Recommended Soldering Land Pattern


同様の部品番号 - SM1316

メーカー部品番号データシート部品情報
logo
AUK corp
SM1316 AUK-SM1316 Datasheet
180Kb / 3P
   Chip LED Lamp
SM1316 AUK-SM1316 Datasheet
200Kb / 5P
   Chip LED
logo
Stealth Microwave, Inc.
SM1316-42L STEALTH_MICROWAVE-SM1316-42L Datasheet
130Kb / 3P
   1300-1600 MHz 16 Watt Ultra Linear Power Amplifier
logo
AUK corp
SM1316-D AUK-SM1316-D Datasheet
263Kb / 4P
   Chip LED Lamp
SM1316-D AUK-SM1316-D Datasheet
201Kb / 5P
   Chip LED
More results

同様の説明 - SM1316

メーカー部品番号データシート部品情報
logo
AUK corp
SM2233-D AUK-SM2233-D Datasheet
206Kb / 4P
   Chip LED
SM2333 AUK-SM2333 Datasheet
171Kb / 4P
   Chip LED
SR2332-V AUK-SR2332-V Datasheet
173Kb / 4P
   Chip LED
SR2333-V AUK-SR2333-V Datasheet
204Kb / 4P
   Chip LED
SA1316 AUK-SA1316_1 Datasheet
191Kb / 5P
   Chip LED
SM1316-L AUK-SM1316-L_1 Datasheet
200Kb / 5P
   Chip LED
logo
EPIGAP optoelectronic G...
ELC-460-34 EPIGAP-ELC-460-34 Datasheet
101Kb / 1P
   LED - Chip
logo
Everlight Electronics C...
24-21UYC EVERLIGHT-24-21UYC Datasheet
156Kb / 9P
   Chip LED
logo
EPIGAP optoelectronic G...
ELC-525-31-2 EPIGAP-ELC-525-31-2 Datasheet
30Kb / 1P
   LED - Chip
ELC-595-29-50 EPIGAP-ELC-595-29-50 Datasheet
85Kb / 1P
   LED - Chip
ELC-635-14-3 EPIGAP-ELC-635-14-3 Datasheet
99Kb / 1P
   LED - Chip
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com