データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CBC2518T680MV データシート(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

部品番号 CBC2518T680MV
部品情報  Wire-wound Chip Inductors for Automotive
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
ホームページ  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

CBC2518T680MV データシート(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  CBC2518T680MV Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
INDUCTORS (High Reliability Application)
Wire-wound Chip Inductors for Automotive / Industrial Applications (CB series)
CBC2518T680MV
Features
Item Summary
68μH(±20%), 200mA, 140mA, 1007
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping 2000pcs
Products characteristics table
CaseSize (EIA/JIS)
1007/2518
Inductance
68μH(±20%)
Inductance Measuring Frequency
2.52MHz
Rated Current -Saturation Current
200mA
Rated Current -Temperature Rise Current
140mA
DC Resistance (max)
3.64Ω
Avg. of DC.Resistance
2.8Ω
Self-resonant Frequency (min)
9.5MHz
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
2.5mm ±0.2
W
1.8mm ±0.2
H
1.8mm ±0.2
2015.03.18
1 / 1


同様の部品番号 - CBC2518T680MV

メーカー部品番号データシート部品情報
logo
Taiyo Yuden (U.S.A.), I...
CBC2518T680M TAIYO-YUDEN-CBC2518T680M Datasheet
143Kb / 1P
   Wire-wound Chip Power Inductors
CBC2518T680M TAIYO-YUDEN-CBC2518T680M Datasheet
283Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CBC]
CBC2518T680M TAIYO-YUDEN-CBC2518T680M Datasheet
363Kb / 3P
   Wire-wound Ferrite Power Inductors LSQN/LSQPA series for General Electronic Equipment
2021/8/3
CBC2518T680M8 TAIYO-YUDEN-CBC2518T680M8 Datasheet
277Kb / 2P
   Wire-wound Chip Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (CB series)[CBC]
CBC2518T680M TAIYO-YUDEN-CBC2518T680M_19 Datasheet
283Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CBC]
More results

同様の説明 - CBC2518T680MV

メーカー部品番号データシート部品情報
logo
Taiyo Yuden (U.S.A.), I...
LB2016T150KV TAIYO-YUDEN-LB2016T150KV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2016T330KV TAIYO-YUDEN-LB2016T330KV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2016T330MV TAIYO-YUDEN-LB2016T330MV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2518T2R2MV TAIYO-YUDEN-LB2518T2R2MV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2518T4R7MV TAIYO-YUDEN-LB2518T4R7MV Datasheet
137Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2518T6R8MV TAIYO-YUDEN-LB2518T6R8MV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2518T100MV TAIYO-YUDEN-LB2518T100MV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2518T151MV TAIYO-YUDEN-LB2518T151MV Datasheet
137Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2518T220KV TAIYO-YUDEN-LB2518T220KV Datasheet
137Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2518T331MV TAIYO-YUDEN-LB2518T331MV Datasheet
137Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2518T470KV TAIYO-YUDEN-LB2518T470KV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com