データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADF4219L データシート(PDF) 7 Page - Analog Devices

部品番号 ADF4219L
部品情報  Dual Low Power Frequency Synthesizers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADF4219L データシート(HTML) 7 Page - Analog Devices

Back Button ADF4219L_15 Datasheet HTML 3Page - Analog Devices ADF4219L_15 Datasheet HTML 4Page - Analog Devices ADF4219L_15 Datasheet HTML 5Page - Analog Devices ADF4219L_15 Datasheet HTML 6Page - Analog Devices ADF4219L_15 Datasheet HTML 7Page - Analog Devices ADF4219L_15 Datasheet HTML 8Page - Analog Devices ADF4219L_15 Datasheet HTML 9Page - Analog Devices ADF4219L_15 Datasheet HTML 10Page - Analog Devices ADF4219L_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
REV. C
ADF4217L/ADF4218L/ADF4219L
–7–
RF INPUT FREQUENCY – GHz
0
0.5
1.5
2.5
1.0
2.0
3.0
0
–5
–10
–15
–20
–25
–30
–35
–40
VDD = 3V
VP = 3V
3.5
TA = 25 C
TPC 1. Input Sensitivity, RF Input
IF INPUT FREQUENCY – GHz
0
–5
0.1
0.6
1.1
1.6
–10
–15
–20
–25
–30
–35
–40
VDD = 3V
VP = 3V
TPC 2. Input Sensitivity, IF Input
–2kHz
–1kHz
1960MHz
1kHz
2kHz
VDD = 3V, VP = 5V
ICP = 4.0mA
PFD FREQUENCY = 200kHz
RES. BANDWIDTH = 10Hz
VIDEO BANDWIDTH = 10Hz
SWEEP = 1.9 SECONDS
AVERAGES = 20
REFERENCE
LEVEL = –11.2dBm
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–83dBc/Hz
FREQUENCY
TPC 3. Phase Noise, RF Side (1960 MHz, 200 kHz, 20 kHz)
–400kHz
FREQUENCY
VDD = 3V, VP = 5V
ICP = 4mA
PFD FREQUENCY = 200kHz
RES. BANDWIDTH = 1kHz
VIDEO BANDWIDTH = 1kHz
SWEEP = 2.5 SECONDS
AVERAGES = 10
0
–60
–100
–10
–50
–70
–90
–30
–40
–80
–20
REFERENCE
LEVEL = –11.2dBm
–78dBc
–200kHz
1960MHz
200kHz
400kHz
TPC 4. Reference Spurs, RF Side
(1960 MHz, 200 kHz, 20 kHz)
10dB/DIVISION
RL = –40dBc/Hz
rms NOISE = 1.2
100Hz
FREQUENCY OFFSET FROM 1960MHz CARRIER
1MHz
1.2 rms
–90
–80
–70
–60
–50
–40
–100
–110
–120
–130
–140
TPC 5. Integrated Phase Noise, RF Side
(1960 MHz, 200 kHz, 20 kHz)
–2kHz
–1kHz
900MHz
1kHz
2kHz
FREQUENCY
VDD = 3V, VP = 5V
ICP = 4mA
PFD FREQUENCY = 200kHz
RES. BANDWIDTH = 10Hz
VIDEO BANDWIDTH = 10Hz
SWEEP = 1.9 SECONDS
AVERAGES = 20
0
–60
–100
–10
–50
–70
–90
–30
–40
–80
–20
REFERENCE
LEVEL = –4.2dBm
–87dBc/Hz
TPC 6. Phase Noise, IF Side (900 MHz, 200 kHz, 20 kHz)
Typical Performance Characteristics–


同様の部品番号 - ADF4219L_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADF4219LBCC AD-ADF4219LBCC Datasheet
273Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4219LBRU AD-ADF4219LBRU Datasheet
273Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
More results

同様の説明 - ADF4219L_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADF4217L AD-ADF4217L Datasheet
273Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4218L AD-ADF4218L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4217L AD-ADF4217L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
logo
Texas Instruments
LMX2485Q-Q1 TI1-LMX2485Q-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   Low Power Dual PLLatinum Frequency Synthesizers
LMX2486 TI1-LMX2486_16 Datasheet
1Mb / 47P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
LMX2487 TI1-LMX2487 Datasheet
1Mb / 49P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
LMX2487E TI1-LMX2487E Datasheet
1Mb / 47P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
logo
Sanyo Semicon Device
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
   Dual-PLL Frequency Synthesizers?
LM7007M SANYO-LM7007M Datasheet
228Kb / 9P
   Dual-PLL Frequency Synthesizers
logo
Analog Devices
ADF4207 AD-ADF4207_15 Datasheet
226Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com