データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADF4219L データシート(PDF) 2 Page - Analog Devices

部品番号 ADF4219L
部品情報  Dual Low Power Frequency Synthesizers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADF4219L データシート(HTML) 2 Page - Analog Devices

  ADF4219L_15 Datasheet HTML 1Page - Analog Devices ADF4219L_15 Datasheet HTML 2Page - Analog Devices ADF4219L_15 Datasheet HTML 3Page - Analog Devices ADF4219L_15 Datasheet HTML 4Page - Analog Devices ADF4219L_15 Datasheet HTML 5Page - Analog Devices ADF4219L_15 Datasheet HTML 6Page - Analog Devices ADF4219L_15 Datasheet HTML 7Page - Analog Devices ADF4219L_15 Datasheet HTML 8Page - Analog Devices ADF4219L_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
REV. C
–2–
ADF4217L/ADF4218L/ADF4219L–SPECIFICATIONS1
(VDD1 = VDD2 = 2.6 V to 3.3 V; VP1, VP2 = VDD to 5.5 V; AGND = DGND = 0 V; TA = TMIN to TMAX, unless otherwise noted.)
BChips
2
Parameter
B Version
1
(Typical)
Unit
Test Conditions/Comments
RF CHARACTERISTICS
Use a square wave for operation
below minimum frequency spec.
RF Input Frequency (RFIN)
ADF4217L, ADF4218L
0.15/3.0
0.15/3.0
GHz min/max
–10 dBm minimum input signal
ADF4217L, ADF4218L
0.15/2.5
0.15/2.5
GHz min/max
–15 dBm minimum input signal
ADF4219L
0.8/2.2
0.8/2.2
GHz min/max
–20 dBm minimum input signal
RF Input Sensitivity
ADF4217L, ADF4218L
–15/0
–15/0
dBm min/max
ADF4219L
–20/0
–20/0
dBm min/max
IF Input Frequency (IFIN)
ADF4217L/ADF4218L
0.045/1.1
0.045/1.1
GHz min/max
–15 dBm minimum input signal
ADF4219L P = 16/17
0.045/1.0
0.045/1.0
GHz min/max
–10 dBm minimum input signal
ADF4219L P = 8/9
0.045/0.55
0.045/0.55
GHz min/max
–10 dBm minimum input signal
IF Input Sensitivity
–15/0
–15/0
dBm min/max
Maximum Allowable Prescaler
Output Frequency
3
188
188
MHz max
REFIN CHARACTERISTICS
Reference Input Frequency
10/110
10/110
MHz min/max
For f < 10 MHz, use dc-coupled
square wave, (0 to VDD).
Reference Input Sensitivity
0.5
0.5
V p-p min
AC-coupled. When dc-coupled,
0 to VDD max.
REFIN Input Capacitance
10
10
pF max
(CMOS compatible)
REFIN Input Current
±100
±100
µA max
PHASE DETECTOR
Phase Detector Frequency
4
56
56
MHz max
CHARGE PUMP
ICP Sink/Source
High Value
4
4
mA typ
Low Value
1
1
mA typ
Absolute Accuracy
1
1
% typ
ICP Three-State Leakage Current
1
1
nA typ
Sink and Source Current Matching
6
6
% max
0.5 V < VCP < VP – 0.5, 1% typ
ICP vs. VCP
55% max
0.5 V < VCP < VP – 0.5, 0.1% typ
ICP vs. Temperature
2
2
% typ
VCP = VP/2
LOGIC INPUTS
VINH, Input High Voltage
1.4
1.4
V min
VINL, Input Low Voltage
0.6
0.6
V max
IINH/IINL, Input Current
±1
±1
µA max
CIN, Input Capacitance
10
10
pF max
Reference Input Current
±100
±100
µA max
LOGIC OUTPUTS
VOH, Output High Voltage
VDD – 0.4
VDD – 0.4
V min
IOH = 1 mA
VOL, Output Low Voltage
0.4
0.4
V max
IOL = 1 mA
POWER SUPPLIES
VDD1
2.6/3.3
2.6/3.3
V min/V max
VDD2VDD1VDD1
VP1, VP2VDD1/5.5 V
VDD1/5.5 V
V min/V max
IDD (RF + IF)
5
10
10
mA max
7.1 mA typ
(RF only)
5
77mA
4.7 mA typ
(IF only)
5
55mA
3.4 mA typ
IP (IP1 + IP2)
0.6
0.6
mA typ
TA = 25
°C
Low Power Sleep Mode
1
1
µA typ


同様の部品番号 - ADF4219L_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADF4219LBCC AD-ADF4219LBCC Datasheet
273Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4219LBRU AD-ADF4219LBRU Datasheet
273Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
More results

同様の説明 - ADF4219L_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADF4217L AD-ADF4217L Datasheet
273Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4218L AD-ADF4218L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4217L AD-ADF4217L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
logo
Texas Instruments
LMX2485Q-Q1 TI1-LMX2485Q-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   Low Power Dual PLLatinum Frequency Synthesizers
LMX2486 TI1-LMX2486_16 Datasheet
1Mb / 47P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
LMX2487 TI1-LMX2487 Datasheet
1Mb / 49P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
LMX2487E TI1-LMX2487E Datasheet
1Mb / 47P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
logo
Sanyo Semicon Device
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
   Dual-PLL Frequency Synthesizers?
LM7007M SANYO-LM7007M Datasheet
228Kb / 9P
   Dual-PLL Frequency Synthesizers
logo
Analog Devices
ADF4207 AD-ADF4207_15 Datasheet
226Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com