データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADF7020 データシート(PDF) 5 Page - Analog Devices

部品番号 ADF7020
部品情報  High Performance, ISM Band, FSK/ASK Transceiver IC
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADF7020 データシート(HTML) 5 Page - Analog Devices

  ADF7020_15 Datasheet HTML 1Page - Analog Devices ADF7020_15 Datasheet HTML 2Page - Analog Devices ADF7020_15 Datasheet HTML 3Page - Analog Devices ADF7020_15 Datasheet HTML 4Page - Analog Devices ADF7020_15 Datasheet HTML 5Page - Analog Devices ADF7020_15 Datasheet HTML 6Page - Analog Devices ADF7020_15 Datasheet HTML 7Page - Analog Devices ADF7020_15 Datasheet HTML 8Page - Analog Devices ADF7020_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
Data Sheet
ADF7020
Rev. D | Page 5 of 48
SPECIFICATIONS
VDD = 2.3 V to 3.6 V, GND = 0 V, TA = TMIN to TMAX, unless otherwise noted. Typical specifications are at VDD = 3 V, TA = 25°C.
All measurements are performed using the EVAL-ADF7020DBZx using the PN9 data sequence, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions
RF CHARACTERISTICS
Frequency Ranges (Direct Output)
862
870
MHz
VCO adjust = 0, VCO bias = 10
902
928
MHz
VCO adjust = 3, VCO bias = 10
928
956
MHz
VCO adjust = 3, VCO bias = 12, VDD = 2.7 V to 3.6 V
Frequency Ranges (Divide-by-2 Mode)
431
440
MHz
VCO adjust = 0, VCO bias = 10
440
478
MHz
VCO adjust = 3, VCO bias = 12
Phase Frequency Detector Frequency
RF/256
24
MHz
TRANSMISSION PARAMETERS
Data Rate
FSK/GFSK
0.15
200
kbps
OOK/ASK
0.15
641
kbps
OOK/ASK
0.3
100
kbaud
Using Manchester encoding
Frequency Shift Keying
GFSK/FSK Frequency Deviation2, 3
1
110
kHz
PFD = 3.625 MHz
4.88
620
kHz
PFD = 20 MHz
Deviation Frequency Resolution
100
Hz
PFD = 3.625 MHz
Gaussian Filter BT
0.5
Amplitude Shift Keying
ASK Modulation Depth
30
dB
PA Off Feedthrough in OOK Mode
−50
dBm
Transmit Power4
−20
+13
dBm
VDD = 3.0 V, TA = 25°C
Transmit Power Variation vs.
Temperature
±1
dB
From −40°C to +85°C
Transmit Power Variation vs. VDD
±1
dB
From 2.3 V to 3.6 V at 915 MHz, TA = 25°C
Transmit Power Flatness
±1
dB
From 902 MHz to 928 MHz, 3 V, TA = 25°C
Programmable Step Size
−20 dBm to +13 dBm
0.3125
dB
Integer Boundary
−55
dBc
50 kHz loop BW
Reference
−65
dBc
Harmonics
Second Harmonic
−27
dBc
Unfiltered conductive
Third Harmonic
−21
dBc
All Other Harmonics
−35
dBc
VCO Frequency Pulling, OOK Mode
30
kHz rms
DR = 9.6 kbps
Optimum PA Load Impedance5
39 + j61
FRF = 915 MHz
48 + j54
FRF = 868 MHz
54 + j94
FRF = 433 MHz
RECEIVER PARAMETERS
FSK/GFSK Input Sensitivity
At BER = 1E − 3, FRF = 915 MHz,
LNA and PA matched separately6
Sensitivity at 1 kbps
−119.2
dBm
FDEV = 5 kHz, high sensitivity mode7
Sensitivity at 9.6 kbps
−112.8
dBm
FDEV = 10 kHz, high sensitivity mode
Sensitivity at 200 kbps
−100
dBm
FDEV = 50 kHz, high sensitivity mode
OOK Input Sensitivity
At BER = 1E − 3, FRF = 915 MHz
Sensitivity at 1 kbps
−116
dBm
High sensitivity mode
Sensitivity at 9.6 kbps
−106.5
dBm
High sensitivity mode


同様の部品番号 - ADF7020_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADF7020-1 AD-ADF7020-1 Datasheet
780Kb / 48P
   High Performance FSK/ASK Transceiver IC
REV. 0
ADF7020-1BCPZ AD-ADF7020-1BCPZ Datasheet
780Kb / 48P
   High Performance FSK/ASK Transceiver IC
REV. 0
ADF7020-1BCPZ-RL AD-ADF7020-1BCPZ-RL Datasheet
780Kb / 48P
   High Performance FSK/ASK Transceiver IC
REV. 0
ADF7020-1BCPZ-RL7 AD-ADF7020-1BCPZ-RL7 Datasheet
780Kb / 48P
   High Performance FSK/ASK Transceiver IC
REV. 0
ADF7020-1 AD-ADF7020-1_15 Datasheet
781Kb / 48P
   High Performance FSK/ASK Transceiver IC
REV. 0
More results

同様の説明 - ADF7020_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7010BRUZ AD-ADF7010BRUZ Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011_15 Datasheet
573Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010 Datasheet
561Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010_15 Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011 Datasheet
567Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7020-1 AD-ADF7020-1 Datasheet
780Kb / 48P
   High Performance FSK/ASK Transceiver IC
REV. 0
ADF7020-1 AD-ADF7020-1_15 Datasheet
781Kb / 48P
   High Performance FSK/ASK Transceiver IC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com