データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADF7020-1 データシート(PDF) 6 Page - Analog Devices

部品番号 ADF7020-1
部品情報  High Performance FSK/ASK Transceiver IC
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADF7020-1 データシート(HTML) 6 Page - Analog Devices

Back Button ADF7020-1_15 Datasheet HTML 2Page - Analog Devices ADF7020-1_15 Datasheet HTML 3Page - Analog Devices ADF7020-1_15 Datasheet HTML 4Page - Analog Devices ADF7020-1_15 Datasheet HTML 5Page - Analog Devices ADF7020-1_15 Datasheet HTML 6Page - Analog Devices ADF7020-1_15 Datasheet HTML 7Page - Analog Devices ADF7020-1_15 Datasheet HTML 8Page - Analog Devices ADF7020-1_15 Datasheet HTML 9Page - Analog Devices ADF7020-1_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
ADF7020-1
Rev. 0 | Page 6 of 48
Min
Typ
Max
Unit
Test Conditions
Parameter
PHASE-LOCKED LOOP
VCO Gain
40
MHz/V
433 MHz, VCO adjust = 0,
VCO_BIAS_SETTING = 2
35
MHz/V
315 MHz, VCO adjust = 0,
VCO_BIAS_SETTING = 2
16.5
MHz/V
135 MHz, VCO adjust = 0,
VCO_BIAS_SETTING = 1
Phase Noise (In-Band)
−89
dBc/Hz
PA = 0 dBm, VDD = 3.0 V, PFD = 10 MHz,
FRF = 315 MHz, VCO_BIAS_SETTING = 2
Normalized In-Band Phase Noise
Floor 9
−198
dBc/Hz
Phase Noise (Out-of-Band)
−110
dBc/Hz
1 MHz offset
Residual FM
128
Hz
From 200 Hz to 20 kHz, FRF = 315 MHz
PLL Settling
40
μs
Measured for a 10 MHz frequency step to
within 5 ppm accuracy, PFD = 20 MHz,
LBW = 50 kHz
REFERENCE INPUT
Crystal Reference
3.625
24
MHz
Must ensure PFD maximum is not exceeded
External Oscillator
3.625
24
MHz
Load Capacitance
33
pF
Refer to the crystal’s data sheet
Crystal Start-Up Time
2.1
ms
11.0592 MHz crystal, using 33 pF load
capacitors
1.0
ms
Using 16 pF load capacitors
Input Level
CMOS
levels
See the Reference Input section
ADC PARAMETERS
INL
±1
LSB
From 2.3 V to 3.6 V, TA = 25°C
DNL
±1
LSB
From 2.3 V to 3.6 V, TA = 25°C
TIMING INFORMATION
Chip Enabled to Regulator Ready
10
μs
CREG = 100 nF
Chip Enabled to RSSI Ready
3.0
ms
See Table 13 for more details
Tx-to-Rx Turnaround Time
150 μs +
(5 × TBIT)
Time to synchronized data out, includes
AGC settling. See AGC Information and
Timing section for more details.
LOGIC INPUTS
Input High Voltage, VINH
0.7 × V DD
V
Input Low Voltage, VINL
0.2 × V DD
V
Input Current, IINH/IINL
±1
μA
Input Capacitance, CIN
10
pF
Control Clock Input
50
MHz
LOGIC OUTPUTS
Output High Voltage, VOH
DVDD − 0.4
V
IOH = 500 μA
Output Low Voltage, VOL
0.4
V
IOL = 500 μA
CLKOUT Rise/Fall
5
ns
CLKOUT Load
10
pF
TEMPERATURE RANGE—TA
−40
+85
°C


同様の部品番号 - ADF7020-1_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADF7020-1BCPZ AD-ADF7020-1BCPZ Datasheet
780Kb / 48P
   High Performance FSK/ASK Transceiver IC
REV. 0
ADF7020-1BCPZ-RL AD-ADF7020-1BCPZ-RL Datasheet
780Kb / 48P
   High Performance FSK/ASK Transceiver IC
REV. 0
ADF7020-1BCPZ-RL7 AD-ADF7020-1BCPZ-RL7 Datasheet
780Kb / 48P
   High Performance FSK/ASK Transceiver IC
REV. 0
More results

同様の説明 - ADF7020-1_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADF7020-1 AD-ADF7020-1 Datasheet
780Kb / 48P
   High Performance FSK/ASK Transceiver IC
REV. 0
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
ADF7020 AD-ADF7020_15 Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
logo
ON Semiconductor
AX5243 ONSEMI-AX5243_16 Datasheet
411Kb / 42P
   Advanced High Performance ASK and FSK Narrow-band Transceiver
May, 2016 ??Rev. 3
logo
Analog Devices
ADF7010 AD-ADF7010 Datasheet
561Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010_15 Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
logo
AUREL S.p.A.
650201420G AUREL-650201420G Datasheet
84Kb / 1P
   Low cost & high performance 434 MHZ ASK/FSK TRANSCEIVER
15.10.2016 - Rev A
650201424G AUREL-650201424G Datasheet
138Kb / 1P
   Low cost & high performance 868 MHZ ASK/FSK TRANSCEIVER
15.10.2016 - Rev A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com