データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTB050N15J3-0-T3-G データシート(PDF) 1 Page - Cystech Electonics Corp.

部品番号 MTB050N15J3-0-T3-G
部品情報  N -Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB050N15J3-0-T3-G データシート(HTML) 1 Page - Cystech Electonics Corp.

  MTB050N15J3-0-T3-G Datasheet HTML 1Page - Cystech Electonics Corp. MTB050N15J3-0-T3-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB050N15J3-0-T3-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB050N15J3-0-T3-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB050N15J3-0-T3-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB050N15J3-0-T3-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB050N15J3-0-T3-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB050N15J3-0-T3-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB050N15J3-0-T3-G Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C979J3
Issued Date : 2014.08.14
Revised Date : 2015.03.02
Page No. : 1/9
MTB050N15J3
CYStek Product Specification
N -Channel Enhancement Mode Power MOSFET
MTB050N15J3 BVDSS
150V
ID @VGS=10V
20A
RDS(ON)@VGS=10V, ID=15A
47.5mΩ(typ)
RDS(ON)@VGS=4.5V, ID=10A 47.5mΩ(typ)
Features
• Low Gate Charge
• Simple Drive Requirement
• Pb-free lead plating and halogen-free package
Equivalent Circuit
Outline
Ordering Information
Device
Package
Shipping
MTB050N15J3-0-T3-G
TO-252
(Pb-free lead plating and halogen-free package)
2500 pcs / Tape & Reel
MTB050N15J3
TO-252(DPAK)
G
D S
G:Gate D:Drain S:Source
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T3 : 2500 pcs / tape & reel, 13” reel
Product rank, zero for no rank products
Product name


同様の部品番号 - MTB050N15J3-0-T3-G

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
MTB050N15BRH8 CYSTEKEC-MTB050N15BRH8 Datasheet
839Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
MTB050N15BRH8-0-T6-G CYSTEKEC-MTB050N15BRH8-0-T6-G Datasheet
839Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
MTB050N15BRQ8 CYSTEKEC-MTB050N15BRQ8 Datasheet
521Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB050N15BRQ8-0-T3-G CYSTEKEC-MTB050N15BRQ8-0-T3-G Datasheet
521Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB050N15BRV8 CYSTEKEC-MTB050N15BRV8 Datasheet
475Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
More results

同様の説明 - MTB050N15J3-0-T3-G

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com