データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTBA5C10V8-0-T6-G データシート(PDF) 6 Page - Cystech Electonics Corp.

部品番号 MTBA5C10V8-0-T6-G
部品情報  N- AND P-Channel Logic Level Enhancement Mode MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTBA5C10V8-0-T6-G データシート(HTML) 6 Page - Cystech Electonics Corp.

Back Button MTBA5C10V8-0-T6-G Datasheet HTML 2Page - Cystech Electonics Corp. MTBA5C10V8-0-T6-G Datasheet HTML 3Page - Cystech Electonics Corp. MTBA5C10V8-0-T6-G Datasheet HTML 4Page - Cystech Electonics Corp. MTBA5C10V8-0-T6-G Datasheet HTML 5Page - Cystech Electonics Corp. MTBA5C10V8-0-T6-G Datasheet HTML 6Page - Cystech Electonics Corp. MTBA5C10V8-0-T6-G Datasheet HTML 7Page - Cystech Electonics Corp. MTBA5C10V8-0-T6-G Datasheet HTML 8Page - Cystech Electonics Corp. MTBA5C10V8-0-T6-G Datasheet HTML 9Page - Cystech Electonics Corp. MTBA5C10V8-0-T6-G Datasheet HTML 10Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CYStech Electronics Corp.
Spec. No. : C744V8
Issued Date : 2014.11.03
Revised Date :
Page No. : 6/13
MTBA5C10V8
CYStek Product Specification
Typical Characteristics(Cont.) : Q1( N-channel)
Capacitance vs Drain-to-Source Voltage
10
100
1000
10000
0.1
1
10
100
VDS, Drain-Source Voltage(V)
C oss
Ciss
Crss
Threshold Voltage vs Junction Tempearture
0.4
0.6
0.8
1
1.2
1.4
-75 -50 -25
0
25 50
75 100 125 150 175 200
Tj, Junction Temperature(°C)
ID=250μA
Forward Transfer Admittance vs Drain Current
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
ID, Drain Current(A)
VDS=5V
Pulsed
Ta=25°C
Gate Charge Characteristics
0
2
4
6
8
10
0
5
10
15
20
Qg, Total Gate Charge(nC)
ID=2.3A
VDS=80V
Maximum Safe Operating Area
0.001
0.01
0.1
1
10
100
0.1
1
10
100
1000
VDS, Drain-Source Voltage(V)
TA=25°C, Tj=150°C
VGS=10V, θJA=84°C/W
Single Pulse
DC
100ms
RDSON
Limite
100
μs
10ms
1ms
1s
Maximum Drain Current vs Junction Temperature
0
0.5
1
1.5
2
2.5
3
25
50
75
100
125
150
175
Tj, Junction Temperature(°C)
TA=25°C
VGS=10V
RθJA=84°C/W


同様の部品番号 - MTBA5C10V8-0-T6-G

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
MTBA5C10AQ8 CYSTEKEC-MTBA5C10AQ8 Datasheet
381Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10H8 CYSTEKEC-MTBA5C10H8 Datasheet
535Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTBA5C10Q8 CYSTEKEC-MTBA5C10Q8 Datasheet
350Kb / 10P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
More results

同様の説明 - MTBA5C10V8-0-T6-G

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
MTC5806V8 CYSTEKEC-MTC5806V8 Datasheet
507Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA6C15Q8 CYSTEKEC-MTBA6C15Q8 Datasheet
484Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTB25C04Q8 CYSTEKEC-MTB25C04Q8 Datasheet
489Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC2790KQ8 CYSTEKEC-MTC2790KQ8 Datasheet
478Kb / 13P
   N- And P-Channel Logic Level Enhancement Mode MOSFET
MTC5806V8 CYSTEKEC-MTC5806V8_16 Datasheet
878Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC380Q8 CYSTEKEC-MTC380Q8 Datasheet
378Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC8402S6R CYSTEKEC-MTC8402S6R Datasheet
356Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA6C12Q8 CYSTEKEC-MTBA6C12Q8 Datasheet
484Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10AQ8 CYSTEKEC-MTBA5C10AQ8 Datasheet
381Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10Q8 CYSTEKEC-MTBA5C10Q8 Datasheet
350Kb / 10P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com