データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTBA6C12Q8 データシート(PDF) 2 Page - Cystech Electonics Corp.

部品番号 MTBA6C12Q8
部品情報  N- AND P-Channel Logic Level Enhancement Mode MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTBA6C12Q8 データシート(HTML) 2 Page - Cystech Electonics Corp.

  MTBA6C12Q8 Datasheet HTML 1Page - Cystech Electonics Corp. MTBA6C12Q8 Datasheet HTML 2Page - Cystech Electonics Corp. MTBA6C12Q8 Datasheet HTML 3Page - Cystech Electonics Corp. MTBA6C12Q8 Datasheet HTML 4Page - Cystech Electonics Corp. MTBA6C12Q8 Datasheet HTML 5Page - Cystech Electonics Corp. MTBA6C12Q8 Datasheet HTML 6Page - Cystech Electonics Corp. MTBA6C12Q8 Datasheet HTML 7Page - Cystech Electonics Corp. MTBA6C12Q8 Datasheet HTML 8Page - Cystech Electonics Corp. MTBA6C12Q8 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C973Q8
Issued Date : 2014.09.23
Revised Date :
Page No. : 2/12
MTBA6C12Q8
CYStek Product Specification
Absolute Maximum Ratings (TC=25°C, unless otherwise noted)
Limits
Parameter
Symbol
N-channel
P-channel
Unit
Drain-Source Breakdown Voltage
BVDSS
120
-120
Gate-Source Voltage
VGS
±
20
±
20
V
TC=25
°C, VGS=10V (-10V)
3.5
-3.0
Continuous Drain Current
TC=100
°C, VGS=10V (-10V)
ID
2.5
-2.1
TA=25
°C, VGS=10V (-10V)
2.0
-1.7
Continuous Drain Current
(Note 2)
TA=70
°C, VGS=10V (-10V)
IDSM
1.7
-1.4
Pulsed Drain Current (Note 1)
IDM
10
-8
A
Power Dissipation for Dual Operation @TC=25°C
PD
6
Power Dissipation for Dual Operation @TA=25°C
3
1.9 (Note 2)
Power Dissipation for Single Operation @TA=25°C
PDSM
1.1 (Note 3)
W
Operating Junction and Storage Temperature Range
Tj; Tstg
-55~+175
°C
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-case, max
Rth,j-c
25
50
78 (Note 2)
Thermal Resistance, Junction-to-ambient, max
Rth,j-a
135 (Note 3)
°C/W
Note : 1.Pulse width limited by maximum junction temperature.
2.Surface mounted on 1 in² copper pad of FR-4 board, pulse width≤10s, single operation.
3.Surface
mounted on minimum copper pad, pulse width≤10s, single operation.
N-Channel Electrical Characteristics (Tc=25°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
120
-
-
V
VGS=0V, ID=250μA
∆BVDSS
/∆Tj
-
0.1
-
V/
°C
Reference to 25
°C, ID=250μA
VGS(th)
1.3
-
2.3
V
VDS=VGS, ID=250μA
IGSS
-
-
±100
nA
VGS=±20V, VDS=0V
-
-
1
μA
VDS=96V, VGS=0V
IDSS
-
-
10
μA
VDS=96V, VGS=0, Tj=55
°C
-
178
230
ID=2A, VGS=10V
*RDS(ON)
-
185
250
m
Ω
ID=1.5A, VGS=4.5V
*GFS
-
6.3
-
S
VDS=10V, ID=2A
Dynamic
Ciss
-
298
-
Coss
-
29
-
Crss
-
14
-
pF
VDS=25V, VGS=0, f=1MHz


同様の部品番号 - MTBA6C12Q8

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
MTBA6C12H8 CYSTEKEC-MTBA6C12H8 Datasheet
1Mb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTBA6C12H8-0-T6-G CYSTEKEC-MTBA6C12H8-0-T6-G Datasheet
1Mb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTBA6C12H8-0-T6-G CYSTEKEC-MTBA6C12H8-0-T6-G Datasheet
701Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
MTBA6C12H8 CYSTEKEC-MTBA6C12H8_16 Datasheet
701Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
MTBA6C12J4 CYSTEKEC-MTBA6C12J4 Datasheet
437Kb / 13P
   N P-Channel Enhancement Mode Power MOSFET
More results

同様の説明 - MTBA6C12Q8

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
MTC5806V8 CYSTEKEC-MTC5806V8 Datasheet
507Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA6C15Q8 CYSTEKEC-MTBA6C15Q8 Datasheet
484Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTB25C04Q8 CYSTEKEC-MTB25C04Q8 Datasheet
489Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC2790KQ8 CYSTEKEC-MTC2790KQ8 Datasheet
478Kb / 13P
   N- And P-Channel Logic Level Enhancement Mode MOSFET
MTC5806V8 CYSTEKEC-MTC5806V8_16 Datasheet
878Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC380Q8 CYSTEKEC-MTC380Q8 Datasheet
378Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC8402S6R CYSTEKEC-MTC8402S6R Datasheet
356Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10V8 CYSTEKEC-MTBA5C10V8 Datasheet
520Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10AQ8 CYSTEKEC-MTBA5C10AQ8 Datasheet
381Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10Q8 CYSTEKEC-MTBA5C10Q8 Datasheet
350Kb / 10P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com