データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTBA6C15J4-0-T3-G データシート(PDF) 2 Page - Cystech Electonics Corp.

部品番号 MTBA6C15J4-0-T3-G
部品情報  N P-Channel Enhancement Mode Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTBA6C15J4-0-T3-G データシート(HTML) 2 Page - Cystech Electonics Corp.

  MTBA6C15J4-0-T3-G Datasheet HTML 1Page - Cystech Electonics Corp. MTBA6C15J4-0-T3-G Datasheet HTML 2Page - Cystech Electonics Corp. MTBA6C15J4-0-T3-G Datasheet HTML 3Page - Cystech Electonics Corp. MTBA6C15J4-0-T3-G Datasheet HTML 4Page - Cystech Electonics Corp. MTBA6C15J4-0-T3-G Datasheet HTML 5Page - Cystech Electonics Corp. MTBA6C15J4-0-T3-G Datasheet HTML 6Page - Cystech Electonics Corp. MTBA6C15J4-0-T3-G Datasheet HTML 7Page - Cystech Electonics Corp. MTBA6C15J4-0-T3-G Datasheet HTML 8Page - Cystech Electonics Corp. MTBA6C15J4-0-T3-G Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CYStech Electronics Corp.
Spec. No. : C938J4
Issued Date : 2014.10.15
Revised Date : 2014.10.28
Page No. : 2/13
MTBA6C15J4
CYStek Product Specification
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-case, max
Rth,j-c
4
Thermal Resistance, Junction-to-ambient, max (Note2)
62.5
Thermal Resistance, Junction-to-ambient, max (Note4)
Rth,j-a
90
°C/W
Note : 1
.The power dissipation PD is based on TJ(MAX)=175°C, using junction-to-case thermal resistance, and is more useful
in setting the upper dissipation limit for cases where additional heatsinking is used.
2
. The value of RθJA is measured with the device mounted on 1 in²FR-4 board with 2 oz. copper, in a still air
environment with TA=25°C. The power dissipation PDSM is based on RθJA and the maximum allowed junction
temperature of 150°C. The value in any given application depends on the user’s specific board design.
3
. Repetitive rating, pulse width limited by junction temperature TJ(MAX)=175°C. Ratings are based on low frequency
and low duty cycles to keep initial TJ=25°C.
4. When mounted on the minimum pad size recommended (PCB mount), t≤10s.
N-CH Characteristics (Tc=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
150
-
-
VGS=0V, ID=250μA
VGS(th)
1.2
-
2.4
V
VDS =VGS, ID=250μA
GFS *1
-
8
-
S
VDS =10V, ID=2.5A
IGSS
-
-
±
100
nA
VGS=±20V, VDS=0V
-
-
1
VDS =120V, VGS =0V
IDSS
-
-
25
μA
VDS =120V, VGS =0V, Tj=125
°C
-
167
225
VGS =10V, ID=2.5A
RDS(ON) *1
-
172
235
VGS =4.5V, ID=2A
Dynamic
Qg *1
-
13.4
-
Qgs *1
-
1.6
-
Qgd *1
-
3.6
-
nC
ID=2.5A, VDS=120V, VGS=10V
td(ON) *1
-
6.4
-
tr
*1
-
16.2
-
td(OFF) *1
-
62.2
-
tf *1
-
64.4
-
ns
VDS=75V, ID=1A, VGS=10V, RG=6Ω
Ciss
-
527
-
Coss
-
40
-
Crss
-
20
-
pF
VGS=0V, VDS=25V, f=1MHz
Source-Drain Diode
IS *1
-
-
2.3
ISM *2
-
-
9.2
A
VSD *1
-
0.8
1.3
V
IS=3A, VGS=0V
trr *1
-
33
-
ns
Qrr *1
-
57
-
nC
IF=3A, VGS=0V, dIF/dt=100A/μs
Note : *1.Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%
*2.Pulse width limited by maximum junction temperature.


同様の部品番号 - MTBA6C15J4-0-T3-G

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
MTBA6C15H8 CYSTEKEC-MTBA6C15H8 Datasheet
693Kb / 14P
   N- And P-Channel Enhancement Mode MOSFET
MTBA6C15Q8 CYSTEKEC-MTBA6C15Q8 Datasheet
484Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA6C15Q8-0-T3-G CYSTEKEC-MTBA6C15Q8-0-T3-G Datasheet
484Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
More results

同様の説明 - MTBA6C15J4-0-T3-G

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
MTD5D0C03J4 CYSTEKEC-MTD5D0C03J4 Datasheet
513Kb / 13P
   N & P-Channel Enhancement Mode Power MOSFET
MTC4506J4 CYSTEKEC-MTC4506J4 Datasheet
361Kb / 13P
   N & P-Channel Enhancement Mode Power MOSFET
MTD120C10J4 CYSTEKEC-MTD120C10J4 Datasheet
454Kb / 13P
   N & P-Channel Enhancement Mode Power MOSFET
MTC3504BJ4 CYSTEKEC-MTC3504BJ4 Datasheet
312Kb / 11P
   N & P-Channel Enhancement Mode Power MOSFET
logo
Shenzhen Tuofeng Semico...
TF20NP03N TUOFENG-TF20NP03N Datasheet
1Mb / 8P
   N P-CHANNEL ENHANCEMENT MODE POWER MOSFET
May 2022V1.0
logo
Cystech Electonics Corp...
MTD120C10KJ4 CYSTEKEC-MTD120C10KJ4 Datasheet
358Kb / 13P
   N & P-Channel Enhancement Mode Power MOSFET
MTB20C03J4 CYSTEKEC-MTB20C03J4 Datasheet
363Kb / 13P
   N & P-Channel Enhancement Mode Power MOSFET
logo
Shenzhen Tuofeng Semico...
TF32324 TUOFENG-TF32324 Datasheet
3Mb / 7P
   NP Channel Enhancement Mode Power MOSFET
Dec,2020 V1.0
TF25NP03M TUOFENG-TF25NP03M Datasheet
2Mb / 8P
   N P-CHANNEL ENHANCEMENT MODE POWER MOSFET
May 2022 V1.0
logo
Cystech Electonics Corp...
MTBA6C12J4 CYSTEKEC-MTBA6C12J4 Datasheet
437Kb / 13P
   N P-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com