データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HMA510GM-65883 データシート(PDF) 2 Page - Intersil Corporation

部品番号 HMA510GM-65883
部品情報  16 x 16-Bit CMOS Parallel Multiplier Accumulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMA510GM-65883 データシート(HTML) 2 Page - Intersil Corporation

  HMA510GM-65883 Datasheet HTML 1Page - Intersil Corporation HMA510GM-65883 Datasheet HTML 2Page - Intersil Corporation HMA510GM-65883 Datasheet HTML 3Page - Intersil Corporation HMA510GM-65883 Datasheet HTML 4Page - Intersil Corporation HMA510GM-65883 Datasheet HTML 5Page - Intersil Corporation HMA510GM-65883 Datasheet HTML 6Page - Intersil Corporation HMA510GM-65883 Datasheet HTML 7Page - Intersil Corporation HMA510GM-65883 Datasheet HTML 8Page - Intersil Corporation HMA510GM-65883 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
3-11
Pinout
68 LEAD CPGA
TOP VIEW
Pin Descriptions
NAME
TYPE
DESCRIPTION
VCC
The +5V power supply pins. 0.1
µF capacitors between the VCC and GND pins are recommended.
GND
The device ground.
X0-X15
I
X-Input Data. These 16 data inputs provide the multiplicand which may be in two's complement or
unsigned magnitude format.
Y0-Y15/P0-P15
I/O
Y-Input/LSP Output Data. This 16-bit port is used to provide the multiplier which may be in two's com-
plement or unsigned magnitude format. It may also be used for output of the least significant product
(P0-P15) or for preloading the LSP Register.
P16-P3
I/O
MSP Output Data. This 16-bit port is used to provide the most significant product output (P16-P31).
It may also be used to preload the MSP Register.
P32-P34
I/O
XTP Output Data. This 3-bit port is used to provide the extended product output (P32-P34). It may
also be used to preload the XTP Register.
TC
I
Two's Complement Control. Input data is interpreted as two's complement when this control is HIGH.
A LOW indicates the data is to be interpreted as unsigned magnitude format. This control is latched
on the rising edge of CLKX or CLKY.
ACC
I
Accumulate Control. When this control is HIGH, the Accumulator Output Register contents are added
to or subtracted from the current product, and the result is stored back into the Accumulator Output
Register.
When LOW, the product is loaded into the Accumulator Output Register overwriting the current con-
tents. This control is also latched on the rising edge of CLKX or CLKY.
11
10
9
8
7
6
5
4
3
2
1
N/C
X14
X12
X10
X8
X6
X4
X2
X0
Y1/P1
Y2/P2
X13
X11
X9
X7
X5
X3
X1
Y0/P0
N/C
P33
P32
P30
P28
P26
P24
P22
P20
P18
P16
N/C
N/C
P31
P29
P27
P25
P23
P21
P19
P17
X15
OEL
Y3/P3
Y4/P4
RND
SUB
Y5/P5
Y6/P6
ACC
CLKX
Y7/P7
GND
CLKY
VCC
Y8/P8
Y9/P9
TC
OEX
Y10/
Y11/
PREL
OEM
Y12/
Y13/
CLKP
P34
Y14/
Y15/
B
A
KL
CD
E
F
G
H
J
P10
P12
P14
P11
P13
P15
TOP VIEW
HMA510/883


同様の部品番号 - HMA510GM-65883

メーカー部品番号データシート部品情報
logo
Intersil Corporation
HMA510GC-55 INTERSIL-HMA510GC-55 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
More results

同様の説明 - HMA510GM-65883

メーカー部品番号データシート部品情報
logo
Intersil Corporation
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
logo
Integrated Device Techn...
IDT7210L IDT-IDT7210L Datasheet
167Kb / 10P
   16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
logo
LOGIC Devices Incorpora...
LMA1010 LODEV-LMA1010 Datasheet
192Kb / 7P
   16 x 16-bit Multiplier-Accumulator
logo
Intersil Corporation
HMU17 INTERSIL-HMU17 Datasheet
198Kb / 6P
   16 x 16-Bit CMOS Parallel Multiplier
HMU16 INTERSIL-HMU16 Datasheet
203Kb / 7P
   16 x 16-Bit CMOS Parallel Multiplier
logo
LOGIC Devices Incorpora...
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
   16 x 16-bit Parallel Multiplier
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
   16 x 16-bit Parallel multiplier
LMU16 LODEV-LMU16 Datasheet
188Kb / 7P
   16 x 16-bit Parallel Multiplier
logo
Intersil Corporation
HMU16JC-35 INTERSIL-HMU16JC-35 Datasheet
275Kb / 13P
   16 x 16-Bit CMOS Parallel Multipliers
logo
Mitel Networks Corporat...
PDSP16116 MITEL-PDSP16116 Datasheet
270Kb / 17P
   16 X 16 Bit Complex Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com