データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI7898DP データシート(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

部品番号 SI7898DP
部品情報  N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
ホームページ  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI7898DP データシート(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  SI7898DP Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI7898DP Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI7898DP Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI7898DP Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd SI7898DP Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
N-Channel MOSFET
SI7898DP (KI7898DP)
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=250μA, VGS=0V
150
V
VDS=150V, VGS=0V
1
VDS=150V, VGS=0V, TJ=55℃
5
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±20V
±
100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS , ID=250μA
2
4
V
VGS=10V, ID=3.5A (Note.1)
87
VGS=6V, ID=3A
(Note.1)
98
On State Drain Current
ID(ON)
VGS=10V, VDS=5V (Note.1)
25
A
Forward Transconductance
gFS
VDS=15V, ID=5A (Note.1)
15
S
Gate Resistance
Rg
VGS=0V, VDS=0V, f=1MHz
0.5
2.5
Ω
Total Gate Charge
Qg
21
Gate Source Charge
Qgs
3.2
Gate Drain Charge
Qgd
6
Turn-On DelayTime
td(on)
14
Turn-On Rise Time
tr
15
Turn-Off DelayTime
td(off)
35
Turn-Off Fall Time
tf
25
Body Diode Reverse Recovery Time
trr
IF= 2.5A, dI/dt= 100A/μs
70
Continuous Source Current
IS
2.5
A
Diode Forward Voltage
VSD
IS=2.5A,VGS=0V
1.2
V
ns
Zero Gate Voltage Drain Current
IDSS
μ
A
VDD = 75 V, RL = 21 Ω
ID ≅ 3.5 A, VGEN = 10 V, Rg = 6 Ω
RDS(On)
Static Drain-Source On-Resistance
VGS=10V, VDS=75V, ID=3.5A
nC
Note.1:Pulse test; pulse width ≤ 300 μs, duty cycle ≤ 2 %.
Typical Characterisitics
Output Characteristics
0
5
10
15
20
25
0
2
4
6
8
10
V GS = 10 V thru 6 V
VDS - Drain-to-Source Voltage (V)
5 V
3, 4 V
Transfer Characteristics
0
5
10
15
20
25
0
1
2
3
4
5
6
TC = 125 °C
- 55 °C
25 °C
VGS - Gate-to-Source Voltage (V)


同様の部品番号 - SI7898DP

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI7898DP VISHAY-SI7898DP Datasheet
48Kb / 5P
   N-Channel 150-V (D-S) MOSFET
Rev. A, 17-Jun-02
SI7898DP VISHAY-SI7898DP Datasheet
198Kb / 4P
   N-Channel 150-V (D-S) MOSFET
Rev. B, 20-Feb-06
logo
Texas Instruments
SI7898DP TI1-SI7898DP Datasheet
179Kb / 12P
[Old version datasheet]   100V Current Mode PWM Controller
logo
Vishay Siliconix
SI7898DP-T1-E3 VISHAY-SI7898DP-T1-E3 Datasheet
370Kb / 12P
   N-Channel 150 V (D-S) MOSFET
01-Jan-2022
SI7898DP-T1-GE3 VISHAY-SI7898DP-T1-GE3 Datasheet
370Kb / 12P
   N-Channel 150 V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SI7898DP

メーカー部品番号データシート部品情報
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com