データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HS-82C85RH データシート(PDF) 4 Page - Intersil Corporation

部品番号 HS-82C85RH
部品情報  Radiation Hardened CMOS Static Clock Controller/Generator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-82C85RH データシート(HTML) 4 Page - Intersil Corporation

  HS-82C85RH Datasheet HTML 1Page - Intersil Corporation HS-82C85RH Datasheet HTML 2Page - Intersil Corporation HS-82C85RH Datasheet HTML 3Page - Intersil Corporation HS-82C85RH Datasheet HTML 4Page - Intersil Corporation HS-82C85RH Datasheet HTML 5Page - Intersil Corporation HS-82C85RH Datasheet HTML 6Page - Intersil Corporation HS-82C85RH Datasheet HTML 7Page - Intersil Corporation HS-82C85RH Datasheet HTML 8Page - Intersil Corporation HS-82C85RH Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
AC Test Circuit
NOTES:
1. R = 370
Ω at V = 2.25 for CLK and CLK50 outputs.
2. R = 494
Ω at V = 2.87 for all other outputs.
3. CL = 50pF.
4. CL Includes probe and jig capacitance.
Functional Diagram
RESET PULSE
CONDITIONING
LOGIC
SYNC
LOGIC
SPEED SELECT
÷256 OR ÷1
CLOCK
LOGIC
(
÷3)
PERIPHERAL
CLOCK
(
÷6)
RESTART
LOGIC
EXTERNAL
FREQUENCY
SELECT
READY
SELECT
OSCILLATOR
STOP
LOGIC
READY
SYNC
RES (17)
START (11)
(16) RESET
CSYNC (1)
SLO/FST (12)
F/C (19)
X2 (22)
X1 (23)
S2/STOP (15)
S1 (14)
SO (13)
RDY1 (4)
AEN1 (3)
AEN2 (7)
RDY2 (6)
ASYNC (21)
(8) CLK
(10) CLK50
(2) PCLK
(18) OSC
(5) READY
RESTART
EFI (20)
SELECTED OSC
OSC
HALT
SYNC
MASTER
OSC
(24) VDD
(9) GND
FROM OUTPUT
UNDER TEST
VDD
CL (NOTE 4)
R (NOTES 1, 2)
HS-82C85RH


同様の部品番号 - HS-82C85RH

メーカー部品番号データシート部品情報
logo
Intersil Corporation
HS-82C85RH INTERSIL-HS-82C85RH Datasheet
381Kb / 18P
   Radiation Hardened CMOS Static Clock Controller/Generator
logo
Renesas Technology Corp
HS-82C85RH RENESAS-HS-82C85RH Datasheet
549Kb / 18P
   Radiation Hardened CMOS Static Clock Controller/Generator
Apr 6, 2012
logo
Intersil Corporation
HS-82C85RH INTERSIL-HS-82C85RH_07 Datasheet
381Kb / 18P
   Radiation Hardened CMOS Static Clock Controller/Generator
More results

同様の説明 - HS-82C85RH

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
HS-82C85RH RENESAS-HS-82C85RH Datasheet
549Kb / 18P
   Radiation Hardened CMOS Static Clock Controller/Generator
Apr 6, 2012
logo
Intersil Corporation
HS-82C85RH INTERSIL-HS-82C85RH_07 Datasheet
381Kb / 18P
   Radiation Hardened CMOS Static Clock Controller/Generator
82C85 INTERSIL-82C85 Datasheet
363Kb / 21P
   CMOS Static Clock Controller/Generator
logo
Renesas Technology Corp
82C85 RENESAS-82C85 Datasheet
978Kb / 21P
   CMOS Static Clock Controller/Generator
March 1997
logo
Intersil Corporation
HS-65647RH INTERSIL-HS-65647RH Datasheet
110Kb / 16P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
HS-65647RH INTERSIL-HS-65647RH_00 Datasheet
128Kb / 8P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
logo
Harris Corporation
HS-82C37 HARRIS-HS-82C37 Datasheet
253Kb / 28P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
logo
Intersil Corporation
HS-82C37ARH INTERSIL-HS-82C37ARH_00 Datasheet
268Kb / 21P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
HS-82C37ARH INTERSIL-HS-82C37ARH Datasheet
195Kb / 29P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
HS-302RH INTERSIL-HS-302RH Datasheet
104Kb / 16P
   Radiation Hardened CMOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com