データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SJ204 データシート(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

部品番号 2SJ204
部品情報  P-Channel MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
ホームページ  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SJ204 データシート(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SJ204_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SJ204_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SJ204_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
P-Channel MOSFET
2SJ204
Features
VDS (V) =-30V
ID =-200m A
RDS(ON) < 8Ω (VGS =-10V)
RDS(ON) < 13Ω (VGS =-4V)
Compementary to 2SK1582
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01
1. Gate
2. Source
3. Drain
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
-30
Gate-Source Voltage
VGS
±
20
Continuous Drain Current
ID
-200
Pulsed Drain Current (Note.1)
IDM
-400
Power Dissipation
PD
200
mW
Junction Temperature
TJ
150
Operating Temperature
Topt
-55 to 80
Junction Storage Temperature Range
Tstg
-55 to 150
V
mA
Note.1: PW ≤ 10ms,Duty Cycle ≤ 50%
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=-250μA, VGS=0V
-30
V
Zero Gate Voltage Drain Current
IDSS
VDS=-30V, VGS=0V
-1
uA
Gate-Body leakage current
IGSS
VDS=0V, VGS=±20V
±
1
uA
Gate Cut off Voltage
VGS(off)
VDS=-5V,ID=-1uA
-1.4
-2.4
V
VGS=-4V, ID=-10mA
13
VGS=-10V, ID=-10mA
8
Forward Transconductance
gFS
VDS=-5V, ID=-10mA
20
mS
Input Capacitance
Ciss
27
Output Capacitance
Coss
27
Reverse Transfer Capacitance
Crss
6
Turn-On DelayTime
td(on)
120
Turn-On Rise Time
tr
240
Turn-Off DelayTime
td(off)
135
Turn-Off Fall Time
tf
210
pF
Static Drain-Source On-Resistance
RDS(On)
Ω
VGS(on)=-4V, VDS=-5V, ID=-0.3A,
RL=1.5Ω,RGEN=10Ω
ns
VGS=0V, VDS=-10V, f=1MHz
Marking
Marking
H15


同様の部品番号 - 2SJ204_15

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
2SJ204-3 KEXIN-2SJ204-3 Datasheet
1Mb / 3P
   P-Channel MOSFET
logo
VBsemi Electronics Co.,...
2SJ204-T1B-A VBSEMI-2SJ204-T1B-A Datasheet
981Kb / 7P
   P-Channel 60 V (D-S) MOSFET
2SJ204-T2B-A VBSEMI-2SJ204-T2B-A Datasheet
980Kb / 7P
   P-Channel 60 V (D-S) MOSFET
More results

同様の説明 - 2SJ204_15

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com