データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HUF75623P3 データシート(PDF) 3 Page - Intersil Corporation

部品番号 HUF75623P3
部品情報  22A, 100V, 0.064 Ohm, N-Channel, UltraFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HUF75623P3 データシート(HTML) 3 Page - Intersil Corporation

  HUF75623P3 Datasheet HTML 1Page - Intersil Corporation HUF75623P3 Datasheet HTML 2Page - Intersil Corporation HUF75623P3 Datasheet HTML 3Page - Intersil Corporation HUF75623P3 Datasheet HTML 4Page - Intersil Corporation HUF75623P3 Datasheet HTML 5Page - Intersil Corporation HUF75623P3 Datasheet HTML 6Page - Intersil Corporation HUF75623P3 Datasheet HTML 7Page - Intersil Corporation HUF75623P3 Datasheet HTML 8Page - Intersil Corporation HUF75623P3 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Typical Performance Curves
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
FIGURE 4. PEAK CURRENT CAPABILITY
TC, CASE TEMPERATURE (
oC)
0
0
25
50
75
100
175
0.2
0.4
0.6
0.8
1.0
1.2
125
150
15
20
25
50
75
100
125
150
0
25
TC, CASE TEMPERATURE (
oC)
VGS = 10V
175
5
10
0.1
1
2
10-4
10-3
10-2
10-1
100
101
0.01
10-5
t, RECTANGULAR PULSE DURATION (s)
SINGLE PULSE
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
PDM
t1
t2
DUTY CYCLE - DESCENDING ORDER
0.5
0.2
0.1
0.05
0.01
0.02
100
300
10
10-4
10-3
10-2
10-1
100
101
10-5
t, PULSE WIDTH (s)
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
TC = 25
oC
I = I25
175 - TC
150
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
VGS = 10V
HUF75623P3


同様の部品番号 - HUF75623P3

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HUF75623P3 FAIRCHILD-HUF75623P3 Datasheet
199Kb / 10P
   22A, 100V, 0.064 Ohm, N-Channel, UltraFET Power MOSFETs
More results

同様の説明 - HUF75623P3

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HUF75623P3 FAIRCHILD-HUF75623P3 Datasheet
199Kb / 10P
   22A, 100V, 0.064 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75623P3 FAIRCHILD-HUFA75623P3 Datasheet
199Kb / 10P
   22A, 100V, 0.064 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Intersil Corporation
IRF530N INTERSIL-IRF530N Datasheet
125Kb / 10P
   22A, 100V, 0.064 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
FDMS3672 FAIRCHILD-FDMS3672 Datasheet
252Kb / 7P
   N-Channel UltraFET Trench MOSFET 100V, 22A, 23mohm
HUF75939P3 FAIRCHILD-HUF75939P3 Datasheet
195Kb / 10P
   22A, 200V, 0.125 Ohm, N-Channel, UltraFET Power MOSFET
HUFA76413P3 FAIRCHILD-HUFA76413P3 Datasheet
207Kb / 10P
   22A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF75637P3 INTERSIL-HUF75637P3 Datasheet
332Kb / 9P
   44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF75631SK8 FAIRCHILD-HUF75631SK8 Datasheet
251Kb / 11P
   5.5A, 100V, 0.039 Ohm, N-Channel, UltraFET Power MOSFET
HUF75652G3 FAIRCHILD-HUF75652G3 Datasheet
195Kb / 10P
   75A, 100V, 0.008 Ohm, N-Channel UltraFET Power MOSFET
logo
Intersil Corporation
HUF75631P3 INTERSIL-HUF75631P3 Datasheet
343Kb / 9P
   33A, 100V, 0.040 Ohm, N-Channel, UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com