データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM1060 データシート(PDF) 11 Page - Analog Devices

部品番号 ADM1060
部品情報  Communications System Supervisory/Sequencing Circuit
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM1060 データシート(HTML) 11 Page - Analog Devices

Back Button ADM1060_15 Datasheet HTML 7Page - Analog Devices ADM1060_15 Datasheet HTML 8Page - Analog Devices ADM1060_15 Datasheet HTML 9Page - Analog Devices ADM1060_15 Datasheet HTML 10Page - Analog Devices ADM1060_15 Datasheet HTML 11Page - Analog Devices ADM1060_15 Datasheet HTML 12Page - Analog Devices ADM1060_15 Datasheet HTML 13Page - Analog Devices ADM1060_15 Datasheet HTML 14Page - Analog Devices ADM1060_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
ADM1060
Rev. B | Page 11 of 52
INPUTS
POWERING THE ADM1060
The ADM1060 is powered from the highest voltage input on
either the Positive Only supply inputs (VPn) or the High Volt-
age supply input (VH). The same pins are used for supply fault
detection (discussed below). A VDD arbitrator on the device
chooses which supply to use. The arbitrator can be considered
as diode OR’ing the positive supplies together (as shown in
Figure 17).The diodes are supplemented with switches in a syn-
chronous rectifier manner to minimize voltage loss. This loss
can be reduced to ~0.2 V, resulting in the ability to power the
ADM1060 from a supply as low as 3.0 V. Note that the supply on
the VBn pins cannot be used to power the device, even if the
input on these pins is positive. Also, the minimum supply of
3.0 V must appear on one of the VPn pins in order to correctly
power up the ADM1060. A supply of no less than 4.5 V can be
used on VH. This is because there is no synchronous rectifier
circuit on the VH pin, resulting in a voltage drop of ~1.5 V
across the diode of the VDD arbitrator.
An external capacitor to GND is required to decouple the
on-chip supply from noise. This capacitor should be connected
to the VDDCAP pin, as shown in Figure 17. The capacitor has
another use during “brown outs” (momentary loss of power).
Under these conditions, where the input supply, VPn, dips
transiently below VDD, the synchronous rectifier switch
immediately turns off so that it does not pull VDD down. The
VDD capacitor can then act as a reservoir to keep the chip active
until the next highest supply takes over the powering of the
device. A 1 µF capacitor is recommended for this function. A
minimum capacitor value of 0.1 µF is required.
Note that in the case where there are two or more supplies
within 100 mV of each other, the supply that takes control of
VDD first will keep control. For example, if VP1 is connected to a
3.3 V supply, VDD will power up to approximately 3.1 V through
VP1. If VP2 is then connected to another 3.3 V supply, VP1 will
still power the device, unless VP2 goes 100 mV higher than
VP1.
A second capacitor is required on the VCCP pin of the
ADM1060. This capacitor is the reservoir capacitor for the
central charge pump. Again, a 1 µF capacitor is recommended
for this function. A minimum capacitor value of 0.1 µF is
required.
VH
VP1
VP2
VP3
VP4
VDDCAP PIN
OFF-CHIP
DECOUPLING
CAPACITOR
ON-CHIP SUPPLY
Figure 17. VDD Arbitrator Operation
PROGRAMMABLE SUPPLY FAULT DETECTORS
(SFDs)
The ADM1060 has seven programmable supply fault detectors
(SFDs): one high voltage detector (+2 V to +14.4 V), two bipolar
detectors (+1 V to +6 V, −2 V to –6 V) and four positive only
voltage detectors (+0.6 V to +6 V). Inputs are applied to these
detectors via the VH (high voltage supply input), VBn (bipolar
supply input), and VPn (positive only input) pins, respectively.
The SFDs detect a fault condition on any of these input supplies.
A fault is defined as undervoltage (where the supply drops
below a preprogrammed level), overvoltage (where the supply
rises above a preprogrammed level), or out-of-window (where
the supply deviates outside either the programmed overvoltage
or undervoltage threshold). Only one fault type can be selected
at a time.
An undervoltage (UV) fault is detected by comparing the input
supply to a programmed reference (the undervoltage threshold).
If the input voltage drops below the undervoltage threshold, the
output of the comparator goes high, asserting a fault. The
undervoltage threshold is programmed using an 8-bit DAC. On
a given range, the UV threshold can be set with a resolution of
Step Size = Threshold Range/255
An overvoltage (OV) fault is detected in exactly the same way,
using a second comparator and DAC to program the reference.
All thresholds are programmed using 8-bit registers, one regis-
ter each for the seven UV thresholds and one each for the seven
OV thresholds. The UV or OV threshold programmed by the
user is given by
B
R
T
V
N
V
V
+
×
=
255


同様の部品番号 - ADM1060_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1060ARU AD-ADM1060ARU Datasheet
303Kb / 45P
   Communications System Supervisory/Sequencing Circuit
REV. PrJ 11/02
More results

同様の説明 - ADM1060_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1060 AD-ADM1060 Datasheet
303Kb / 45P
   Communications System Supervisory/Sequencing Circuit
REV. PrJ 11/02
logo
Maxim Integrated Produc...
MAX16052 MAXIM-MAX16052 Datasheet
153Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 1; 10/08
MAX6895AAZTT MAXIM-MAX6895AAZTT Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX16052 MAXIM-MAX16052_10 Datasheet
180Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 2; 1/10
MAX6895 MAXIM-MAX6895_10 Datasheet
271Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 7; 7/10
MAX6895 MAXIM-MAX6895 Datasheet
354Kb / 18P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 5; 10/07
MAX6342SUT MAXIM-MAX6342SUT Datasheet
554Kb / 8P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 2; 12/05
MAX6895 MAXIM-MAX6895_09 Datasheet
535Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 6; 11/09
MAX6895 MAXIM-MAX6895_11 Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
logo
ON Semiconductor
ASM161 ONSEMI-ASM161 Datasheet
140Kb / 7P
   Supervisory Circuit
August, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com