データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM1062 データシート(PDF) 8 Page - Analog Devices

部品番号 ADM1062
部品情報  Super Sequencer with Margining Control and Temperature Monitoring
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM1062 データシート(HTML) 8 Page - Analog Devices

Back Button ADM1062_15 Datasheet HTML 4Page - Analog Devices ADM1062_15 Datasheet HTML 5Page - Analog Devices ADM1062_15 Datasheet HTML 6Page - Analog Devices ADM1062_15 Datasheet HTML 7Page - Analog Devices ADM1062_15 Datasheet HTML 8Page - Analog Devices ADM1062_15 Datasheet HTML 9Page - Analog Devices ADM1062_15 Datasheet HTML 10Page - Analog Devices ADM1062_15 Datasheet HTML 11Page - Analog Devices ADM1062_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
ADM1062
Rev. C | Page 8 of 36
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Voltage on VH Pin
16 V
Voltage on VPx Pins
7 V
Voltage on VXx Pins
−0.3 V to +6.5 V
Voltage on A0, A1 Pins
−0.3 V to +7 V
Voltage on REFIN, REFOUT Pins
5 V
Voltage on VDDCAP, VCCP Pins
6.5 V
Voltage on PDOx Pins
16 V
Voltage on SDA, SCL Pins
7 V
Voltage on GND, AGND, PDOGND,
REFGND Pins
−0.3 V to +0.3 V
Voltage on DN, DP Pins
−0.3 V to +5 V
Input Current at Any Pin
±5 mA
Package Input Current
±20 mA
Maximum Junction Temperature (TJ max)
150°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature,
Soldering Vapor Phase, 60 sec
215°C
ESD Rating, All Pins
2000 V
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θJA
Unit
40-Lead LFCSP
25
°C/W
48-Lead TQFP
50
°C/W
ESD CAUTION


同様の部品番号 - ADM1062_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1062ACP AD-ADM1062ACP Datasheet
1Mb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Temperature Monitoring
Rev. PrJ
ADM1062ACPZ AD-ADM1062ACPZ Datasheet
629Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1062ACPZ-REEL7 AD-ADM1062ACPZ-REEL7 Datasheet
629Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1062ASU AD-ADM1062ASU Datasheet
1Mb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Temperature Monitoring
Rev. PrJ
ADM1062ASUZ AD-ADM1062ASUZ Datasheet
629Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
More results

同様の説明 - ADM1062_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1062ACPZ-REEL7 AD-ADM1062ACPZ-REEL7 Datasheet
629Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1062 AD-ADM1062 Datasheet
1Mb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Temperature Monitoring
Rev. PrJ
ADM1069ASTZ AD-ADM1069ASTZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1069 AD-ADM1069_15 Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1069ACPZ AD-ADM1069ACPZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1066ACPZ AD-ADM1066ACPZ Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1169 AD-ADM1169 Datasheet
511Kb / 33P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
ADM1066 AD-ADM1066_15 Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1166ACPZ AD-ADM1166ACPZ Datasheet
515Kb / 32P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1166 AD-ADM1166 Datasheet
515Kb / 32P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com