データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM1063 データシート(PDF) 8 Page - Analog Devices

部品番号 ADM1063
部品情報  Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM1063 データシート(HTML) 8 Page - Analog Devices

Back Button ADM1063_15 Datasheet HTML 4Page - Analog Devices ADM1063_15 Datasheet HTML 5Page - Analog Devices ADM1063_15 Datasheet HTML 6Page - Analog Devices ADM1063_15 Datasheet HTML 7Page - Analog Devices ADM1063_15 Datasheet HTML 8Page - Analog Devices ADM1063_15 Datasheet HTML 9Page - Analog Devices ADM1063_15 Datasheet HTML 10Page - Analog Devices ADM1063_15 Datasheet HTML 11Page - Analog Devices ADM1063_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ADM1063
Rev. C | Page 8 of 32
Pin No.
LFCSP1
TQFP
Mnemonic
Description
37
44
D1N
External Temperature Sensor 1 Cathode Connection.
38
45
D1P
External Temperature Sensor 1 Anode Connection.
39
46
VDDCAP
Device Supply Voltage. Linearly regulated from the highest of the VPx, VH pins to a typical of
4.75 V. Note that the capacitor must be connected between this pin and GND. A 10 μF
capacitor is recommended for this purpose.
40
47
GND2
Supply Ground.
1 Note that the LFCSP has an exposed pad on the bottom. This pad is a no connect (NC). If possible, this pad should be soldered to the board for improved mechanical stability.
2 In a typical application, all ground pins are connected together.


同様の部品番号 - ADM1063_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1063ACP AD-ADM1063ACP Datasheet
412Kb / 36P
   Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. 0
ADM1063ACP-REEL7 AD-ADM1063ACP-REEL7 Datasheet
412Kb / 36P
   Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. 0
ADM1063ACPZ AD-ADM1063ACPZ Datasheet
412Kb / 36P
   Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. 0
ADM1063ACPZ-REEL7 AD-ADM1063ACPZ-REEL7 Datasheet
412Kb / 36P
   Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. 0
ADM1063ASU AD-ADM1063ASU Datasheet
412Kb / 36P
   Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. 0
More results

同様の説明 - ADM1063_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1063 AD-ADM1063 Datasheet
412Kb / 36P
   Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. 0
ADM1062 AD-ADM1062 Datasheet
1Mb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Temperature Monitoring
Rev. PrJ
ADM1066 AD-ADM1066 Datasheet
861Kb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Auxiliary ADC Inputs
REV. 0
ADM1062ACPZ-REEL7 AD-ADM1062ACPZ-REEL7 Datasheet
629Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1062 AD-ADM1062_15 Datasheet
623Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
logo
Linear Technology
LTC2928 LINER-LTC2928_15 Datasheet
417Kb / 34P
   Multichannel Power Supply Sequencer and Supervisor
logo
Linear Dimensions Semic...
LTC2928IUHF-TRPBF LINEAR_DIMENSIONS-LTC2928IUHF-TRPBF Datasheet
329Kb / 32P
   Multichannel Power Supply Sequencer and Supervisor
logo
Linear Technology
LTC2928 LINER-LTC2928 Datasheet
5Mb / 32P
   Multichannel Power Supply Sequencer and Supervisor
LTC2937 LINER-LTC2937 Datasheet
4Mb / 24P
   Programmable Six Channel Sequencer and Voltage Supervisor with EEPROM
logo
Analog Devices
ADM1066 AD-ADM1066_15 Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com