データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM1072 データシート(PDF) 2 Page - Analog Devices

部品番号 ADM1072
部品情報  Dual, USB 2.0 Full/Standby Power Controller with Supply Steering
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM1072 データシート(HTML) 2 Page - Analog Devices

  ADM1072_15 Datasheet HTML 1Page - Analog Devices ADM1072_15 Datasheet HTML 2Page - Analog Devices ADM1072_15 Datasheet HTML 3Page - Analog Devices ADM1072_15 Datasheet HTML 4Page - Analog Devices ADM1072_15 Datasheet HTML 5Page - Analog Devices ADM1072_15 Datasheet HTML 6Page - Analog Devices ADM1072_15 Datasheet HTML 7Page - Analog Devices ADM1072_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
–2–
Rev. PrE 1/02
ADM1072–SPECIFICATIONS
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
Operating Voltage Range
+2.7
+5.5
Volts
Quiescent Current (Total Device)
50
µA
VIN = 5V,
ON1,ON2 = GND, IOUT = 0A
Shutdown Supply Current (Total Device)
0.01
2
µA
ON1,ON2 = VIN = 5.5V, VOUT = 0V
Undervoltage Lockout
2.0
2.3
2.6
V
VSTBY_IN, Rising Edge, 1% Hysteresis
On Resistance
?
135
m
VIN = 4.75V
??
m
VIN = 3.0V
NOMINAL CURRENT-LIMIT
Full Power Mode
0.8
1.0
1.2
A
STBY Low Note 1
Standby Mode
160
200
240
mA
STBY High Note 1
ON1,ON2, STBY Input Low Voltage, VIL
0.8
V
VIN = 2.7V to 5.5V
ON1,ON2, STBY Input High Voltage, VIH
2.4
V
VIN = 2.7V to 5.5V
ON1,ON2, STBY Input Leakage
0.01
±1
µA
VON, VSTBY = 5.5V
FLT1,FLT2 Logic Output Low Voltage
0.4
V
ISINK = 1mA
FLT1,FLT2 Output High Leakage Current
0.05
1
µA
VFAULT = 5.5V
Turn-On Time
4
ms
VIN = 5V, IOUT = 500mA
4ms
VIN = 3V, IOUT = 500mA
Turn-Off Time
?
?
20
µs
VIN = 5V, IOUT = 500mA
Notes
1Current limit is specified with V
OUT = 4.5V.
2Guaranteed by design. Derived from the I
SET current ratio, current-limit amplifier and internal set resistor accuraciues.
3Tested with I
OUT = 200mA and VSET adjusted until (VIN - VOUT)
0.8V.
4Specifications to -40oC are guaranteed by design, not tested.
(Specification for either channel 1 or channel 2, VIN = +5.0V, TA = -40 to +85
oC, unless otherwise noted.)
PRELIMINARY TECHNICAL DATA


同様の部品番号 - ADM1072_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1072ARQ AD-ADM1072ARQ Datasheet
88Kb / 8P
   Dual, USB 2.0 Full/Standby Power Controller with Supply Steering
Rev. PrE 1/02
More results

同様の説明 - ADM1072_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1072 AD-ADM1072 Datasheet
88Kb / 8P
   Dual, USB 2.0 Full/Standby Power Controller with Supply Steering
Rev. PrE 1/02
logo
Intersil Corporation
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
   USB Dual Port Power Supply Controller
logo
Renesas Technology Corp
ISL6185 RENESAS-ISL6185 Datasheet
945Kb / 20P
   Dual USB Port Power Supply Controller
ISL6436 RENESAS-ISL6436 Datasheet
796Kb / 13P
   USB Dual Port Power Supply Controller
Aug 10, 2001
logo
Intersil Corporation
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
ISL6185 INTERSIL-ISL6185 Datasheet
400Kb / 20P
   Dual USB Port Power Supply Controller
logo
Renesas Technology Corp
ISL6119 RENESAS-ISL6119 Datasheet
771Kb / 13P
   USB Dual Port Power Supply Controller
logo
Intersil Corporation
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
   USB Dual Port Power Supply Controller
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
   Dual USB Port Power Supply Controller
March 8, 2012
logo
List of Unclassifed Man...
TE7022SL ETC2-TE7022SL Datasheet
313Kb / 5P
   USB 2.0 Full-Speed Hi-Q USB Audio Streaming Controller
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com