データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM1073 データシート(PDF) 4 Page - Analog Devices

部品番号 ADM1073
部品情報  Full-Feature 48 V Hot Swap Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM1073 データシート(HTML) 4 Page - Analog Devices

  ADM1073_15 Datasheet HTML 1Page - Analog Devices ADM1073_15 Datasheet HTML 2Page - Analog Devices ADM1073_15 Datasheet HTML 3Page - Analog Devices ADM1073_15 Datasheet HTML 4Page - Analog Devices ADM1073_15 Datasheet HTML 5Page - Analog Devices ADM1073_15 Datasheet HTML 6Page - Analog Devices ADM1073_15 Datasheet HTML 7Page - Analog Devices ADM1073_15 Datasheet HTML 8Page - Analog Devices ADM1073_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADM1073
Data Sheet
Rev. B | Page 4 of 24
SPECIFICATIONS
VDD = 0 V, VEE = −48 V; TA = −40°C to +85°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions
BOARD SUPPLY (Not Connected Directly to Device)
Limited by external components
Maximum Voltage Range
−200
−48
−18
V
Typical Operating Voltage Range
−80
−48
−35
V
VIN PIN—SHUNT REGULATOR
Operating Supply Voltage Range
11.7
12.3
12.9
V
IIN = 0.6 mA to 2 mA
Quiescent Supply Current
300
500
μA
VIN = 11.7 V
Maximum Shunt Supply Voltage
14
V
IIN = 10 mA
Undervoltage Lockout, VLKO
8
V
Power-On Reset Delay
150
ms
UV, OV PINS—UNDERVOLTAGE AND OVERVOLTAGE DETECTION
Undervoltage Falling Threshold, VUVF
825
868
910
mV
Undervoltage Hysteresis Current
5
μA
Undervoltage Fault Filter
0.6
ms
Overvoltage Rising Threshold, VOVR
1.86
1.93
2.00
V
Overvoltage Hysteresis Current
5
μA
Overvoltage Fault Filter
5
μs
Input Current
0.2
μA
GATE PIN—FET DRIVER
Maximum Gate Voltage
11.5
VIN(MAX)
V
IGATE = −1.0 μA
Minimum Gate Voltage
10
100
mV
IGATE = 1.0 μA
Pull-Up Current
−50
μA
VGATE = 0 V to 8 V; VSS = 2 V
−36
μA
VGATE = 0 V to 8 V; VSS = 0 V
Pull-Down Current
20
mA
VGATE > 2 V
50
mA
VGATE > 5 V
SENSE PIN—CURRENT SENSE—SOFT START
Current Limit Control Loop Threshold, VACL
97
100
103
mV
IGATE = 0 mA
Circuit Breaker Limit Voltage, VCB
86
90
mV
Fast Current Limit Voltage, VFCL
110
mV
Control Loop Transconductance
4.5
μA/mV
Soft Start Pin Current
5
μA
TIMER PIN—PWM CONTROL
Minimum TIMER Pull-Up Current
18
19
20
μA
IPWRGD < 4 μA; TA = 25°C to 85°C
16
19
20
μA
IPWRGD < 4 μA
Maximum TIMER Pull-Up Current
37
39
41
μA
IPWRGD = 24 μA; TA = 25°C to 85°C
34
39
41
μA
IPWRGD = 24 μA
TIMER Pull-Down Current
1
μA
TIMER Low Voltage Trip Point
0.45
0.50
0.55
V
TIMER High Voltage Trip Point
2.34
2.42
2.50
V
Current Limit On-Time, tON
6
ms
IDRAIN = 4 μA; CTIMER = 47 nF
Current Limit On-Time, tON, with Foldback
3
ms
IDRAIN = 20 μA; CTIMER = 47 nF
Number of Consecutive PWM Retry Cycles
7
Continuous Short-Circuit Time before Latched Shutdown
0.6
s
CTIMER = 47 nF


同様の部品番号 - ADM1073_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1073ARU AD-ADM1073ARU Datasheet
305Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. 0
ADM1073ARU-REEL AD-ADM1073ARU-REEL Datasheet
305Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. 0
ADM1073ARU-REEL7 AD-ADM1073ARU-REEL7 Datasheet
305Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. 0
ADM1073ARUZ AD-ADM1073ARUZ Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1073ARUZ AD-ADM1073ARUZ Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
More results

同様の説明 - ADM1073_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1073 AD-ADM1073 Datasheet
305Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. 0
ADM1073ARUZ AD-ADM1073ARUZ Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1073ARUZ AD-ADM1073ARUZ Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
logo
Texas Instruments
TPS2391DGKR TI-TPS2391DGKR Datasheet
653Kb / 21P
[Old version datasheet]   SIMPLE -48-V HOT SWAP CONTROLLER
TPS2390 TI-TPS2390 Datasheet
283Kb / 16P
[Old version datasheet]   SIMPLE-48-V HOT SWAP CONTROLLER
TPS2393 TI-TPS2393 Datasheet
373Kb / 31P
[Old version datasheet]   FULL-FEATURED -48-V HOT SWAP POWER MANAGER
TPS2399DGKG4 TI1-TPS2399DGKG4 Datasheet
993Kb / 28P
[Old version datasheet]   -48-V HOT SWAP CONTROLLER FOR REDUNDANT-SUPPLY SYSTEMS
logo
ON Semiconductor
TPS2398 ONSEMI-TPS2398 Datasheet
363Kb / 15P
   -48 V Hot Swap Controller for Redundant Supply Systems
August, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com