データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HUF76437P3 データシート(PDF) 3 Page - Intersil Corporation

部品番号 HUF76437P3
部品情報  64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HUF76437P3 データシート(HTML) 3 Page - Intersil Corporation

  HUF76437P3 Datasheet HTML 1Page - Intersil Corporation HUF76437P3 Datasheet HTML 2Page - Intersil Corporation HUF76437P3 Datasheet HTML 3Page - Intersil Corporation HUF76437P3 Datasheet HTML 4Page - Intersil Corporation HUF76437P3 Datasheet HTML 5Page - Intersil Corporation HUF76437P3 Datasheet HTML 6Page - Intersil Corporation HUF76437P3 Datasheet HTML 7Page - Intersil Corporation HUF76437P3 Datasheet HTML 8Page - Intersil Corporation HUF76437P3 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
HUF76437P3, HUF76437S3S
Typical Performance Curves
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
FIGURE 4. PEAK CURRENT CAPABILITY
TC, CASE TEMPERATURE (
oC)
0
0
25
50
75
100
175
0.2
0.4
0.6
0.8
1.0
1.2
125
150
20
40
60
80
25
50
75
100
125
150
175
0
TC, CASE TEMPERATURE (
oC)
VGS = 10V
VGS = 4.5V
0.1
1
10-5
10-4
10-3
10-2
10-1
100
101
0.01
2
t, RECTANGULAR PULSE DURATION (s)
SINGLE PULSE
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
PDM
t1
t2
DUTY CYCLE - DESCENDING ORDER
0.5
0.2
0.1
0.05
0.01
0.02
100
1000
10-4
10-3
10-2
10-1
100
101
10-5
50
t, PULSE WIDTH (s)
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
TC = 25
oC
I = I25
175 - TC
150
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
VGS = 10V
VGS = 5V
HUF76437P3, HUF76437S3S


同様の部品番号 - HUF76437P3

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HUF76437P3 FAIRCHILD-HUF76437P3 Datasheet
217Kb / 10P
   64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results

同様の説明 - HUF76437P3

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HUF76437P3 FAIRCHILD-HUF76437P3 Datasheet
217Kb / 10P
   64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76437P3 FAIRCHILD-HUFA76437P3 Datasheet
215Kb / 10P
   64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76407D3 FAIRCHILD-HUF76407D3 Datasheet
234Kb / 10P
   11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76409P3 FAIRCHILD-HUF76409P3 Datasheet
207Kb / 10P
   17A, 60V, 0.070 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76409P3 FAIRCHILD-HUFA76409P3 Datasheet
207Kb / 10P
   17A, 60V, 0.070 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76407P3 FAIRCHILD-HUF76407P3 Datasheet
209Kb / 10P
   12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76445P3 FAIRCHILD-HUF76445P3 Datasheet
209Kb / 10P
   75A, 60V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76443P3 FAIRCHILD-HUFA76443P3 Datasheet
213Kb / 10P
   75A, 60V, 0.0095 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76413D3 FAIRCHILD-HUF76413D3 Datasheet
205Kb / 10P
   20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76445P3 FAIRCHILD-HUFA76445P3 Datasheet
149Kb / 10P
   75A, 60V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com