データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM2486 データシート(PDF) 4 Page - Analog Devices

部品番号 ADM2486
部品情報  High Speed, Half-Duplex Coupler Isolated RS-485 Transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM2486 データシート(HTML) 4 Page - Analog Devices

  ADM2486_15 Datasheet HTML 1Page - Analog Devices ADM2486_15 Datasheet HTML 2Page - Analog Devices ADM2486_15 Datasheet HTML 3Page - Analog Devices ADM2486_15 Datasheet HTML 4Page - Analog Devices ADM2486_15 Datasheet HTML 5Page - Analog Devices ADM2486_15 Datasheet HTML 6Page - Analog Devices ADM2486_15 Datasheet HTML 7Page - Analog Devices ADM2486_15 Datasheet HTML 8Page - Analog Devices ADM2486_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADM2486
Data Sheet
Rev. E | Page 4 of 20
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
COMMON-MODE TRANSIENT IMMUNITY1
25
kV/µs
VCM = 1 kV,
transient magnitude = 800 V
HIGH FREQUENCY, COMMON-MODE NOISE IMMUNITY
100
mV
VHF = +5 V, −2 V < VTEST2 < +7 V,
1 MHz < fTEST < 50 MHz, see Figure 6
1
Common-mode transient immunity is the maximum common-mode voltage slew rate that can be sustained while maintaining specification-compliant operation.
VCM is the common-mode potential difference between the logic and bus sides. The transient magnitude is the range over which the common-mode is slewed. The
common-mode voltage slew rates apply to both rising and falling common-mode voltage edges.


同様の部品番号 - ADM2486_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM2486BRW AD-ADM2486BRW Datasheet
294Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
REV. C
ADM2486BRW AD-ADM2486BRW Datasheet
449Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
Rev. E
ADM2486BRW-REEL AD-ADM2486BRW-REEL Datasheet
294Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
REV. C
ADM2486BRW-REEL AD-ADM2486BRW-REEL Datasheet
449Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
Rev. E
ADM2486BRWZ AD-ADM2486BRWZ Datasheet
294Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
REV. C
More results

同様の説明 - ADM2486_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM2491EBRWZ AD-ADM2491EBRWZ Datasheet
410Kb / 16P
   High Speed, ESD-Protected, Half-/Full-Duplex Coupler Isolated RS-485 Transceiver
REV. B
ADM2486 AD-ADM2486 Datasheet
294Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
REV. C
ADM2486 AD-ADM2486_V01 Datasheet
449Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
Rev. E
ADM2481 AD-ADM2481 Datasheet
282Kb / 20P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2483BRWZ-REEL AD-ADM2483BRWZ-REEL Datasheet
244Kb / 20P
   Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
ADM2483 AD-ADM2483_V01 Datasheet
401Kb / 18P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
ADM2483BRWZ AD-ADM2483BRWZ Datasheet
244Kb / 20P
   Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
ADM2481 AD-ADM2481_V01 Datasheet
364Kb / 17P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. B
logo
Texas Instruments
SN65HVD485EDR TI-SN65HVD485EDR Datasheet
891Kb / 22P
[Old version datasheet]   HALF-DUPLEX RS-485 TRANSCEIVER
SN65HVD485E TI1-SN65HVD485E_17 Datasheet
1Mb / 29P
[Old version datasheet]   Half-Duplex RS-485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com