データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM2486 データシート(PDF) 1 Page - Analog Devices

部品番号 ADM2486
部品情報  High Speed, Half-Duplex Coupler Isolated RS-485 Transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM2486 データシート(HTML) 1 Page - Analog Devices

  ADM2486_15 Datasheet HTML 1Page - Analog Devices ADM2486_15 Datasheet HTML 2Page - Analog Devices ADM2486_15 Datasheet HTML 3Page - Analog Devices ADM2486_15 Datasheet HTML 4Page - Analog Devices ADM2486_15 Datasheet HTML 5Page - Analog Devices ADM2486_15 Datasheet HTML 6Page - Analog Devices ADM2486_15 Datasheet HTML 7Page - Analog Devices ADM2486_15 Datasheet HTML 8Page - Analog Devices ADM2486_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
High Speed, Half-Duplex iCoupler
Isolated RS-485 Transceiver
Data Sheet
ADM2486
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2004–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Half-duplex, isolated RS-485 transceiver
PROFIBUS® compliant
ANSI EIA/TIA 485-A and ISO 8482: 1987(E) compliant
20 Mbps data rate
5 V or 3 V operation (VDD1)
High common-mode transient immunity: >25 kV/μs
Isolated DE status output
Receiver open-circuit, fail-safe design
Thermal shutdown protection
50 nodes on bus
Safety and regulatory approvals
UL recognition—2500 Vrms for 1 minute per UL 1577
CSA Component Acceptance Notice #5A
IEC 609501 800 Vrms (basic), 400 Vrms (reinforced)
VDE Certificate of Conformity
DIN V VDE 0884-10 (VDE V 0884-10): 2006-12
VIORM = 560 V peak
Operating temperature range: −40°C to +85°C
Wide body, 16-lead SOIC package
APPLICATIONS
Isolated RS-485/RS-422 interfaces
PROFIBUS networks
Industrial field networks
Multipoint data transmission systems
GENERAL DESCRIPTION
The ADM2486 differential bus transceiver is an integrated,
galvanically isolated component designed for bidirectional
data communication on multipoint bus transmission lines. It
is designed for balanced transmission lines and complies with
ANSI EIA/TIA-485-A and ISO 8482: 1987(E).
The device employs Analog Devices iCoupler® technology to
combine a 3-channel isolator, a three-state differential line
driver, and a differential input receiver into a single package.
The logic side of the device is powered with either a 5 V or a
3 V supply, and the bus side uses an isolated 5 V supply.
FUNCTIONAL BLOCK DIAGRAM
RTS
VDD1
DE
GND1
A
B
VDD2
GND2
TxD
RxD
RE
PV
ADM2486
Figure 1.
The ADM2486 driver has an active-high enable feature. The
driver differential outputs and the receiver differential inputs
are connected internally to form a differential input/output port
that imposes minimal loading on the bus when the driver is
disabled or when VDD1 or VDD2 = 0 V. Also provided is an
active-high receiver disable feature that causes the receive
output to enter a high impedance state.
The device has current-limiting and thermal shutdown features
to protect against output short circuits and situations where bus
contention may cause excessive power dissipation. The part is
fully specified over the industrial temperature range and is
available in a 16-lead, wide body SOIC package.


同様の部品番号 - ADM2486_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM2486BRW AD-ADM2486BRW Datasheet
294Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
REV. C
ADM2486BRW AD-ADM2486BRW Datasheet
449Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
Rev. E
ADM2486BRW-REEL AD-ADM2486BRW-REEL Datasheet
294Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
REV. C
ADM2486BRW-REEL AD-ADM2486BRW-REEL Datasheet
449Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
Rev. E
ADM2486BRWZ AD-ADM2486BRWZ Datasheet
294Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
REV. C
More results

同様の説明 - ADM2486_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM2491EBRWZ AD-ADM2491EBRWZ Datasheet
410Kb / 16P
   High Speed, ESD-Protected, Half-/Full-Duplex Coupler Isolated RS-485 Transceiver
REV. B
ADM2486 AD-ADM2486 Datasheet
294Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
REV. C
ADM2486 AD-ADM2486_V01 Datasheet
449Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
Rev. E
ADM2481 AD-ADM2481 Datasheet
282Kb / 20P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2483BRWZ-REEL AD-ADM2483BRWZ-REEL Datasheet
244Kb / 20P
   Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
ADM2483 AD-ADM2483_V01 Datasheet
401Kb / 18P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
ADM2483BRWZ AD-ADM2483BRWZ Datasheet
244Kb / 20P
   Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
ADM2481 AD-ADM2481_V01 Datasheet
364Kb / 17P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. B
logo
Texas Instruments
SN65HVD485EDR TI-SN65HVD485EDR Datasheet
891Kb / 22P
[Old version datasheet]   HALF-DUPLEX RS-485 TRANSCEIVER
SN65HVD485E TI1-SN65HVD485E_17 Datasheet
1Mb / 29P
[Old version datasheet]   Half-Duplex RS-485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com