データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM3488E データシート(PDF) 6 Page - Analog Devices

部品番号 ADM3488E
部品情報  Full-Duplex, RS-485/RS-422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM3488E データシート(HTML) 6 Page - Analog Devices

Back Button ADM3488E_15 Datasheet HTML 2Page - Analog Devices ADM3488E_15 Datasheet HTML 3Page - Analog Devices ADM3488E_15 Datasheet HTML 4Page - Analog Devices ADM3488E_15 Datasheet HTML 5Page - Analog Devices ADM3488E_15 Datasheet HTML 6Page - Analog Devices ADM3488E_15 Datasheet HTML 7Page - Analog Devices ADM3488E_15 Datasheet HTML 8Page - Analog Devices ADM3488E_15 Datasheet HTML 9Page - Analog Devices ADM3488E_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADM3483E/ADM3486E/ADM3488E/ADM3490E/ADM3491E
Rev. A | Page 6 of 20
VCC = 3.3 V, TA = 25°C.
Table 5. ADM3490E/ADM3491E
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
MAXIMUM DATA RATE
12
15
Mbps
DIFFERENTIAL OUTPUT DELAY
tDD
1
22
35
ns
RL = 60 Ω (see Figure 10)
DIFFERENTIAL OUTPUT TRANSITION TIME
tTD
3
11
25
ns
RL = 60 Ω (see Figure 10)
PROPAGATION DELAY
From Low to High Level
tPLH
7
23
35
ns
RL = 27 Ω (see Figure 11)
From High to Low Level
tPHL
7
23
35
ns
RL = 27 Ω (see Figure 11)
|tPLH − tPHL| PROPAGATION DELAY SKEW1
tPDS
−1.4
±8
ns
RL = 27 Ω (see Figure 11)
ENABLE/DISABLE TIMING (ADM3491E ONLY)
Enable Time to Low Level
tPZL
42
90
ns
RL = 110 Ω (see Figure 13)
Enable Time to High Level
tPZH
42
90
ns
RL = 110 Ω (see Figure 12)
Disable Time from Low Level
tPLZ
35
80
ns
RL = 110 Ω (see Figure 13)
Disable Time from High Level
tPHZ
35
80
ns
RL = 110 Ω (see Figure 12)
Enable Time from Shutdown to Low Level
tPSL
650
900
ns
RL = 110 Ω (see Figure 13)
Enable Time from Shutdown to High Level
tPSH
650
900
ns
RL = 110 Ω (see Figure 12)
1 Measured on |tPLH (Y) − tPHL (Y)| and |tPLH (Z) − tPHL (Z)|.
RECEIVER TIMING SPECIFICATIONS
VCC = 3.3 V, TA = 25°C.
Table 6. ADM3483E/ADM3486E/ADM3488E/ADM3490E/ADM3491E
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
PROPAGATION DELAY
From Low to High Level
tRPLH
ADM3486E/ADM3490E/ADM3491E
25
62
90
ns
VID = 0 V to 3.0 V, CL = 15 pF (see Figure 14)
ADM3483E/ADM3488E
25
75
120
ns
VID = 0 V to 3.0 V, CL = 15 pF (see Figure 14)
From High to Low Level
tRPHL
ADM3486E/ADM3490E/ADM3491E
25
62
90
ns
VID = 0 V to 3.0 V, CL = 15 pF (see Figure 14)
ADM3483E/ADM3488E
25
75
120
ns
VID = 0 V to 3.0 V, CL = 15 pF (see Figure 14)
|tRPLH − tRPHL| PROPAGATION DELAY SKEW
tRPDS
ADM3486E/ADM3490E/ADM3491E
+6
±10
ns
VID = 0 V to 3.0 V, CL = 15 pF (see Figure 14)
ADM3483E/ADM3488E
+12
±20
ns
VID = 0 V to 3.0 V, CL = 15 pF (see Figure 14)
ENABLE/DISABLE TIMING (ADM3483E/ADM3486E/
ADM3491E ONLY)
Enable Time to Low Level
tRPZL
25
50
ns
CL = 15 pF (see Figure 15)
Enable Time to High Level
tRPZH
25
50
ns
CL = 15 pF (see Figure 15)
Disable Time from Low Level
tRPLZ
25
45
ns
CL = 15 pF (see Figure 15)
Disable Time from High Level
tRPHZ
25
45
ns
CL = 15 pF (see Figure 15)
Enable Time from Shutdown to Low Level
tRPSL
720
1400
ns
CL = 15 pF (see Figure 15)
Enable Time from Shutdown to High Level
tRPSH
720
1400
ns
CL = 15 pF (see Figure 15)
Time to Shutdown1
tSHDN
80
190
300
ns
1 The transceivers are put into shutdown mode by bringing the RE high and the DE low. If the inputs are in this state for less than 80 ns, the parts are guaranteed not to
enter shutdown. If the parts are in this state for 300 ns or more, the parts are guaranteed to enter shutdown.


同様の部品番号 - ADM3488E_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM3488EARZ AD-ADM3488EARZ Datasheet
649Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3488EARZ-REEL7 AD-ADM3488EARZ-REEL7 Datasheet
649Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
More results

同様の説明 - ADM3488E_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM3070E AD-ADM3070E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3488 AD-ADM3488_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3490 AD-ADM3490_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3073E AD-ADM3073E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3485 AD-ADM3485_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3491E AD-ADM3491E_15 Datasheet
650Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3071E AD-ADM3071E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483E AD-ADM3483E_15 Datasheet
650Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3075E AD-ADM3075E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3078E AD-ADM3078E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3491 AD-ADM3491_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com