データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF150 データシート(PDF) 4 Page - Intersil Corporation

部品番号 IRF150
部品情報  40A, 100V, 0.055 Ohm, N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF150 データシート(HTML) 4 Page - Intersil Corporation

  IRF150 Datasheet HTML 1Page - Intersil Corporation IRF150 Datasheet HTML 2Page - Intersil Corporation IRF150 Datasheet HTML 3Page - Intersil Corporation IRF150 Datasheet HTML 4Page - Intersil Corporation IRF150 Datasheet HTML 5Page - Intersil Corporation IRF150 Datasheet HTML 6Page - Intersil Corporation IRF150 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. OUTPUT CHARACTERISTICS
FIGURE 6. SATURATION CHARACTERISTICS
FIGURE 7. TRANSFER CHARACTERISTICS
NOTE: Heating effect of 2
µs is minimal.
FIGURE 8. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
Typical Performance Curves Unless Otherwise Specified (Continued)
102
10
110
102
1
VDS, DRAIN TO SOURCE VOLTAGE (V)
103
103
SINGLE PULSE
TC = 25
oC
OPERATION IN THIS
REGION IS LIMITED
BY rDS(ON)
TJ = MAX RATED
10
µs
100
µs
1ms
DC
10ms
100ms
VDS, DRAIN TO SOURCE VOLTAGE (V)
10
20
30
40
050
50
40
30
0
20
7V
6V
VGS = 8V
5V
80
µs PULSE TEST
10
9V
10V
4V
VDS, DRAIN TO SOURCE VOLTAGE (V)
0.4
0.8
1.2
1.6
0
2.0
20
16
12
0
8
80
µs PULSE TEST
4
8V
6V
5V
VGS = 10V
4V
7V
9V
VGS, GATE TO SOURCE VOLTAGE (V)
20
10
0
0
1234
8
TJ = 125
oC
TJ = 25
oC
5
15
25
30
TJ = -55
oC
80
µs PULSE TEST
VDS >ID(ON) xrDS(ON)MAX
567
ID, DRAIN CURRENT (A)
40
80
120
0
160
0.20
0.14
0.10
0.06
VGS = 20V
0.02
VGS = 10V
2.2
1.4
0.6
80
-60
TJ, JUNCTION TEMPERATURE (
oC)
1.8
1.0
0.2
0
60
120
-20
-40
20
40
100
140
ID = 14A
VGS = 10V
IRF150


同様の部品番号 - IRF150

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
IRF150 SAMSUNG-IRF150 Datasheet
210Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Seme LAB
IRF150 SEME-LAB-IRF150 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
IRF150 FAIRCHILD-IRF150 Datasheet
125Kb / 4P
   N-Channel Power MOSFETs, 40 A, 60 V/100 V
logo
International Rectifier
IRF150 IRF-IRF150 Datasheet
150Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.055ohm, Id= 38A)
logo
IXYS Corporation
IRF150 IXYS-IRF150 Datasheet
44Kb / 1P
   HIGH VOLTAGE POWER MOSFET DIE
More results

同様の説明 - IRF150

メーカー部品番号データシート部品情報
logo
Intersil Corporation
FRK150D INTERSIL-FRK150D Datasheet
48Kb / 6P
   40A, 100V, 0.055 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
RFG40N10 INTERSIL-RFG40N10 Datasheet
51Kb / 6P
   40A, 100V, 0.040 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFG40N10 FAIRCHILD-RFG40N10 Datasheet
371Kb / 6P
   40A, 100V, 0.040 Ohm, N-Channel Power MOSFETs
logo
MagnaChip Semiconductor...
MDD1902 MGCHIP-MDD1902 Datasheet
904Kb / 6P
   Single N-channel Trench MOSFET 100V, 40A, 28m(ohm)
MDF1922 MGCHIP-MDF1922 Datasheet
935Kb / 6P
   Single N-channel Trench MOSFET 100V, 40A, 8.7m(ohm)
MDD1901 MGCHIP-MDD1901 Datasheet
867Kb / 6P
   Single N-channel Trench MOSFET 100V, 40A, 22m(ohm)
MDU10N180 MGCHIP-MDU10N180 Datasheet
986Kb / 6P
   Single N-channel Trench MOSFET 100V, 40A, 18m(ohm)
logo
STMicroelectronics
STL22NF10 STMICROELECTRONICS-STL22NF10 Datasheet
324Kb / 8P
   N-CHANNEL 100V - 0.055 ohm - 22A PowerFLAT??LOW GATE CHARGE STripFET??II MOSFET
STN7NF10 STMICROELECTRONICS-STN7NF10 Datasheet
274Kb / 8P
   N-CHANNEL 100V - 0.055 ohm - 5A SOT-223 LOW GATE CHARGE STripFET??II POWER MOSFET
logo
Solid States Devices, I...
SFF50N20M SSDI-SFF50N20M Datasheet
70Kb / 2P
   50 AMPS 200 VOLTS 0.055 OHM N-Channel POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com