データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF150 データシート(PDF) 5 Page - Intersil Corporation

部品番号 IRF150
部品情報  40A, 100V, 0.055 Ohm, N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF150 データシート(HTML) 5 Page - Intersil Corporation

  IRF150 Datasheet HTML 1Page - Intersil Corporation IRF150 Datasheet HTML 2Page - Intersil Corporation IRF150 Datasheet HTML 3Page - Intersil Corporation IRF150 Datasheet HTML 4Page - Intersil Corporation IRF150 Datasheet HTML 5Page - Intersil Corporation IRF150 Datasheet HTML 6Page - Intersil Corporation IRF150 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
FIGURE 10. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 11. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
FIGURE 12. TRANSCONDUCTANCE vs DRAIN CURRENT
FIGURE 13. SOURCE TO DRAIN DIODE VOLTAGE
FIGURE 14. GATE TO SOURCE VOLTAGE vs GATE CHARGE
Typical Performance Curves Unless Otherwise Specified (Continued)
1.25
1.05
0.85
60
TJ, JUNCTION TEMPERATURE (
oC)
1.15
0.95
0.75
-20
20
100
160
0
-40
40
80
120
140
ID = 250µA
010
30
40
50
VDS, DRAIN TO SOURCE VOLTAGE (V)
4000
3200
2400
1600
800
0
20
CRSS
CISS
COSS
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS ≈ CDS + CGD
ID, DRAIN CURRENT (A)
10
20
30
40
050
20
16
12
0
8
80
µs PULSE TEST
4
TJ = -55
oC
TJ = 25
oC
TJ = 125
oC
VSD, SOURCE TO DRAIN VOLTAGE (V)
102
10
1.0
01234
TJ = 25
oC
TJ = 150
oC
2
Qg(TOT), TOTAL GATE CHARGE (nC)
28
56
84
112
0
140
5
20
10
VDS = 20V
15
0
ID = 40A
FOR TEST CIRCUIT,
SEE FIGURE 19
VDS = 80V
VDS = 50V
IRF150


同様の部品番号 - IRF150

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
IRF150 SAMSUNG-IRF150 Datasheet
210Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Seme LAB
IRF150 SEME-LAB-IRF150 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
IRF150 FAIRCHILD-IRF150 Datasheet
125Kb / 4P
   N-Channel Power MOSFETs, 40 A, 60 V/100 V
logo
International Rectifier
IRF150 IRF-IRF150 Datasheet
150Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.055ohm, Id= 38A)
logo
IXYS Corporation
IRF150 IXYS-IRF150 Datasheet
44Kb / 1P
   HIGH VOLTAGE POWER MOSFET DIE
More results

同様の説明 - IRF150

メーカー部品番号データシート部品情報
logo
Intersil Corporation
FRK150D INTERSIL-FRK150D Datasheet
48Kb / 6P
   40A, 100V, 0.055 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
RFG40N10 INTERSIL-RFG40N10 Datasheet
51Kb / 6P
   40A, 100V, 0.040 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFG40N10 FAIRCHILD-RFG40N10 Datasheet
371Kb / 6P
   40A, 100V, 0.040 Ohm, N-Channel Power MOSFETs
logo
MagnaChip Semiconductor...
MDD1902 MGCHIP-MDD1902 Datasheet
904Kb / 6P
   Single N-channel Trench MOSFET 100V, 40A, 28m(ohm)
MDF1922 MGCHIP-MDF1922 Datasheet
935Kb / 6P
   Single N-channel Trench MOSFET 100V, 40A, 8.7m(ohm)
MDD1901 MGCHIP-MDD1901 Datasheet
867Kb / 6P
   Single N-channel Trench MOSFET 100V, 40A, 22m(ohm)
MDU10N180 MGCHIP-MDU10N180 Datasheet
986Kb / 6P
   Single N-channel Trench MOSFET 100V, 40A, 18m(ohm)
logo
STMicroelectronics
STL22NF10 STMICROELECTRONICS-STL22NF10 Datasheet
324Kb / 8P
   N-CHANNEL 100V - 0.055 ohm - 22A PowerFLAT??LOW GATE CHARGE STripFET??II MOSFET
STN7NF10 STMICROELECTRONICS-STN7NF10 Datasheet
274Kb / 8P
   N-CHANNEL 100V - 0.055 ohm - 5A SOT-223 LOW GATE CHARGE STripFET??II POWER MOSFET
logo
Solid States Devices, I...
SFF50N20M SSDI-SFF50N20M Datasheet
70Kb / 2P
   50 AMPS 200 VOLTS 0.055 OHM N-Channel POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com