データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF323 データシート(PDF) 4 Page - Intersil Corporation

部品番号 IRF323
部品情報  2.8A and 3.3A, 350V and 400V, 1.8 and 2.5 Ohm, N-Channel Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF323 データシート(HTML) 4 Page - Intersil Corporation

  IRF323 Datasheet HTML 1Page - Intersil Corporation IRF323 Datasheet HTML 2Page - Intersil Corporation IRF323 Datasheet HTML 3Page - Intersil Corporation IRF323 Datasheet HTML 4Page - Intersil Corporation IRF323 Datasheet HTML 5Page - Intersil Corporation IRF323 Datasheet HTML 6Page - Intersil Corporation IRF323 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
5-4
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. MAXIMUM TRANSIENT THERMAL IMPEDANCE
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. OUTPUT CHARACTERISTICS
0
50
100
150
0
TC, CASE TEMPERATURE (
oC)
0.2
0.4
0.6
0.8
1.0
1.2
TC, CASE TEMPERATURE (
oC)
50
75
100
150
25
5
4
3
0
2
IRF320, IRF321
1
IRF322, IRF323
125
SINGLE PULSE
PDM
t1
t2
10
1
0.1
0.01
10-2
10-5
10-4
10-3
0.1
1
10
t1, RECTANGULAR PULSE DURATION (s)
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC + TC
0.01
0.02
0.05
0.1
0.2
0.5
100
10
1
1000
1
10
100
OPERATION IN THIS
AREA IS LIMITED
BY rDS(ON)
0.1
VDS, DRAIN TO SOURCE VOLTAGE (V)
TC = 25
oC
IRF321, 3
IFR320, 1
IRF322, 3
IFR320, 1
IRF322, 3
IRF320, 2
TJ = MAX RATED
SINGLE PULSE
10
µs
100
µs
1ms
10ms
DC
VDS, DRAIN TO SOURCE VOLTAGE (V)
40
80
120
0
200
5
4
3
0
2
10V
6.0V
VGS = 5.0V
5.5V
4.5V
80
µs PULSE TEST
1
4.0V
160
IRF320, IRF321, IRF322, IRF323


同様の部品番号 - IRF323

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
IRF323 SAMSUNG-IRF323 Datasheet
213Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF323 FAIRCHILD-IRF323 Datasheet
164Kb / 5P
   N-Channel Power MOSFETs, 3.0 A, 350-400 V
logo
New Jersey Semi-Conduct...
IRF323 NJSEMI-IRF323 Datasheet
137Kb / 3P
   2.8A and 3.3A, 350V and 400V, 1.8 and 2.5 Ohm, N-Channel Power MOSFETs
logo
Inchange Semiconductor ...
IRF323 ISC-IRF323 Datasheet
48Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ARTSCHIP ELECTRONICS CO...
IRF323 ARTSCHIP-IRF323 Datasheet
333Kb / 6P
   N-Channel Power MOSFETs
More results

同様の説明 - IRF323

メーカー部品番号データシート部品情報
logo
New Jersey Semi-Conduct...
IRF320 NJSEMI-IRF320 Datasheet
137Kb / 3P
   2.8A and 3.3A, 350V and 400V, 1.8 and 2.5 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFH12N35 INTERSIL-RFH12N35 Datasheet
40Kb / 5P
   12A, 350V and 400V, 0.380 Ohm, N-Channel Power MOSFETs
RFM4N35 INTERSIL-RFM4N35 Datasheet
38Kb / 4P
   4A, 350V and 400V, 2.000 Ohm, N-Channel Power MOSFETs
RFM7N35 INTERSIL-RFM7N35 Datasheet
47Kb / 4P
   7A, 350V and 400V, 0.75 Ohm, N-Channel Power MOSFETs
RFM12N35 INTERSIL-RFM12N35 Datasheet
31Kb / 4P
   12A, 350V and 400V, 0.500 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
IRF340-343 FAIRCHILD-IRF340-343 Datasheet
154Kb / 5P
   N-Channel Power MOSFETs, 10A, 350V/400V
IRF350-353 FAIRCHILD-IRF350-353 Datasheet
117Kb / 4P
   N-Channel Power MOSFETs, 15A, 350V/400V
2N6759 FAIRCHILD-2N6759 Datasheet
138Kb / 5P
   N-Channel Power MOSFETs, 5.5A, 350V/400V
2N6767 FAIRCHILD-2N6767 Datasheet
140Kb / 5P
   N-Channel Power MOSFETs, 15A, 350V/400V
logo
Intersil Corporation
IRF720 INTERSIL-IRF720 Datasheet
54Kb / 7P
   3.3A, 400V, 1.800 Ohm, N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com