データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF720 データシート(PDF) 4 Page - Intersil Corporation

部品番号 IRF720
部品情報  3.3A, 400V, 1.800 Ohm, N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF720 データシート(HTML) 4 Page - Intersil Corporation

  IRF720 Datasheet HTML 1Page - Intersil Corporation IRF720 Datasheet HTML 2Page - Intersil Corporation IRF720 Datasheet HTML 3Page - Intersil Corporation IRF720 Datasheet HTML 4Page - Intersil Corporation IRF720 Datasheet HTML 5Page - Intersil Corporation IRF720 Datasheet HTML 6Page - Intersil Corporation IRF720 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4-4
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. OUTPUT CHARACTERISTICS
FIGURE 6. SATURATION CHARACTERISTICS
FIGURE 7. TRANSFER CHARACTERISTICS
FIGURE 8. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
Typical Performance Curves Unless Otherwise Specified (Continued)
VDS, DRAIN TO SOURCE VOLTAGE (V)
10
0.1
10
1
100
102
DC
100
µs
10
µs
1ms
10ms
1
103
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
TJ = MAX RATED
TC = 25
oC
SINGLE PULSE
0
1
0
40
80
120
200
2
3
VDS, DRAIN TO SOURCE VOLTAGE (V)
4
160
5
VGS = 5.0V
VGS = 6.0V
VGS = 5.5V
VGS = 4.5V
VGS = 4.0V
VGS = 10V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0
1
0
3
69
15
2
3
VDS, DRAIN TO SOURCE VOLTAGE (V)
4
12
5
VGS = 5.0V
VGS = 10V
VGS = 6.0V
VGS = 5.5V
VGS = 4.5V
VGS = 4.0V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0
24
0.01
1
10
VGS, GATE TO SOURCE VOLTAGE (V)
TJ = 150
oC
TJ = 25
oC
0.1
68
10
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDS ≥ 50V
0
2
0
3
69
15
4
6
ID, DRAIN CURRENT (A)
8
12
10
VGS = 20V
VGS = 10V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
3.0
2.4
1.8
1.2
0.6
0
-60
-40
-20
0
20
40
60
80
100
120 140 160
TJ, JUNCTION TEMPERATURE (
oC)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VGS = 10V, ID =1.8A
IRF720


同様の部品番号 - IRF720

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
IRF720 SAMSUNG-IRF720 Datasheet
273Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF720 FAIRCHILD-IRF720 Datasheet
164Kb / 5P
   N-Channel Power MOSFETs, 3.0 A, 350-400 V
logo
International Rectifier
IRF720 IRF-IRF720 Datasheet
554Kb / 8P
   TRANSISTORS N-CHANNEL
logo
Vishay Siliconix
IRF720 VISHAY-IRF720 Datasheet
1Mb / 8P
   Power MOSFET
Rev. A, 16-Jun-08
logo
New Jersey Semi-Conduct...
IRF720 NJSEMI-IRF720 Datasheet
1,011Kb / 3P
   400 Volt, 1.8 Ohm HEXFET TO-220AB Plastic Package
More results

同様の説明 - IRF720

メーカー部品番号データシート部品情報
logo
Intersil Corporation
IRFF320 INTERSIL-IRFF320 Datasheet
325Kb / 7P
   2.5A, 400V, 1.800 Ohm, N-Channel Power MOSFET
BUZ76 INTERSIL-BUZ76 Datasheet
42Kb / 5P
   3A, 400V, 1.800 Ohm, N-Channel Power MOSFET
October 1998
IRFD320 INTERSIL-IRFD320 Datasheet
50Kb / 6P
   0.5A, 400V, 1.800 Ohm, N-Channel Power MOSFET
IRFR320 INTERSIL-IRFR320 Datasheet
55Kb / 7P
   3.1A, 400V, 1.800 Ohm, N-Channel Power MOSFETs
IRF610 INTERSIL-IRF610 Datasheet
55Kb / 7P
   3.3A, 200V, 1.500 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
IRF720A FAIRCHILD-IRF720A Datasheet
227Kb / 7P
   Advanced Power MOSFET (400V, 1.8ohm, 3.3A)
logo
Intersil Corporation
IRF320 INTERSIL-IRF320 Datasheet
67Kb / 7P
   2.8A and 3.3A, 350V and 400V, 1.8 and 2.5 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF320 NJSEMI-IRF320 Datasheet
137Kb / 3P
   2.8A and 3.3A, 350V and 400V, 1.8 and 2.5 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
IRF730 INTERSIL-IRF730 Datasheet
54Kb / 7P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
July 1999
logo
Unisonic Technologies
UF730 UTC-UF730 Datasheet
167Kb / 6P
   5.5A, 400V, 1.0 OHM, N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com