データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF9130 データシート(PDF) 4 Page - Intersil Corporation

部品番号 IRF9130
部品情報  -12A, -100V, 0.30 Ohm, P-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF9130 データシート(HTML) 4 Page - Intersil Corporation

  IRF9130 Datasheet HTML 1Page - Intersil Corporation IRF9130 Datasheet HTML 2Page - Intersil Corporation IRF9130 Datasheet HTML 3Page - Intersil Corporation IRF9130 Datasheet HTML 4Page - Intersil Corporation IRF9130 Datasheet HTML 5Page - Intersil Corporation IRF9130 Datasheet HTML 6Page - Intersil Corporation IRF9130 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
5-11
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. OUTPUT CHARACTERISTICS
FIGURE 6. SATURATION CHARACTERISTICS
FIGURE 7. TRANSFER CHARACTERISTICS
NOTE: Heating effect of 2
µs pulse is minimal.
FIGURE 8. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
Typical Performance Curves Unless Otherwise Specified (Continued)
VDS, DRAIN TO SOURCE VOLTAGE (V)
10
100
1
10
1
100
µs
1ms
10ms
DC
100
SINGLE PULSE
TJ = MAX RATED
TC = 25
oC
0.1
OPERATION IN THIS AREA
IS LIMITED BY rDS(ON)
100ms
10
µs
0
-10
-20
-30
-40
-4
-8
-12
-16
-20
-50
VGS = -10V
VGS = -9V
VGS = -8V
VGS = -7V
VGS = -6V
VGS = -5V
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = -4V
0
PULSE DURATION = 80
µs
0
-2
0
-1
-2
-3
-5
-4
-6
VDS, DRAIN TO SOURCE VOLTAGE (V)
-8
-4
-10
VGS = -7V
VGS = -10V
VGS = -9V
VGS = -4V
VGS = -5V
VGS = -6V
VGS = -8V
PULSE DURATION = 80
µs
-20
-16
-12
-8
-4
0
0
-2-4
-6-8
-10
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
VDS ≥ I D(ON) x rDS(ON)MAX
TJ = 125
oC
TJ = 25
oC
TJ = -55
oC
0
0.6
-10
-20
-30
-40
ID, DRAIN CURRENT (A)
-50
0.8
0
0.2
0.4
VGS = - 20V
PULSE DURATION = 2
µs
VGS = -10V
1.0
2.2
1.4
1.0
0.6
0.2
-40
0
40
TJ, JUNCTION TEMPERATURE (
oC)
120
1.8
80
VGS = -10V, ID = -4A
IRF9130


同様の部品番号 - IRF9130

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
IRF9130 SAMSUNG-IRF9130 Datasheet
508Kb / 12P
   P-CHANNEL POWER MOSFETS
logo
Seme LAB
IRF9130 SEME-LAB-IRF9130 Datasheet
19Kb / 2P
   P-CHANNEL POWER MOSFET
logo
International Rectifier
IRF9130 IRF-IRF9130 Datasheet
149Kb / 7P
   TRANSISTORS P-CHANNEL(Vdss=-100V, Rds(on)=0.30ohm, Id=-11A)
logo
Seme LAB
IRF9130 SEME-LAB-IRF9130 Datasheet
23Kb / 2P
   P?밅HANNEL POWER MOSFET
logo
Inchange Semiconductor ...
IRF9130 ISC-IRF9130 Datasheet
290Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - IRF9130

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
UTT12P10 UTC-UTT12P10 Datasheet
242Kb / 6P
   100V, 12A P-CHANNEL POWER MOSFET
logo
Intersil Corporation
IRF9530 INTERSIL-IRF9530 Datasheet
63Kb / 7P
   12A, 100V, 0.300 Ohm, P-Channel Power MOSFETs
BUZ20 INTERSIL-BUZ20 Datasheet
42Kb / 5P
   12A, 100V, 0.200 Ohm, N-Channel Power MOSFET
October 1998
RFP12P08 INTERSIL-RFP12P08 Datasheet
37Kb / 5P
   12A, 80V and 100V, 0.300 Ohm, P-Channel Power MOSFETs
IRFP9240 INTERSIL-IRFP9240 Datasheet
56Kb / 7P
   12A, 200V, 0.500 Ohm, P-Channel Power MOSFET
logo
Fairchild Semiconductor
RFP12N10L FAIRCHILD-RFP12N10L Datasheet
361Kb / 6P
   12A, 100V, 0.200 Ohm, Logic Level, N-Channel Power MOSFET
logo
Intersil Corporation
RFP12N10L INTERSIL-RFP12N10L Datasheet
38Kb / 5P
   12A, 100V, 0.200 Ohm, Logic Level, N-Channel Power MOSFET
logo
Unisonic Technologies
12N10 UTC-12N10 Datasheet
194Kb / 5P
   12A, 100V N-CHANNEL POWER MOSFET
logo
Solid States Devices, I...
SFF9130J SSDI-SFF9130J Datasheet
214Kb / 2P
   -11 AMP -100 VOLTS 0.30 ohm P-Channel Power MOSFET
SFF9130 SSDI-SFF9130 Datasheet
231Kb / 2P
   -11 AMP -100 VOLTS 0.30 ohm P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com