データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM13307 データシート(PDF) 8 Page - Analog Devices

部品番号 ADM13307
部品情報  Triple Processor Supervisors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM13307 データシート(HTML) 8 Page - Analog Devices

Back Button ADM13307_15 Datasheet HTML 4Page - Analog Devices ADM13307_15 Datasheet HTML 5Page - Analog Devices ADM13307_15 Datasheet HTML 6Page - Analog Devices ADM13307_15 Datasheet HTML 7Page - Analog Devices ADM13307_15 Datasheet HTML 8Page - Analog Devices ADM13307_15 Datasheet HTML 9Page - Analog Devices ADM13307_15 Datasheet HTML 10Page - Analog Devices ADM13307_15 Datasheet HTML 11Page - Analog Devices ADM13307_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADM13307
Rev. 0 | Page 8 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
0.6003
0.5985
FREE AIR TEMPERATURE, TA (°C)
0.6001
0.5999
0.5997
0.5995
0.5993
0.5991
0.5989
0.5987
–40
–20
0
20
406080
TA = 25°C
VDD = 2V
MR = OPEN
0
01000
10
9
8
7
6
5
4
3
2
1
100
200
300
400
500
600
700
800
900
VDD = 5.5V
MR = OPEN
SENSE THRESHOLD OVERDRIVE (mV)
Figure 7. ADM13307-18, ADM13307-25 and ADM13307-33 Minimum Pulse
Duration at Sense vs. Sense Threshold Overdrive
Figure 4. Sense Threshold Voltage vs. Free Air Temperature at VDD
40
–10
–1.0
6.5
SUPPLY VOLTAGE, VDD (V)
35
30
25
20
15
10
5
0
–5
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SENSEv = 5.5V
MR = OPEN
TA = 25°C
30
0
1000
40
39
38
37
36
35
34
33
32
31
100
200
300
400
500
600
700
800
900
VDD = 5.5V
MR = OPEN
SENSE THRESHOLD OVERDRIVE (mV)
Figure 5. Supply Current vs. Supply Voltage
Figure 8. ADM13307-4 and ADM13307-5 Minimum Pulse Duration at Sense
vs. Sense Threshold Overdrive
0
0–
–5
–4
–3
–2
–1
HIGH LEVEL OUTPUT CURRENT, IOH (mA)
2.50
6
2.00
1.00
0.50
1.50
–40°C
0°C
+25°C
+85°C
VDD = 2V
MR = OPEN
–900
–1.0
7.0
INPUT VOLTAGE AT MR, VI (V)
100
200
0
–100
–200
–300
–400
–500
–600
–700
–800
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
VDD = 5.5V
TA = 25°C
Figure 6. Input Current vs. Input Voltage at MR
Figure 9. High Level Output Voltage vs. High Level Output Current


同様の部品番号 - ADM13307_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM13307-18ARZ AD-ADM13307-18ARZ Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
ADM13307-18ARZ-RL7 AD-ADM13307-18ARZ-RL7 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
More results

同様の説明 - ADM13307_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS3307- TI-TPS3307- Datasheet
430Kb / 14P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-EP TI1-TPS3307-18-EP_16 Datasheet
984Kb / 18P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18 TI1-TPS3307-18_16 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI1-TPS3307-18-Q1_16 Datasheet
801Kb / 15P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18DG4 TI-TPS3307-18DG4 Datasheet
765Kb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI-TPS3307-18-Q1 Datasheet
255Kb / 12P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-25DG4 TI-TPS3307-25DG4 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307-5ARZ AD-ADM13307-5ARZ Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
ADM13307 AD-ADM13307 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
logo
Texas Instruments
TPS3307-18-EP TI-TPS3307-18-EP Datasheet
166Kb / 10P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com