データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM13307 データシート(PDF) 11 Page - Analog Devices

部品番号 ADM13307
部品情報  Triple Processor Supervisors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM13307 データシート(HTML) 11 Page - Analog Devices

Back Button ADM13307_15 Datasheet HTML 4Page - Analog Devices ADM13307_15 Datasheet HTML 5Page - Analog Devices ADM13307_15 Datasheet HTML 6Page - Analog Devices ADM13307_15 Datasheet HTML 7Page - Analog Devices ADM13307_15 Datasheet HTML 8Page - Analog Devices ADM13307_15 Datasheet HTML 9Page - Analog Devices ADM13307_15 Datasheet HTML 10Page - Analog Devices ADM13307_15 Datasheet HTML 11Page - Analog Devices ADM13307_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADM13307
Rev. 0 | Page 11 of 12
OUTLINE DIMENSIONS
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-012-AA
0.25 (0.0098)
0.17 (0.0067)
1.27 (0.0500)
0.40 (0.0157)
0.50 (0.0196)
0.25 (0.0099)
45°
1.75 (0.0688)
1.35 (0.0532)
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0040)
4
1
85
5.00 (0.1968)
4.80 (0.1890)
4.00 (0.1574)
3.80 (0.1497)
1.27 (0.0500)
BSC
6.20 (0.2441)
5.80 (0.2284)
0.51 (0.0201)
0.31 (0.0122)
COPLANARITY
0.10
Figure 16. 8-Lead Standard Small Outline Package [SOIC_N]
Narrow Body
(R-8)
Dimensions shown in millimeters and (inches).
ORDERING GUIDE
Model
Nominal Input Voltage
Threshold Voltage (Typical)
Temperature
Range
Package
Description
Package
Option
SENSE1
SENSE2
SENSE3
SENSE1
SENSE2
SENSE3
ADM13307-18ARZ1
3.3 V
1.8 V
Adj2
2.93 V
1.68 V
1.25 V
–40°C to +85°C
8-Lead SOIC_N
R-8
ADM13307-18ARZ-RL71
3.3 V
1.8 V
Adj2
2.93 V
1.68 V
1.25 V
–40°C to +85°C
8-Lead SOIC_N
R-8
ADM13307-25ARZ1
3.3 V
2.5 V
Adj2
2.93 V
2.25 V
1.25 V
–40°C to +85°C
8-Lead SOIC_N
R-8
ADM13307-25ARZ-RL71
3.3 V
2.5 V
Adj2
2.93 V
2.25 V
1.25 V
–40°C to +85°C
8-Lead SOIC_N
R-8
ADM13307-33ARZ1
5 V
3.3 V
Adj2
4.55 V
2.93 V
1.25 V
–40°C to +85°C
8-Lead SOIC_N
R-8
ADM13307-33ARZ-RL71
5 V
3.3 V
Adj2
4.55 V
2.93 V
1.25 V
–40°C to +85°C
8-Lead SOIC_N
R-8
ADM13307-4ARZ1
2.5 V
Adj3
Adj3
2.25 V
0.6 V
0.6 V
–40°C to +85°C
8-Lead SOIC_N
R-8
ADM13307-4ARZ-RL71
2.5 V
Adj3
Adj3
2.25 V
0.6 V
0.6 V
–40°C to +85°C
8-Lead SOIC_N
R-8
ADM13307-5ARZ1
3.3 V
Adj3
Adj3
2.93 V
0.6 V
0.6 V
–40°C to +85°C
8-Lead SOIC_N
R-8
ADM13307-5ARZ-RL71
3.3 V
Adj3
Adj3
2.93 V
0.6 V
0.6 V
–40°C to +85°C
8-Lead SOIC_N
R-8
1 Z = RoHS Compliant Part.
2 1.25 V adjustable. External resistor divider determines the actual sense voltage.
3 0.6 V adjustable. External resistor divider determines the actual sense voltage.


同様の部品番号 - ADM13307_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM13307-18ARZ AD-ADM13307-18ARZ Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
ADM13307-18ARZ-RL7 AD-ADM13307-18ARZ-RL7 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
More results

同様の説明 - ADM13307_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS3307- TI-TPS3307- Datasheet
430Kb / 14P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-EP TI1-TPS3307-18-EP_16 Datasheet
984Kb / 18P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18 TI1-TPS3307-18_16 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI1-TPS3307-18-Q1_16 Datasheet
801Kb / 15P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18DG4 TI-TPS3307-18DG4 Datasheet
765Kb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI-TPS3307-18-Q1 Datasheet
255Kb / 12P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-25DG4 TI-TPS3307-25DG4 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307-5ARZ AD-ADM13307-5ARZ Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
ADM13307 AD-ADM13307 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
logo
Texas Instruments
TPS3307-18-EP TI-TPS3307-18-EP Datasheet
166Kb / 10P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com