データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADMCF340 データシート(PDF) 10 Page - Analog Devices

部品番号 ADMCF340
部品情報  64-Lead Flash and ROM Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADMCF340 データシート(HTML) 10 Page - Analog Devices

Back Button ADMCF340_15 Datasheet HTML 6Page - Analog Devices ADMCF340_15 Datasheet HTML 7Page - Analog Devices ADMCF340_15 Datasheet HTML 8Page - Analog Devices ADMCF340_15 Datasheet HTML 9Page - Analog Devices ADMCF340_15 Datasheet HTML 10Page - Analog Devices ADMCF340_15 Datasheet HTML 11Page - Analog Devices ADMCF340_15 Datasheet HTML 12Page - Analog Devices ADMCF340_15 Datasheet HTML 13Page - Analog Devices ADMCF340_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
REV. A
ADMC(F)340
–10–
• SPORT0 has one pin, SCLK0, shared with SPORT1.
During a boot phase (SPORT1 Boot Mode enabled by a bit
in the MODECTRL Register), the serial clock of SPORT1 is
externally available. The serial clock of SPORT0 is externally
available when the SPORT1 is configured in UART Mode.
• SPORT0 can be configured as a SPI Port (master mode only).
Refer to Table XI for more information. The clock phase and
polarity are programmable through the MODECTRL Register.
Refer to Table XI for pin configuration.
• SPORT0 has a multichannel interface to selectively receive
and transmit a 24-word or 32-word time division multiplexed
serial bit stream.
• SPORT1 is the default port for program/data memory boot
loading and for the development tools interface. The DT1/FL1
pin can be configured as the SROM/E
2 PROM reset signal.
The ADMC(F)340 is available in a 64-lead LQFP package.
PIN FUNCTION DESCRIPTION
Table I. Pin List
Pin Group
No. of Input/
Name
Pins
Output Function
PWMPOL
1
I
PWM Polarity
PWMSR
1I
PWM Switched
Reluctance Mode
RESET
1I
Processor Reset Input
SPORT1
1
2
I/O
Serial Port 1 Pins
(DT1/FL1, DR1)
SPORT0
1
5
I/O
Serial Port 0 Pins
(DT0, DR0, RFS0,
TFS0, SCLK1/
SCLK0
2)
CLKOUT
1
1
1
I/O
Processor Clock
Output
CLKIN, XTAL
2
I/O
External Clock or
Quartz Crystal
Connection Point
PORTA0–PORTA8
1
9
I/O
Digital I/O Port Pins
PORTB0–PORTB15 16
I/O
Digital I/O Port Pins
AUX0–AUX1
1
2O
Auxiliary PWM
Outputs
AH-CL
6
O
PWM Outputs
PWMTRIP
1I
PWM Trip Signal
V1 to V3
3
I
ISENSE Inputs
ISENSE1 to ISENSE3
3I
Analog Inputs
VAUX0-VAUX7
7
I
Auxiliary Analog Inputs
ICONST
1
O
ADC Constant
Current Source
DVDD
3I
Power Supply
AVDD
3I
Power Supply
GND
3
I
Ground
NOTES
1Multiplexed pins, individually selectable through PORTA_SELECT and
PORTA_DATA Registers.
2SCLK1/SCLK0 multiplexed signals, selectable through MODECTRL
Register Bit 4.
INTERRUPT OVERVIEW
The ADMC(F)340 can respond to 34 different interrupt sources
with minimal overhead, seven of which are internal DSP core
interrupts and 27 of which are from the motor control peripherals.
The seven DSP core interrupts are SPORT1 receive (or
IRQ0)
and transmit (or
IRQ1), SPORT0 receive and transmit, the
internal timer, and two software interrupts. The motor control
peripheral interrupts are the 25 programmable I/Os and two from
the PWM (PWMSYNC pulse and
PWMTRIP). All motor control
interrupts are multiplexed into the DSP core through the periph-
eral
IRQ2 interrupt. The interrupts are internally prioritized and
individually maskable. A detailed description of the entire interrupt
system of the ADMC(F)340 is presented in the Interrupt
Control section, which follows the detailed descriptions of each
peripheral block.
MEMORY MAP
The ADMC(F)340 has two distinct memory types: program
and data. In general, program memory contains user code and
coefficients, while the data memory is used to store variables and
data during program execution. Three kinds of program memory are
provided on the ADMC(F)340: RAM, ROM, and FLASH. The
motor control peripherals are memory mapped into a region of the
data memory space starting at 0x2000. The complete program and
data memory maps are given in Tables II and III, respectively.
Table II. Program Memory Map
Memory
Address Range
Type
Function
0x0000–0x002F
RAM
Internal Vector Table
0x0030–0x01FF
RAM
User Program Memory
0x0200–0x07FF
Reserved
0x0800–0x17FF
ROM
Reserved Program Memory
0x1800–0x1FFF
Reserved
0x2000–0x20FF
FLASH
User Program Memory
Sector 0
0x2100–0x21FF
FLASH
User Program Memory
Sector 1
0x2200–0x2FFF
FLASH
User Program Memory
Sector 2
0x3000–0x3FFF
Reserved
Table III. Data Memory Map
Memory
Address Range
Type
Function
0x0000–0x1FFF
Reserved
0x2000–0x20FF
Memory Mapped Registers
0x2100–0x37FF
Reserved
0x3800–0x39FF
RAM
User Data Memory
0x3A00–0x3BFF
RAM
Reserved
0x3C00–0x3FFF
Memory Mapped Registers


同様の部品番号 - ADMCF340_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADMCF340-EVALKIT AD-ADMCF340-EVALKIT Datasheet
415Kb / 40P
   DashDSPTM 64-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End
REV. 0
ADMCF340BST AD-ADMCF340BST Datasheet
415Kb / 40P
   DashDSPTM 64-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End
REV. 0
More results

同様の説明 - ADMCF340_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADMCF341 AD-ADMCF341_15 Datasheet
385Kb / 36P
   28-Lead Flash and ROM Memory, Mixed-Signal DSPs with Enhanced Analog Front End
REV. A
logo
Eon Silicon Solution In...
EN25B64 EON-EN25B64 Datasheet
420Kb / 37P
   64 Megabit Serial Flash Memory with Boot and Parameter Sectors
logo
Cypress Semiconductor
S25FL064P CYPRESS-S25FL064P Datasheet
5Mb / 62P
   64-Mbit 3.0 V SPI Flash Memory
logo
Eon Silicon Solution In...
EN25P64 EON-EN25P64 Datasheet
540Kb / 34P
   64 Megabit Uniform Sector, Serial Flash Memory
logo
STMicroelectronics
STM32F303X6 STMICROELECTRONICS-STM32F303X6 Datasheet
1Mb / 115P
   Up to 64 Kbytes of Flash memory
October 2016 Rev 5
logo
Winbond
W29C512A WINBOND-W29C512A Datasheet
265Kb / 20P
   64 K x 8 CMOS FLASH MEMORY
logo
STMicroelectronics
STM32F107VCT6 STMICROELECTRONICS-STM32F107VCT6 Datasheet
1Mb / 103P
   64 to 256 Kbytes of Flash memory
M39208 STMICROELECTRONICS-M39208 Datasheet
218Kb / 30P
   Single Chip 2 Mbit Flash and 64 Kbit Parallel EEPROM Memory
logo
ATMEL Corporation
AT89EB5114 ATMEL-AT89EB5114_14 Datasheet
950Kb / 95P
   4 Kbytes ROM or 4 Kbytes Flash Program Memory
AT83EB5114 ATMEL-AT83EB5114_14 Datasheet
950Kb / 95P
   4 Kbytes ROM or 4 Kbytes Flash Program Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com