データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRFD110 データシート(PDF) 4 Page - Intersil Corporation

部品番号 IRFD110
部品情報  1A, 100V, 0.600 Ohm, N-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFD110 データシート(HTML) 4 Page - Intersil Corporation

  IRFD110 Datasheet HTML 1Page - Intersil Corporation IRFD110 Datasheet HTML 2Page - Intersil Corporation IRFD110 Datasheet HTML 3Page - Intersil Corporation IRFD110 Datasheet HTML 4Page - Intersil Corporation IRFD110 Datasheet HTML 5Page - Intersil Corporation IRFD110 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4-272
FIGURE 5. SATURATION CHARACTERISTICS
FIGURE 6. TRANSFER CHARACTERISTICS
NOTE: Heating effect of 2
µs pulse is minimal.
FIGURE 7. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 8. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 9. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 10. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
Typical Performance Curves Unless Otherwise Specified (Continued)
01
2
3
4
1
2
3
4
5
5
VDS, DRAIN TO SOURCE VOLTAGE (V)
0
VGS = 9V
VGS = 4V
VGS = 5V
VGS = 7V
VGS = 10V
VGS = 8V
VGS = 6V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
5
VGS, GATE TO SOURCE VOLTAGE (V)
4
3
2
0
8
6
4
2
010
1
TJ = 25
oC
TJ = 125
oC
TJ = -55
oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDS > ID(ON) x rDS(ON)MAX
0
1.0
2.0
246
ID, DRAIN CURRENT (A)
8
0
0.5
1.5
VGS = 10V
VGS = 20V
DUTY CYCLE = 0.5% MAX
2
µs PULSE TEST
2.5
1.5
1.0
0.5
0
-60
-20
40
TJ , JUNCTION TEMPERATURE (
oC)
120
140
2.0
80
100
60
20
0
-40
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VGS = 10V, ID = 0.8A
1.25
0.95
0.85
0.75
-60
-20
20
TJ , JUNCTION TEMPERATURE (
oC)
60
100
140
1.05
1.15
-40
0
40
80
120
ID = 250µA
500
100
0
0
20
50
300
VDS, DRAIN TO SOURCE VOLTAGE (V)
400
200
10
30
CISS
COSS
CRSS
40
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS CDS + CGD
IRFD110


同様の部品番号 - IRFD110

メーカー部品番号データシート部品情報
logo
International Rectifier
IRFD110 IRF-IRFD110 Datasheet
174Kb / 6P
   Power MOSFET(Vdss=100V, Rds(on)=0.54ohm, Id=1.0A)
logo
Vishay Siliconix
IRFD110 VISHAY-IRFD110 Datasheet
132Kb / 8P
   Power MOSFET
S-81263-Rev. A, 21-Jul-08
IRFD110 VISHAY-IRFD110 Datasheet
156Kb / 9P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFD110PBF IRF-IRFD110PBF Datasheet
1Mb / 8P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRFD110PBF VISHAY-IRFD110PBF Datasheet
132Kb / 8P
   Power MOSFET
S-81263-Rev. A, 21-Jul-08
More results

同様の説明 - IRFD110

メーカー部品番号データシート部品情報
logo
Intersil Corporation
IRFF110 INTERSIL-IRFF110 Datasheet
328Kb / 7P
   3.5A, 100V, 0.600 Ohm, N-Channel Power MOSFET
RFL1N10L INTERSIL-RFL1N10L Datasheet
29Kb / 5P
   1A, 100V, 1.200 Ohm, Logic Level, N-Channel Power MOSFET
logo
STMicroelectronics
STQ1NE10L STMICROELECTRONICS-STQ1NE10L Datasheet
311Kb / 9P
   N-CHANNEL 100V - 0.3 ohm - 1A TO-92 STripFET??POWER MOSFET
logo
Intersil Corporation
JANSR2N7410 INTERSIL-JANSR2N7410 Datasheet
45Kb / 8P
   3.5A, 100V, 0.600 Ohm, Rad Hard, N-Channel Power MOSFET
RFL1N08 INTERSIL-RFL1N08 Datasheet
30Kb / 4P
   1A, 80V and 100V, 1.200 Ohm, N-Channel, Power MOSFETs
IRF9520 INTERSIL-IRF9520 Datasheet
57Kb / 7P
   6A, 100V, 0.600 Ohm, P-Channel Power MOSFET
IRF520 INTERSIL-IRF520 Datasheet
69Kb / 7P
   9.2A, 100V, 0.270 Ohm, N-Channel Power MOSFET
November 1999
IRFF120 INTERSIL-IRFF120 Datasheet
325Kb / 7P
   6.0A, 100V, 0.300 Ohm, N-Channel Power MOSFET
logo
New Jersey Semi-Conduct...
IRFF130 NJSEMI-IRFF130 Datasheet
150Kb / 3P
   8.0A, 100V, 0.180 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
BUZ21 INTERSIL-BUZ21 Datasheet
46Kb / 6P
   19A, 100V, 0.100 Ohm, N-Channel Power MOSFET
October 1998
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com