データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SD1766 データシート(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

部品番号 2SD1766
部品情報  NPN Epitaxial Planar Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SD1766 データシート(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SD1766_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SD1766_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
2SD1766
2A, 40V
NPN Epitaxial Planar Transistor
04-Nov-2014 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
E
C
D
B
K
H
F
G
L
J
1
2
3
4
1
Base
3
Emitter
Collector
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The 2SD1766 is suited for the output stage of 0.5W audio,
voltage regulator, and relay driver.
CLASSIFICATION OF hFE
Product Rank
2SD1766-P
2SD1766-Q
2SD1766-R
Range
82~180
120~270
180~390
Marking
DBP
DBQ
DBR
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-89
1K
7’ inch
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCEO
32
V
Emitter-Base Voltage
VEBO
5.0
V
Collector Current -Continuous
IC
2.0
A
Total Power Dissipation
PD
0.5
W
Junction & Storage temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-base breakdown voltage
V(BR)CBO
40
-
-
V
IC= 50 µA, IE=0
Collector-emitter breakdown
voltage
V(BR)CEO
32
-
-
V
IC= 1 mA, IB=0
Emitter-base breakdown voltage
V(BR)EBO
5.0
-
-
V
IE= 50 µA, IC=0
Collector cut-off current
ICBO
-
-
-
1
µ
A
VCB= 20 V, IE=0
Emitter cut-off current
IEBO
-
-
1
µ
A
VEB= 4 V, IC=0
DC current gain
hFE
82
-
390
VCE= 3 V, IC= 0.5 A
Collector-emitter saturation voltage
VCE(sat)
-
-
0.8
V
IC= 2 A, IB= 0.2 A
Transition frequency
f T
-
100
-
MHz
VCE=5V, IE=50mA, f=100MHz
Output Capacitance
COB
-
30
-
pF
VCB=10V, IE=0, f=1MHz
SOT-89
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.60
G
0.40
0.58
B
3.94
4.25
H
1.50
TYP
C
1.40
1.60
J
3.00
TYP
D
2.30
2.60
K
0.32
0.52
E
1.50
1.70
L
0.35
0.44
F
0.89
1.20
1. Base
2. Collector
3. Emitter


同様の部品番号 - 2SD1766_15

メーカー部品番号データシート部品情報
logo
SHENZHEN YONGERJIA INDU...
2SD1766 WINNERJOIN-2SD1766_15 Datasheet
126Kb / 1P
   NPN TRANSISTOR
More results

同様の説明 - 2SD1766_15

メーカー部品番号データシート部品情報
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com