データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI2303DS-HF-3 データシート(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

部品番号 SI2303DS-HF-3
部品情報  P-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
ホームページ  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI2303DS-HF-3 データシート(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  SI2303DS-HF-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI2303DS-HF-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI2303DS-HF-3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI2303DS-HF-3 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=-250μA, VGS=0V
-30
V
VDS=-30V, VGS=0V
-1
VDS=-30V, VGS=0V, TJ=55℃
-10
Gate-Body leakage current
IGSS
VDS=0V, VGS=±20V
±
100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS ID=-250μA
-1.0
-3.0
V
VGS=-10V, ID=-1.7A
200
VGS=-4.5V, ID=-1.3A
380
On state drain current *1
ID(ON)
VGS=-10V, VDS≥-5V
-6
A
Forward Transconductance *1
gFS
VDS=-10V, ID=-1.7A
2.4
S
Input Capacitance *2
Ciss
226
Output Capacitance *2
Coss
87
Reverse Transfer Capacitance *2
Crss
19
Total Gate Charge *2
Qg
5.8
10
Gate Source Charge *2
Qgs
0.8
Gate Drain Charge *2
Qgd
1.5
Turn-On DelayTime *3
td(on)
20
20
20
35
9.0
9.0
Turn-On Rise Time *3
tr
Turn-Off DelayTime *3
td(off)
18
Turn-Off Fall Time *3
tf
6.0
Maximum Body-Diode Continuous Current
IS
-1.25
A
Diode Forward Voltage
VSD
IS=-1.25A,VGS=0V
-0.8
-1.2
V
VGS=0V, VDS=-15V, f=1MHz
VGS=-10V, VDS=-4.5V, ID=-1.7A
VGS=-10V, VDS=-15V, RL=15Ω,RGEN=6Ω
ID=-1.0A
pF
nC
ns
Zero Gate Voltage Drain Current
IDSS
μ
A
RDS(On)
Static Drain-Source On-Resistance *1
*1 Pulse test: PW ≤ 300us duty cycle≤ 2%.
*2 For DESIGN AID ONLY, not subject to production testing.
*3 Switching time is essentially independent of operating temperature.
Marking
Marking
A3* F
P-Channel MOSFET
SI2303DS-HF (KI2303DS-HF)


同様の部品番号 - SI2303DS-HF-3

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
SI2303DS-HF KEXIN-SI2303DS-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
More results

同様の説明 - SI2303DS-HF-3

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com