データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADP1610 データシート(PDF) 4 Page - Analog Devices

部品番号 ADP1610
部品情報  1.2 MHz DC-to-DC Step-Up Switching Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADP1610 データシート(HTML) 4 Page - Analog Devices

  ADP1610_15 Datasheet HTML 1Page - Analog Devices ADP1610_15 Datasheet HTML 2Page - Analog Devices ADP1610_15 Datasheet HTML 3Page - Analog Devices ADP1610_15 Datasheet HTML 4Page - Analog Devices ADP1610_15 Datasheet HTML 5Page - Analog Devices ADP1610_15 Datasheet HTML 6Page - Analog Devices ADP1610_15 Datasheet HTML 7Page - Analog Devices ADP1610_15 Datasheet HTML 8Page - Analog Devices ADP1610_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADP1610
Rev. A | Page 4 of 20
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
IN, COMP, SD, SS, RT, FB to GND
−0.3 V to +6 V
SW to GND
14 V
RMS SW Pin Current
1.2 A
Operating Ambient Temperature Range
−40°C to +85°C
Operating Junction Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
θJA, Two Layers
206°C/W
θJA, Four Layers
142°C/W
Lead Temperature (Soldering, 60 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
REF
RAMP
GEN
Q
S
R
F/F
DRIVER
CURRENT
SENSE
AMPLIFIER
COMP
SW
FB
IN
COMPARATOR
ERROR
AMP
GND
BIAS
gm
SD
SS
VOUT
ADP1610
IN
VOUT
OSC
SOFT START
RT
R1
R2
CSS
CC
CIN
COUT
D1
L1
RC
VIN
1.2MHz
700kHz
1
6
5
4
3
7
2
8
Figure 2. Block Diagram and Typical Application Circuit


同様の部品番号 - ADP1610_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADP1610ARMZ-R7 AD-ADP1610ARMZ-R7 Datasheet
948Kb / 16P
   1.2 MHz DC-DC Step-Up Switching Converter
REV. 0
More results

同様の説明 - ADP1610_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADP1610 AD-ADP1610 Datasheet
948Kb / 16P
   1.2 MHz DC-DC Step-Up Switching Converter
REV. 0
ADP1611 AD-ADP1611 Datasheet
743Kb / 20P
   20 V,1.2 MHz Step-Up DC-to-DC Switching Converter
REV. 0
ADP1611 AD-ADP1611_15 Datasheet
751Kb / 20P
   20 V,1.2 MHz Step-Up DC-to-DC Switching Converter
REV. 0
logo
Texas Instruments
TPS61085 TI1-TPS61085_17 Datasheet
1Mb / 30P
[Old version datasheet]   650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
TPS61085-Q1 TI1-TPS61085-Q1 Datasheet
794Kb / 22P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085T TI1-TPS61085T Datasheet
874Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61087 TI-TPS61087 Datasheet
928Kb / 25P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085 TI-TPS61085 Datasheet
731Kb / 23P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085T TI-TPS61085T_15 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI-TPS61085-Q1_15 Datasheet
779Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com