データシートサーチシステム |
|
SI2315BDS-HF データシート(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd |
|
SI2315BDS-HF データシート(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd |
2 / 5 page SMD Type www.kexin.com.cn 2 MOSFET ■ Electrical Characteristics Ta = 25℃ Parameter Symbol Test Conditions Min Typ Max Unit Drain-Source Breakdown Voltage VDSS ID=-250μA, VGS=0V -12 V VDS=-12V, VGS=0V -1 VDS=-12V, VGS=0V, TJ=55℃ -10 Gate-Body leakage current IGSS VDS=0V, VGS=±8V ± 100 nA Gate Threshold Voltage VGS(th) VDS=VGS ID=-250μA -0.45 -0.9 V VGS=-4.5V, ID=-3.85A 50 VGS=-2.5V, ID=-3.4A 65 VGS=-1.8V, ID=-2.7A 100 VGS=-4.5V, VDS=-5V -6 VGS=-2.5V, VDS=-5V -3 Forward Transconductance gFS VDS=-5V, ID=-3.85A 7 S Input Capacitance Ciss 715 Output Capacitance Coss 275 Reverse Transfer Capacitance Crss 200 Total Gate Charge Qg 8 15 Gate Source Charge Qgs 1.1 Gate Drain Charge Qgd 2.3 Turn-On DelayTime td(on) 15 20 Turn-On Rise Time tr 35 50 Turn-Off DelayTime td(off) 50 70 Turn-Off Fall Time tf 50 75 Maximum Body-Diode Continuous Current IS -1.6 A Diode Forward Voltage VSD IS=-1.6A,VGS=0V -1.2 V VGS=-4.5V, VDS=-6V, RL=6Ω,RGEN=6Ω ID=1.0A *1 pF nC On state drain current ID(ON) A ns Zero Gate Voltage Drain Current IDSS μ A mΩ RDS(On) Static Drain-Source On-Resistance VGS=0V, VDS=-6V, f=1MHz *1 VGS=-4.5V, VDS=-6V, ID=-3.85A *1 *1 Pulse test: PW ≤ 300 μs duty cycle ≤ 2 %. ■ Marking Marking M5* F P-Channel MOSFET SI2315BDS-HF (KI2315BDS-HF) |
同様の部品番号 - SI2315BDS-HF |
|
同様の説明 - SI2315BDS-HF |