データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL37106P-CD データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISL37106P-CD
部品情報  PRISM 3 11Mbps Wireless Local Area Network PCMCIA
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL37106P-CD データシート(HTML) 1 Page - Intersil Corporation

  ISL37106P-CD Datasheet HTML 1Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
®
FN8063
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved. PRISM® is a registered trademark of Intersil Americas Inc.
PRISM and design is a trademark of Intersil Americas Inc. Microsoft® Windows® and Microsoft® Windows NT® are registered trademarks of Microsoft Corporation.
All other trademarks mentioned are the property of their respective owners.
PRELIMINARY
ISL37106P-EVAL
PRISM® 3 11Mbps Wireless Local Area
Network PCMCIA
The Intersil ISL37106P WLAN
PCMCIA (Note 4) is a complete
wireless high speed Network
Interface Card (NIC) utilizing the Intersil PRISM 3 Direct
Sequence Spread Spectrum (DSSS) Wireless Transceiver
chip set. It provides a complete PRISM 3 reference design
evaluation platform of hardware and software to system
providers or integrators requiring wireless data
communications capability and is ideal for integration into
computer platforms.
Evaluation kits include a pair of WLAN PCMCIA cards
designed to Intersil’s PRISM reference design, Microsoft®
Windows® Driver, Local Area Network evaluation software,
PRISM Transmitter Test Utilities (PTTU) software (Note 6)
and documentation to get your evaluation started quickly. It
supports the IEEE802.11b network specification for DSSS
signaling, providing data rates of 1, 2, 5.5 and 11Mbps.
Access Points are available from a number of suppliers,
enabling a total wireless network solution. Typical operating
ranges are shown in Table 1
Features
• FCC Certified Under Part 15 to Operate in 2.4GHz
ISM Band
• Support for 11, 5.5, 2 and 1Mbps Data Rates
• Supports the lEEE802.11b Direct Sequence Specification
• Driver Supports Microsoft Windows 95, 98, 2000, NT, CE,
ME and XP
• Supports Dual Diversity Antennas
• Advanced RAKE Receiver Design with Decision Feedback
Equalizer
• Provides Wireless Data Communications at Full Ethernet
Speed
• Designed to Fully Support PCMCIA Type II Defined
Mechanical and Environmental Stress Conditions
• Intelligent Power Control, Including Low Power Standby
Mode
• Complete Reference Design, the ISL37106P-CD is
available to ensure minimum time-to-market.
Packaging
NOTES:
1. Throughout this document, all references to, ‘PCMCIA’, ‘WLAN adapter’, ‘adapter’, or ‘card’ refer to a card assembly conforming to the
mechanical size specifications of the PCMCIA type 3A.
2. The range will vary in different operating environments due to effects such as building construction.
3. At present, PTTU supports Windows 95, 98, NT, 2000 and ME
TABLE 1. TYPICAL OPERATING RANGE (Note 5)
DATA RATE (Mbps)
INDOOR RANGE
OUTDOOR RANGE
11
120 feet (37 meters)
400 feet (152 meters)
5.5
200 feet (61 meters)
800 feet (243 meters)
2
240 feet (73 meters)
1300 feet (396 meters)
1
300 feet (91 meters)
1750 feet (533 meters)
Ordering Information
PART NUMBER
DESCRIPTION
CARDS/SET
ISL37106P-EVAL
WLAN Evaluation Kit
2
ISL37106P-CD
Reference Design
N/A
Data Sheet
February 2003


同様の部品番号 - ISL37106P-CD

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL37105P-CD INTERSIL-ISL37105P-CD Datasheet
108Kb / 1P
   PRISM 3 11 Mbps Wireless Local Area Network PCMCIA
ISL37105P-EVAL INTERSIL-ISL37105P-EVAL Datasheet
108Kb / 1P
   PRISM 3 11 Mbps Wireless Local Area Network PCMCIA
More results

同様の説明 - ISL37106P-CD

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL37400M-EVAL INTERSIL-ISL37400M-EVAL Datasheet
563Kb / 6P
   PRISM 2.5 11Mbps Wireless Local Area Network miniPCI
ISL36356A-APDK INTERSIL-ISL36356A-APDK Datasheet
150Kb / 7P
   PRISM 11Mbps Wireless Local Area Network Access Point
ISL37105P-EVAL INTERSIL-ISL37105P-EVAL Datasheet
108Kb / 1P
   PRISM 3 11 Mbps Wireless Local Area Network PCMCIA
ISL37300P-EVAL INTERSIL-ISL37300P-EVAL Datasheet
119Kb / 6P
   PRISM 2.5 11Mbps Wireless Local Area Network PC Card
HWB3163-EVAL INTERSIL-HWB3163-EVAL Datasheet
127Kb / 6P
   PRISM II??11Mbps Wireless Local Area Network PC Card
ISL37200M-EVAL INTERSIL-ISL37200M-EVAL Datasheet
479Kb / 1P
   PRISM 3 11 Mbps Wireless Local Area Network miniPCI
ISL39300A-DAPDK INTERSIL-ISL39300A-DAPDK Datasheet
56Kb / 1P
   PRISM 54Mbps Wireless Local Area Network Access Point
ISL37704M-EVAL INTERSIL-ISL37704M-EVAL Datasheet
65Kb / 1P
   PRISM Indigo??54Mbps Wireless Local Area Network miniPCI
WLANKITPR1-EVAL INTERSIL-WLANKITPR1-EVAL Datasheet
66Kb / 6P
   Wireless Local Area Network PC Card
PRISM1BRDA INTERSIL-PRISM1BRDA Datasheet
75Kb / 7P
   OEM Wireless Local Area Network PC Card
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com