データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL37400M-EVAL データシート(PDF) 3 Page - Intersil Corporation

部品番号 ISL37400M-EVAL
部品情報  PRISM 2.5 11Mbps Wireless Local Area Network miniPCI
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL37400M-EVAL データシート(HTML) 3 Page - Intersil Corporation

  ISL37400M-EVAL Datasheet HTML 1Page - Intersil Corporation ISL37400M-EVAL Datasheet HTML 2Page - Intersil Corporation ISL37400M-EVAL Datasheet HTML 3Page - Intersil Corporation ISL37400M-EVAL Datasheet HTML 4Page - Intersil Corporation ISL37400M-EVAL Datasheet HTML 5Page - Intersil Corporation ISL37400M-EVAL Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
IEEE802.11 International Agreement and
Frequency Assignments
The IEEE802 LAN committee has forged an international
agreement providing for wireless data communication
standards for the frequency range of 2.4GHz to
2.4835GHz, as allocated by the FCC in the USA, and in the
2.471GHz to 2.497GHz frequency range, as specified by
the regulatory authority in Japan. These standards are
designed to focus the industry to develop highly integrated,
low cost, interoperable WLAN equipment, of which the
ISL37400M-EVAL is a prime example.
In the USA, there are 11 channels specified by the FCC in
the 2.412GHz to 2.462GHz range. In Japan, channel 14 at
2.484GHz is authorized under ARIB STD-33 and channels
1-13 are authorized under ARIB STD-T66. The ETSl
(European) regulatory body conforms to the USA (FCC)
channel assignments with the exception that channels 12
and 13 are also allowed. Some countries in Europe, notably
France and Spain have unique channel restrictions.
Although information contained in Table 3 is deemed to be
accurate, local regulatory authorities should be consulted
before using such equipment.
The available channels of operation in the 2.4GHz to
2.4835GHz and 2.471GHz to 2.497GHz ranges are as follows:
The ISL37400M is shipped with FCC-compliant firmware. In
order to ensure regulatory-compliant channel usage in a
particular country, special geographic-specific firmware is
available for customer production assemblies which restricts
channel usage. Examples include ETSI-compliant firmware,
etc. Since the end user does not have the ability to alter this
firmware, regulatory compliance is ensured.
Agency and Regulatory Body Approvals
The WLAN miniPCI will comply to the standards shown in
Table 4:
TABLE 2. CIS PLUG AND PLAY (PnP)
FUNCTION NAME
CONTENT
Manufacturer’s ID
00
Function ID
Network Adapter
Product Revision
1
Manufacturer
Intersil Corporation
Product
12603873
PROG
LOT
TABLE 3. IEEE802.11 CHANNELS
CHANNEL
NUMBER
CHANNEL
FREQUENCY
GEOGRAPHIC
USAGE
1
2412MHz
US, CA, ETSI, MKK
2
2417MHz
US, CA, ETSI, MKK
3
2422MHz
US, CA, ETSI, MKK
4
2427MHz
US, CA, ETSI, MKK
5
2432MHz
US, CA, ETSI, MKK
6
2437MHz
US, CA, ETSI, MKK
7
2442MHz
US, CA, ETSI, MKK
8
2447MHz
US, CA, ETSI, MKK
9
2452MHz
US, CA, ETSI, MKK
10
2457MHz
US, CA, ETSI, MKK, FR, SP
11
2462MHz
US, CA, ETSI, MKK, FR, SP
12
2467MHz
ETSI, FR, MKK
13
2472MHz
ETSI, FR, MKK
14
2484MHz
MKK
KEY:
US = United States, CA = Canada, ETSI = European
countries (except France and Spain),
FR = France, SP = Spain, MKK = Japan
TABLE 4. COMPLIANCE STANDARDS
COUNTRY
APPROVAL
NOTES
USA
FCC part 15,
Sec. 15.247,
Sec. 15.107 and 15.109
Approved for
Intentional
Radiators &
Computer
Peripheral
Canada
ICAN RSS-210
Designed for
compliance
Europe
EN 60950
EN 301 489-1 V1.2.1 (2000-08)
EN 301 489-17 V1.1.1 (2000-09)
EN 300 328 Part 1 V1.2.2 (2000-07)
EN 300 328 Part 2 V1.1.1 (2000-07)
Designed for
compliance
Japan
ARIB STD-T66
ARIB STD-33
Designed for
compliance
TABLE 3. IEEE802.11 CHANNELS (Continued)
CHANNEL
NUMBER
CHANNEL
FREQUENCY
GEOGRAPHIC
USAGE
ISL37400M-EVAL


同様の部品番号 - ISL37400M-EVAL

メーカー部品番号データシート部品情報
logo
ice Components, Ins.
ISL37-220 ICE-ISL37-220 Datasheet
317Kb / 2P
   SMT Power Inductor
ISL37-220 ICE-ISL37-220 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
ISL37-291 ICE-ISL37-291 Datasheet
317Kb / 2P
   SMT Power Inductor
ISL37-291 ICE-ISL37-291 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
ISL37-3R8 ICE-ISL37-3R8 Datasheet
317Kb / 2P
   SMT Power Inductor
More results

同様の説明 - ISL37400M-EVAL

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL37300P-EVAL INTERSIL-ISL37300P-EVAL Datasheet
119Kb / 6P
   PRISM 2.5 11Mbps Wireless Local Area Network PC Card
ISL37106P-EVAL INTERSIL-ISL37106P-EVAL Datasheet
50Kb / 1P
   PRISM 3 11Mbps Wireless Local Area Network PCMCIA
ISL37704M-EVAL INTERSIL-ISL37704M-EVAL Datasheet
65Kb / 1P
   PRISM Indigo??54Mbps Wireless Local Area Network miniPCI
ISL36356A-APDK INTERSIL-ISL36356A-APDK Datasheet
150Kb / 7P
   PRISM 11Mbps Wireless Local Area Network Access Point
HWB3163-EVAL INTERSIL-HWB3163-EVAL Datasheet
127Kb / 6P
   PRISM II??11Mbps Wireless Local Area Network PC Card
ISL37200M-EVAL INTERSIL-ISL37200M-EVAL Datasheet
479Kb / 1P
   PRISM 3 11 Mbps Wireless Local Area Network miniPCI
ISL39300A-DAPDK INTERSIL-ISL39300A-DAPDK Datasheet
56Kb / 1P
   PRISM 54Mbps Wireless Local Area Network Access Point
ISL37105P-EVAL INTERSIL-ISL37105P-EVAL Datasheet
108Kb / 1P
   PRISM 3 11 Mbps Wireless Local Area Network PCMCIA
WLANKITPR1-EVAL INTERSIL-WLANKITPR1-EVAL Datasheet
66Kb / 6P
   Wireless Local Area Network PC Card
PRISM1BRDA INTERSIL-PRISM1BRDA Datasheet
75Kb / 7P
   OEM Wireless Local Area Network PC Card
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com