データシートサーチシステム |
|
SI2343DS-HF-3 データシート(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd |
|
SI2343DS-HF-3 データシート(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd |
1 / 5 page SMD Type www.kexin.com.cn 1 MOSFET ■ Features ● VDS (V) =-30V ● ID =-4 A (VGS =-10V) ● RDS(ON) < 53mΩ (VGS =-10V) ● RDS(ON) < 86mΩ (VGS =-4.5V) G S D 2 3 1 ■ Absolute Maximum Ratings Ta = 25℃ Symbol 5 s Steady State Unit VDS VGS TA = 25 °C -4 -3.1 TA = 70 °C -3.2 -2.5 IDM TA = 25 °C 1.25 0.75 TA = 70 °C 0.8 0.48 RthJA 100 166 RthJF 50 TJ Tstg 150 -55 to 150 Thermal Resistance.Junction- to-Ambient Thermal Resistance.Junction- to-Foot Junction Temperature Junction Storage Temperature Range Pulsed Drain Current -15 Power Dissipation PD Parameter -30 ± 20 Continuous Drain Current ID Gate-Source Voltage Drain-Source Voltage V ℃ /W A ℃ W ● Pb−Free Package May be Available. The G−Suffix Denotes a Pb−Free Lead Finish P-Channel MOSFET SI2343DS-HF (KI2343DS-HF) 0.4 +0.1 -0.1 2.9 +0.2 -0.1 0.95 +0.1 -0.1 1.9 +0.1 -0.2 1 2 3 Unit: mm SOT-23-3 0.15 +0.02 -0.02 1. Gate 2. Source 3. Drain |
同様の部品番号 - SI2343DS-HF-3 |
|
同様の説明 - SI2343DS-HF-3 |