データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI3475DV-HF データシート(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

部品番号 SI3475DV-HF
部品情報  P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
ホームページ  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI3475DV-HF データシート(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  SI3475DV-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI3475DV-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI3475DV-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI3475DV-HF Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd SI3475DV-HF Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=-250μA, VGS=0V
-200
V
VDS=-200V, VGS=0V
-1
VDS=-200V, VGS=0V, TJ=55℃
-10
Gate-Body leakage current
IGSS
VDS=0V, VGS=±20V
±
100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS ID=-250μA
-2
-4
V
VGS=-10V, ID=-0.9A
1.61
VGS=-6V, ID=-0.7A
1.65
On state drain current
ID(ON)
VGS=-10V, VDS≥-10V
-2
A
Forward Transconductance
gFS
VDS=-10V, ID=-0.9A
3.5
S
Input Capacitance
Ciss
500
Output Capacitance
Coss
26
Reverse Transfer Capacitance
Crss
18
Gate resistance
Rg
f=1MHz
9
14
Ω
VGS=-10V, VDS=-100V, ID=-1A
11.7
18
7.8
12
Gate Source Charge
Qgs
2
Gate Drain Charge
Qgd
3.7
Turn-On DelayTime
td(on)
9
14
Turn-On Rise Time
tr
11
18
Turn-Off DelayTime
td(off)
28
42
Turn-Off Fall Time
tf
12
18
Turn-On DelayTime
td(on)
14
21
Turn-On Rise Time
tr
29
44
Turn-Off DelayTime
td(off)
23
35
Turn-Off Fall Time
tf
14
21
Body Diode Reverse Recovery Time
trr
84
130
Body Diode Reverse Recovery Charge
Qrr
235
350
nC
Reverse Recovery Fall Time
ta
46
Reverse Recovery Rise Time
tb
38
Maximum Body-Diode Continuous Current
IS
TC = 25 °C
-0.95
Pulse Diode Forward Current
ISM
-3
Diode Forward Voltage
VSD
IS=-1A,VGS=0V
-1.2
V
nC
VDD = - 100 V, RL = 100 Ω
ID ≅ - 1 A, VGEN = - 6 V, Rg = 1 Ω
IF=-1.2A, dI/dt=100A/μs,TJ = 25℃
A
VGS=0V, VDS=-50V, f=1MHz
VGS=-6V, VDS=-100V, ID=-1A
Total Gate Charge
Qg
pF
ns
Zero Gate Voltage Drain Current
IDSS
μ
A
Ω
VDD = - 100 V, RL = 100 Ω
ID ≅ - 1 A, VGEN = - 10 V, Rg = 1 Ω
RDS(On)
Static Drain-Source On-Resistance
Marking
Marking
AI*** F
nS
P-Channel MOSFET
SI3475DV-HF (KI3475DV-HF)


同様の部品番号 - SI3475DV-HF

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI3475DV-T1-E3 VISHAY-SI3475DV-T1-E3 Datasheet
119Kb / 7P
   P-Channel 200-V (D-S) MOSFET
Rev. A, 06-Nov-06
More results

同様の説明 - SI3475DV-HF

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com