データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL43240IA-T データシート(PDF) 10 Page - Intersil Corporation

部品番号 ISL43240IA-T
部品情報  Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43240IA-T データシート(HTML) 10 Page - Intersil Corporation

Back Button ISL43240IA-T Datasheet HTML 6Page - Intersil Corporation ISL43240IA-T Datasheet HTML 7Page - Intersil Corporation ISL43240IA-T Datasheet HTML 8Page - Intersil Corporation ISL43240IA-T Datasheet HTML 9Page - Intersil Corporation ISL43240IA-T Datasheet HTML 10Page - Intersil Corporation ISL43240IA-T Datasheet HTML 11Page - Intersil Corporation ISL43240IA-T Datasheet HTML 12Page - Intersil Corporation ISL43240IA-T Datasheet HTML 13Page - Intersil Corporation ISL43240IA-T Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
Typical Performance Curves TA = 25oC, Unless Otherwise Specified
FIGURE 9. ON RESISTANCE vs POSITIVE SUPPLY VOLTAGE
FIGURE 10. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 11. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 12. CHARGE INJECTION vs SWITCH VOLTAGE
FIGURE 13. TURN - ON TIME vs POSITIVE SUPPLY VOLTAGE
FIGURE 14. TURN - OFF TIME vs POSITIVE SUPPLY VOLTAGE
V+ (V)
2468
10
12
3579
11
13
0
50
100
150
200
25
75
125
V- = 0V
-40oC
85oC
25oC
10
15
20
25
30
35
V- = -3V
-40oC
85oC
25oC
15
20
25
V- = -5V
VCOM = (V+) - 1V
ICOM = 1mA
-40oC
85oC
25oC
10
15
20
25
30
35
20
30
40
50
60
70
VCOM (V)
0246
8
10
12
1
3579
11
V+ = 3V
V+ = 5V
25oC
-40oC
85oC
25oC
-40oC
85oC
V- = 0V
V- = 0V
ICOM = 1mA
8
10
12
14
16
18
20
-40oC
85oC
V+ = 12V
V- = 0V
25oC
20
25
30
35
40
45
10
15
20
25
VCOM (V)
-4
-2
024
-5
-3
-1
1
3
5
VS = ±5V
VS = ±3V
ICOM = 1mA
VS = ±2V
25oC
85oC
25oC
-40oC
85oC
-40oC
5
10
15
20
25
30
35
25oC
-40oC
85oC
VCOM (V)
-5
0
5
10
-2.5
2.5
7.5
12.5
-10
-5
0
5
10
15
VS = ±5V
V+ = 5V
V+ = 3V
V+ = 12V
V+ (V)
2468
10
12
0
50
100
150
200
250
300
3
579
11
V- = 0V
VCOM = (V+) - 1V
-40oC
85oC
25oC
V+ (V)
2
468
10
12
10
20
30
40
50
357
9
11
VCOM = (V+) - 1V
V- = 0V
-40oC
85oC
25oC
ISL43240


同様の部品番号 - ISL43240IA-T

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL43240IA-T INTERSIL-ISL43240IA-T Datasheet
463Kb / 14P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switches
More results

同様の説明 - ISL43240IA-T

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL43240 INTERSIL-ISL43240_04 Datasheet
463Kb / 14P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switches
ISL8394 INTERSIL-ISL8394 Datasheet
294Kb / 11P
   Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
ISL8394 INTERSIL-ISL8394_06 Datasheet
383Kb / 11P
   Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
logo
Renesas Technology Corp
ISL8394 RENESAS-ISL8394 Datasheet
607Kb / 11P
   Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
logo
Intersil Corporation
ISL43240IAZ INTERSIL-ISL43240IAZ Datasheet
498Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switch
December 15, 2014
logo
Renesas Technology Corp
ISL43240 RENESAS-ISL43240 Datasheet
975Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switch
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Renesas Technology Corp
ISL43143 RENESAS-ISL43143 Datasheet
990Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140 Datasheet
432Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
ISL43143 INTERSIL-ISL43143 Datasheet
470Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com